Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT5551LT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBT5551LT1
Description  High Voltage Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT5551LT1 Datasheet(HTML) 3 Page - ON Semiconductor

  MMBT5551LT1 Datasheet HTML 1Page - ON Semiconductor MMBT5551LT1 Datasheet HTML 2Page - ON Semiconductor MMBT5551LT1 Datasheet HTML 3Page - ON Semiconductor MMBT5551LT1 Datasheet HTML 4Page - ON Semiconductor MMBT5551LT1 Datasheet HTML 5Page - ON Semiconductor MMBT5551LT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMBT5550LT1, MMBT5551LT1
http://onsemi.com
3
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mA)
500
TJ = 125°C
−55 °C
25°C
5.0
10
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
200
30
20
300
100
50
7.0
VCE = 1.0 V
VCE = 5.0 V
Figure 2. Collector Saturation Region
IB, BASE CURRENT (mA)
1.0
IC = 1.0 mA
0
0.3
0.005
0.01
0.2
0.5
1.0
2.0
20
50
0.8
0.5
0.4
0.9
0.7
0.6
0.2
0.02
0.05
0.1
10
0.1
10 mA
30 mA
100 mA
5.0
Figure 3. Collector Cut−Off Region
VBE, BASE−EMITTER VOLTAGE (VOLTS)
101
10−5
0.4
0.3
0.1
100
10−1
10−2
10−3
10−4
0.2
0
0.1
0.2
0.4
0.3
0.6
0.5
VCE = 30 V
TJ = 125°C
75°C
25°C
IC = ICES
REVERSE
FORWARD
IC, COLLECTOR CURRENT (mA)
1.0
1.0
2.0
5.0
10
20
50
100
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
0.1
0.2
0.5
Figure 4. “On” Voltages
0.8
0.6
0.4
0.2
0
3.0
30
0.3


Similar Part No. - MMBT5551LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT5551LT1 MOTOROLA-MMBT5551LT1 Datasheet
199Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBT5551LT1 ONSEMI-MMBT5551LT1 Datasheet
199Kb / 6P
   High Voltage Transistors(NPN Silicon)
logo
Leshan Radio Company
MMBT5551LT1 LRC-MMBT5551LT1 Datasheet
165Kb / 4P
   High Voltage Transistors(NPN Silicon)
logo
Avic Technology
MMBT5551LT1 AVICTEK-MMBT5551LT1 Datasheet
38Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MMBT5551LT1 TGS-MMBT5551LT1 Datasheet
41Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - MMBT5551LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA42 MOTOROLA-MPSA42 Datasheet
121Kb / 4P
   High Voltage Transistors
logo
Leshan Radio Company
LMBT6517LT1G LRC-LMBT6517LT1G_15 Datasheet
253Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA92L ONSEMI-MMBTA92L Datasheet
103Kb / 4P
   High Voltage Transistors
October, 2016 ??Rev. 11
logo
Leshan Radio Company
LMBT5550LT1 LRC-LMBT5550LT1 Datasheet
114Kb / 5P
   High Voltage Transistors
logo
List of Unclassifed Man...
2SC507 ETC1-2SC507 Datasheet
79Kb / 1P
   High Voltage Transistors
logo
Guangdong Kexin Industr...
MMBT5550 KEXIN-MMBT5550 Datasheet
43Kb / 2P
   High Voltage Transistors
logo
Zowie Technology Corpor...
MMBT5550G ZOWIE-MMBT5550G Datasheet
218Kb / 4P
   High Voltage Transistors
logo
ON Semiconductor
BSP16T1G ONSEMI-BSP16T1G Datasheet
118Kb / 3P
   High Voltage Transistors
September, 2010 -- Rev. 7
logo
Motorola, Inc
BC450 MOTOROLA-BC450 Datasheet
243Kb / 6P
   High Voltage Transistors
MMBT5550LT1 MOTOROLA-MMBT5550LT1 Datasheet
199Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA42L ONSEMI-MMBTA42L Datasheet
95Kb / 6P
   High Voltage Transistors
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com