Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVR4J Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # TVR4J
Description  Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

TVR4J Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  TVR4J Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd TVR4J Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low cos t
Diffus ed junction
Low leakage
Low forward voltage drop
High current capability
and s im ilar s olvents
Cas e:JEDEC DO-15,m olded plas tic
Term inals : Axial lead ,s olderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.014 ounces ,0.39 gram s
Mounting pos ition: Any
MAXIMUM RATINGS AND ELECT RICAL CHARACTERIST ICS
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phas e,half wave,60 Hz,res is tive or inductive load. For capacitive load,derate by 20%.
TVR4N
UNITS
Maximum recurrent peak reverse voltage
VRRM
1000
V
Maximum RMS voltage
VRMS
700
V
Maximum DC blocking voltage
VDC
1000
V
Maximum average f orw ard rectif ied current
9.5mm lead length,
@T
A =75
Peak f orw ard surge current
8.3ms single half -sine-w ave
superimposed on rated load
Maximum instantaneous f orw ard voltage
@ 1.5 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A =100
Maximum reverse recovery time (Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
1000
20
VOLT AGE RANGE: 600 ---1000 V
CURRENT : 1.5 A
1.5
A
IF(AV)
The plas tic m aterial carries U/L recognition 94V-0
600
100.0
1.3
420
600
DO - 15
Eas ily cleaned with Freon,Alcohol,Is opropanol
TVR4J
A
IFSM
A
-55----+150
-55----+150
40
IR
50.0
5.0
Dimensions in millimeters
TVR4J-TVR4N
Fast Recovery Rectifiers
Features
Mechanical Data
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - TVR4J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TVR4J TOSHIBA-TVR4J Datasheet
121Kb / 3P
   TOSHIBA Fast Recovery Diode Silicon Diffused Type High Speed Rectifier Applications (fast recovery)
logo
Galaxy Semi-Conductor H...
TVR4J BILIN-TVR4J Datasheet
59Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
TVR4J TAYCHIPST-TVR4J Datasheet
2Mb / 2P
   FAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
TVR4J SUNMATE-TVR4J Datasheet
123Kb / 2P
   2.0A Axial Leaded Fast Recovery Rectifier
logo
Diode Semiconductor Kor...
TVR4J DSK-TVR4J Datasheet
257Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

Similar Description - TVR4J

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com