Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UB225SKW015F-2C Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB225SKW015F-2C
Description  General Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB225SKW015F-2C Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  UB225SKW015F-2C Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. UB225SKW015F-2C Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. UB225SKW015F-2C Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. UB225SKW015F-2C Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. UB225SKW015F-2C Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. UB225SKW015F-2C Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. UB225SKW015F-2C Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. UB225SKW015F-2C Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. UB225SKW015F-2C Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Series UB2
Low Profile Pushbuttons
D96
D
www.nkkswitches.com
MOUNTING TYPES & SHAPES
SWITCH & LAMP TERMINALS
CONTACT MATERIALS & RATINGS
PCB Mounting
SK Square
SP, Single Color LED
DP, Single Color LED
SP, Bicolor LED
DP, Bicolor LED
Snap-in Mounting (Solder Lug)
KK Square
with Built-in Bezel
Panel Thickness:
.039 ~ .126”
(1.0 ~ 3.2mm)
Silver Contacts
Power Level
5A @ 125V AC & 250V AC
Gold Contacts
Logic Level
0.4VA maximum @ 28V AC/DC maximum
Complete explanation of operating range in Supplement section.
W
G
01
03
Solder Lug
Straight PC
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Switch/Lamp Schematics
Pole
Model
Normal
Down
Normal
Down
Notes: Switch is marked with NC, NO, COM, L+ & L–.
Lamp circuit is isolated and requires an external
power source.
SP
UB215
*UB216
ON
ON
(ON)
ON
1-3
1-2
SPDT
DP
UB225
*UB226
ON
ON
(ON)
ON
1-3 4-6
1-2 4-5
DPDT
* When in latchdown position for the alternate circuit, cap positions above the housing are:
.059” (1.5mm) for snap-in models & .276” (7.0mm) for PCB models.
(+)
(-)
(+)
(-)
4
6
1
32
5
COM
COM
NC
NC
NO
NO
1
32
COM
NO
NC
POLES & CIRCUITS
(17.4) Sq
.685
(5.08)
.200
(2.54) Typ
.100
(10.16)
.400
(1.2) Dia Typ
.047
CL
1
2
3
L (+)
L (–)
4
5
6
(5.08) Typ
.200
(5.08)
.200
(2.54)
.100
(2.54) Typ
.100
(10.16)
.400
(1.2) Dia Typ
.047
CL
1
2
3
LC+
L2-
L1-
4
5
6
(5.08) Typ
.200
(5.08)
.200
(5.08)
.200
(2.54) Typ
.100
(10.16)
.400
(1.2) Dia Typ
.047
CL
1
2
3
L (+)
L (–)
LC+
L2-
L1-
(5.08)
.200
(5.08)
.200
(2.54)
.100
(2.54) Typ
.100
(10.16)
.400
(1.2) Dia Typ
.047
CL
1
2
3
For Switch &
Bright LED
For Super Bright
& Bicolor LED
For Super Bright
& Bicolor LED
(0.2)
.008
(4.0)
.157
(1.0)
.039
Thk = (0.5)
.020
(0.2)
.008
(4.0)
.157
(1.0)
.039
Thk = (0.5)
.020
For Switch &
Bright LED
(0.2)
.008
(5.0)
.197
(2.0)
.079
(1.6)
.063
(0.8)
.032
Thk = (0.5)
.020
(0.2)
.008
(4.0)
.157
(1.0)
.039
Thk = (0.5)
.020


Similar Part No. - UB225SKW015F-2C

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB225SKW015F-1JB NKK-UB225SKW015F-1JB Datasheet
404Kb / 12P
   Low Profile Pushbuttons
More results

Similar Description - UB225SKW015F-2C

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com