Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1252 Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # MM1252
Description  Remaining Battery Power Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1252 Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  MM1252 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1252 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1252 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1252 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1252 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1252 Datasheet HTML 6Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MITSUMI
Remaining Battery Power Display MM1251, MM1252, MM1253
Electrical Characteristics
(Unless otherwise specified Ta=25°C, Vc=1.5V, Vs=0.8V)
(Applicable to all models when the model name is left blank.)
Item
Symbol
Measurement Conditions
Min. Typ. Max. Unit
VS=1.0V
MM1251
25
40
µA
Current consumption 1
ICC1
MM1253A
VCT=0.4V
MM1252A
0.15
0.25
mA
MM1252B
0.75
0.1
mA
MM1251A
0.15
0.25
mA
Current consumption 2
ICC2VS=0.8V, VCT=0.4V
MM1253A
MM1251B
25
40
µA
VS=1V
0.5V
MM1251
0.82
0.85
0.88
V
Detection voltage
VD
VHYS <= 0.1V
MM1252
MM1253 0.841 0.85 0.859
V
Detection voltage temperature factor
V/ T
±200
PPM/°C
HYS pin saturation voltage 1
VHYS1IHYS=5µA
25
50
mV
HYS pin saturation voltage 2
VHYS2IHYS=25µA
50
100
mV
CT pin charge current
ICTS
VCT=0.1V
-60
-40
-20
nA
CT pin discharge current
ICTO
VCT=0.4V
20
40
60
nA
CT pin threshold value H
VCTH
VCT=0.1
0.4, VO <= 0.1V
0.2
0.3
0.4
V
CT pin threshold value L
VCTL
VCT=0.4
0.1, VO >= 0.1V
0.1
0.2
0.3
V
Output sink current
IOUT
VCR=0.4V
5
10
mA
Output saturation voltage
IOUTLVCT=0.4, IOUT=1mA
100
150
mA
Output leak current
ILE
VS=1V, VOUT=5V
1
µA
Operating limit voltage
VOPR
VS=0.8
VCCVOUT > 0.4V
Rank A
0.65
0.75
V
VS=0.8
VCC
Step-up operation limit voltage
VOPL
VCC=0.1V
0.5V
Rank B
0.85
0.95
V
Voltage limit for maintaining
LED flashing


Similar Part No. - MM1252

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MM125 ETC2-MM125 Datasheet
495Kb / 1P
   Precision Film Resistors
logo
Mitsumi Electronics, Co...
MM1250 MITSUMI-MM1250 Datasheet
308Kb / 9P
   Monolithic IC MM1250
MM1257 MITSUMI-MM1257 Datasheet
62Kb / 3P
   High-Precision Three-Pin Regulator
More results

Similar Description - MM1252

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1210 MITSUMI-MM1210 Datasheet
92Kb / 4P
   Remaining Battery Power Display
MM1305 MITSUMI-MM1305 Datasheet
68Kb / 3P
   Remaining Battery Power Display
logo
List of Unclassifed Man...
600B ETC2-600B Datasheet
2Mb / 2P
   Measure remaining battery storage capacity in just seconds
logo
Hotchip Technology Co.,...
HT3692D HOTCHIP-HT3692D Datasheet
962Kb / 7P
   Electric Power Detection, Battery Energy Display
logo
OSRAM GmbH
LEDINSPECTPROPOCKET280 OSRAM-LEDINSPECTPROPOCKET280 Datasheet
146Kb / 3P
   Charging indicator and battery status display
logo
Microchip Technology
PS4160 MICROCHIP-PS4160 Datasheet
244Kb / 10P
   PS401 Battery Manager Module with LED SOC Display
03/25/03
PS4200 MICROCHIP-PS4200 Datasheet
266Kb / 8P
   PS402 Battery Manager Module with LED SOC Display
02/12/03
logo
NXP Semiconductors
TEA1202TS PHILIPS-TEA1202TS Datasheet
123Kb / 24P
   Battery power unit
2000 Jun 08
logo
Ultralife Corporation.
URB12550 ULTRALIFE-URB12550 Datasheet
334Kb / 2P
   Solar power battery
Rev: D
logo
Microchip Technology
PS5100 MICROCHIP-PS5100 Datasheet
127Kb / 10P
   Nickel Chemistry Battery Manager Module with LED SOC Display
2004
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com