Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFAM3620SB Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # RFAM3620SB
Description  CATV Edge QAM MCM 1218MHz 36dB
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

RFAM3620SB Datasheet(HTML) 1 Page - TriQuint Semiconductor

  RFAM3620SB Datasheet HTML 1Page - TriQuint Semiconductor RFAM3620SB Datasheet HTML 2Page - TriQuint Semiconductor RFAM3620SB Datasheet HTML 3Page - TriQuint Semiconductor RFAM3620SB Datasheet HTML 4Page - TriQuint Semiconductor RFAM3620SB Datasheet HTML 5Page - TriQuint Semiconductor RFAM3620SB Datasheet HTML 6Page - TriQuint Semiconductor RFAM3620SB Datasheet HTML 7Page - TriQuint Semiconductor RFAM3620SB Datasheet HTML 8Page - TriQuint Semiconductor RFAM3620SB Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RFAM3620
CATV Edge QAM MCM 1218MHz 36dB
Data Sheet Rev.F, June 7, 2017 | Subject to change without notice
1 of 10
www.qorvo.com
®
Product Description
The RFAM3620 is an Integrated Edge QAM Amplifier
Module. The part employs GaAs pHEMT die, GaAs
MESFET die, a 20 dB range variable attenuator and a
power enable feature, has high output capability, and is
operated from 45 MHz to 1218 MHz. It provides excellent
linearity and superior return loss performance with low
noise and optimal reliability.
21 pin, 11.0 mm x 11.0 mm x 1.375 mm package
Product Features
Excellent Linearity
Extremely High Output Capability
Voltage Controlled Attenuator
Power Enable Feature
Extremely Low Distortion
Optimal Reliability
Low Noise
Unconditionally Stable Under all Terminations
36 dB Min Gain at 1218 MHz
510 mA Typical at 12 VDC
Temperature sensing feature
Applications
• Head End Equipment
• 4
5 – 1218 MHz Downstream Edge QAM RF Modulators
Functional Block Diagram
Power Enable
INPUT
OUTPUT
Preamp
Driver
V+
Att. adjust
Current
Setting
Temperature
Sensing
Ordering Information
Part No.
Description
RFAM3620SB
Sample bag 5 pcs
RFAM3620SQ
Sample bag 25 pcs
RFAM3620SR
7” Reel with 100 pcs
RFAM3620TR7
7” Reel with 250 pcs
RFAM3620TR13
13” Reel with 750 pcs
RFAM3620PCBA-410
Fully assembled Evaluation Board


Similar Part No. - RFAM3620SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFAM3620SB QORVO-RFAM3620SB Datasheet
592Kb / 10P
   CATV Edge QAM MCM 1218MHz 36dB
Rev. K, Oct 07, 2021
More results

Similar Description - RFAM3620SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFAM3790 RFMD-RFAM3790 Datasheet
309Kb / 7P
   45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
logo
Qorvo, Inc
QPA4425 QORVO-QPA4425 Datasheet
2Mb / 15P
   75 25dB CATV Amplifier 47 ??1218MHz
RFPP3870 QORVO-RFPP3870 Datasheet
195Kb / 4P
   CATV Push Pull Hybrid 1218MHz 28dB
QPA3358 QORVO-QPA3358 Datasheet
258Kb / 4P
   CATV Push Pull Hybrid 1218MHz 34dB
QPB8858 QORVO-QPB8858 Datasheet
1Mb / 13P
   75 34dB CATV Amplifier 47 ??1218MHz
QPA3357 QORVO-QPA3357 Datasheet
256Kb / 4P
   CATV Power Doubler Hybrid 1218MHz 28dB
QPA3359 QORVO-QPA3359 Datasheet
255Kb / 4P
   CATV Push Pull Hybrid 1218MHz 28dB
QPA3357 QORVO-QPA3357_V01 Datasheet
257Kb / 4P
   CATV Power Doubler Hybrid 1218MHz 28dB
October 28, 2019
QPA3250 QORVO-QPA3250 Datasheet
581Kb / 7P
   CATV Power Doubler Hybrid 1218MHz 23dB
QPB8857 QORVO-QPB8857 Datasheet
1Mb / 14P
   75 28dB CATV Doubler Amplifier 47 ??1218MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com