Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPL9096TR7 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # QPL9096TR7
Description  Ultra Low-Noise, Bypass LNA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPL9096TR7 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  QPL9096TR7 Datasheet HTML 1Page - TriQuint Semiconductor QPL9096TR7 Datasheet HTML 2Page - TriQuint Semiconductor QPL9096TR7 Datasheet HTML 3Page - TriQuint Semiconductor QPL9096TR7 Datasheet HTML 4Page - TriQuint Semiconductor QPL9096TR7 Datasheet HTML 5Page - TriQuint Semiconductor QPL9096TR7 Datasheet HTML 6Page - TriQuint Semiconductor QPL9096TR7 Datasheet HTML 7Page - TriQuint Semiconductor QPL9096TR7 Datasheet HTML 8Page - TriQuint Semiconductor QPL9096TR7 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
QPL9096
Ultra Low-Noise, Bypass LNA
Data Sheet July 5, 2017 | Subject to change without notice
4 of 10
www.qorvo.com
®
Performance Plots
Test conditions unless otherwise noted: VDD = +4.2 V
10
15
20
25
30
1500
2000
2500
3000
3500
Frequency (MHz)
Gain vs. Frequency (LNA Mode)
+95 °C
+25 °C
−40 °C
-25
-20
-15
-10
-5
0
1500
2000
2500
3000
3500
Frequency (MHz)
Input Return Loss vs. Frequency (LNA Mode)
+95 °C
+25 °C
−40 °C
-25
-20
-15
-10
-5
0
1500
2000
2500
3000
3500
Frequency (MHz)
Output Return Loss vs. Frequency (LNA Mode)
+95 °C
+25 °C
−40 °C
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
1500
2000
2500
3000
3500
Frequency (MHz)
Insertion Loss vs. Frequency (Bypass Mode)
+95 °C
+25 °C
−40 °C
-15
-10
-5
0
1500
2000
2500
3000
3500
Frequency (MHz)
Input Return Loss vs. Frequency (Bypass Mode)
+95 °C
+25 °C
−40 °C
-20
-15
-10
-5
0
1500
2000
2500
3000
3500
Frequency (MHz)
Output Return Loss vs. Frequency (Bypass Mode)
+95 °C
+25 °C
−40 °C
-30
-25
-20
-15
-10
1500
2000
2500
3000
3500
Frequency (MHz)
Isolation vs. Frequency (OFF Mode)
+95 °C
+25 °C
−40 °C
-5
-3
-1
1500
2000
2500
3000
3500
Frequency (MHz)
Input Return Loss vs. Frequency (OFF Mode)
+95 °C
+25 °C
−40 °C
-5
-4
-3
-2
-1
0
1500
2000
2500
3000
3500
Frequency (MHz)
Output Return Loss vs. Frequency (OFF Mode)
+95 °C
+25 °C
−40 °C
25
30
35
40
45
-3
-2
-1
0
1
2
3
4
5
6
7
Pout/tone (dBm)
OIP3 vs Pout/tone (LNA Mode)
1700MHz_-40C
2500MHz_-40C
2700MHz_-40C
1700MHz_25C
2500MHz_25C
2700MHz_25C
1700MHz_95C
2500MHz_95C
2700MHz_95C
25
30
35
40
45
-3
-2
-1
0
1
2
3
4
5
6
7
Pout/tone (dBm)
OIP3 vs Pout/tone (Bypass Mode)
1700MHz_-40C
2500MHz_-40C
2700MHz_-40C
1700MHz_25C
2500MHz_25C
2700MHz_25C
1700MHz_95C
2500MHz_95C
2700MHz_95C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.5
0.8
1.1
1.4
1.7
2.0
2.3
2.6
2.9
3.2
3.5
Frequency (GHz)
Noise Figure vs Frequency
+85 °C
+25 °C
−40 °C


Similar Part No. - QPL9096TR7

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPL9096TR7 QORVO-QPL9096TR7 Datasheet
956Kb / 10P
   Ultra Low-Noise, Bypass LNA
July 5, 2017
More results

Similar Description - QPL9096TR7

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPL9097 TRIQUINT-QPL9097 Datasheet
704Kb / 9P
   Ultra Low-Noise, Bypass LNA
logo
Qorvo, Inc
QPL9095 QORVO-QPL9095 Datasheet
976Kb / 10P
   Ultra Low-Noise, Bypass LNA
July 21, 2020
logo
TriQuint Semiconductor
QPL9095 TRIQUINT-QPL9095 Datasheet
837Kb / 8P
   Ultra Low-Noise, Bypass LNA
logo
Qorvo, Inc
QPL9098 QORVO-QPL9098 Datasheet
2Mb / 17P
   Ultra-Low Noise, Bypass LNA
July 25, 2020
TQL9063 QORVO-TQL9063 Datasheet
668Kb / 12P
   Ultra Low-Noise, Bypass LNA
QPL9097 QORVO-QPL9097 Datasheet
859Kb / 11P
   Ultra-Low Noise, Bypass LNA
September 21, 2018
QPL9096 QORVO-QPL9096 Datasheet
956Kb / 10P
   Ultra Low-Noise, Bypass LNA
July 5, 2017
QPL9065 QORVO-QPL9065 Datasheet
3Mb / 12P
   Ultra Low-Noise 2-Stage Bypass LNA
TQP3M9036 QORVO-TQP3M9036 Datasheet
832Kb / 12P
   Ultra-Low Noise, High Linearity LNA
logo
TriQuint Semiconductor
TQL9092 TRIQUINT-TQL9092 Datasheet
574Kb / 9P
   Ultra Low Noise, Flat Gain LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com