Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPL9095TR7 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # QPL9095TR7
Description  Ultra Low-Noise, Bypass LNA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPL9095TR7 Datasheet(HTML) 6 Page - TriQuint Semiconductor

  QPL9095TR7 Datasheet HTML 1Page - TriQuint Semiconductor QPL9095TR7 Datasheet HTML 2Page - TriQuint Semiconductor QPL9095TR7 Datasheet HTML 3Page - TriQuint Semiconductor QPL9095TR7 Datasheet HTML 4Page - TriQuint Semiconductor QPL9095TR7 Datasheet HTML 5Page - TriQuint Semiconductor QPL9095TR7 Datasheet HTML 6Page - TriQuint Semiconductor QPL9095TR7 Datasheet HTML 7Page - TriQuint Semiconductor QPL9095TR7 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
QPL9095
Ultra Low-Noise, Bypass LNA
Data Sheet July 6, 2017 | Subject to change without notice
6 of 8
www.qorvo.com
®
Evaluation Board PCB Information
Qorvo PCB 281865 Material and Stack-up
50 ohm line dimensions: width = 0.0182
”, spacing = 0.020”
Pin Configuration and Description
Pin No.
Label
Description
1, 6
GND
RF/DC Ground pin.
2
RFin
RF input pin. DC block required.
3
N/C
No internal connection. Provide grounded PCB land pads for mounting integrity.
4
VBYP
Control pin for bypass mode. The LNA is automatically turned off when the bypass
mode is activated. Refer to truth table on pg 2.
5
VSD
Control pin to disable the LNA. Refer to truth table on pg. 2.
7
RFout
RF output pin. DC block required.
8
VDD
Supply voltage pin. External choke and bypass capacitors needed.
Backside
Paddle
RF/DC GND
RF/DC Ground. Follow recommended via pattern and ensure good solder attach for
best thermal and electrical performance.
Rogers 4003C
ε
r=3.5 typ.
1 oz. Cu bottom layer
FR4
FR4
1 oz. Cu top layer
1 oz. Cu inner layer
1 oz. Cu inner layer
0.062" ± 0.006"
Finished Board
Thickness
0.008"
0.008"
Backside Paddle - RF/DC GND
Pin 1 Reference Mark
8
7
6
5
1
2
3
4
V
DD
RF Out
GND
V
SD
GND
RF In
N/C
V
BYP


Similar Part No. - QPL9095TR7

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPL9095TR7 QORVO-QPL9095TR7 Datasheet
976Kb / 10P
   Ultra Low-Noise, Bypass LNA
July 21, 2020
More results

Similar Description - QPL9095TR7

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPL9097 TRIQUINT-QPL9097 Datasheet
704Kb / 9P
   Ultra Low-Noise, Bypass LNA
logo
Qorvo, Inc
QPL9095 QORVO-QPL9095 Datasheet
976Kb / 10P
   Ultra Low-Noise, Bypass LNA
July 21, 2020
QPL9098 QORVO-QPL9098 Datasheet
2Mb / 17P
   Ultra-Low Noise, Bypass LNA
July 25, 2020
logo
TriQuint Semiconductor
QPL9096 TRIQUINT-QPL9096 Datasheet
956Kb / 10P
   Ultra Low-Noise, Bypass LNA
logo
Qorvo, Inc
TQL9063 QORVO-TQL9063 Datasheet
668Kb / 12P
   Ultra Low-Noise, Bypass LNA
QPL9097 QORVO-QPL9097 Datasheet
859Kb / 11P
   Ultra-Low Noise, Bypass LNA
September 21, 2018
QPL9096 QORVO-QPL9096 Datasheet
956Kb / 10P
   Ultra Low-Noise, Bypass LNA
July 5, 2017
QPL9065 QORVO-QPL9065 Datasheet
3Mb / 12P
   Ultra Low-Noise 2-Stage Bypass LNA
TQP3M9036 QORVO-TQP3M9036 Datasheet
832Kb / 12P
   Ultra-Low Noise, High Linearity LNA
logo
TriQuint Semiconductor
TQL9092 TRIQUINT-TQL9092 Datasheet
574Kb / 9P
   Ultra Low Noise, Flat Gain LNA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com