Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPB1500 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # QPB1500
Description  Ku-Band 25 W GaN Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPB1500 Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button QPB1500 Datasheet HTML 4Page - TriQuint Semiconductor QPB1500 Datasheet HTML 5Page - TriQuint Semiconductor QPB1500 Datasheet HTML 6Page - TriQuint Semiconductor QPB1500 Datasheet HTML 7Page - TriQuint Semiconductor QPB1500 Datasheet HTML 8Page - TriQuint Semiconductor QPB1500 Datasheet HTML 9Page - TriQuint Semiconductor QPB1500 Datasheet HTML 10Page - TriQuint Semiconductor QPB1500 Datasheet HTML 11Page - TriQuint Semiconductor QPB1500 Datasheet HTML 12Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
QPB1500
Ku-Band 25 W GaN Power Amplifier
Data Sheet Rev. A, June 26, 2017
- 8 of 14 -
www.qorvo.com
Performance Plots – Linearity
Conditions unless otherwise specified: VD = 28 V, IDQ = 450 mA, Tone Separation = 1 MHz, sTemp = 25 °C
-60
-50
-40
-30
-20
-10
0
22
24
26
28
30
32
34
36
38
40
42
Output Power Per Tone (dBm)
IM3 vs. Output Power vs. Frequency
15.4 GHz
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
22
24
26
28
30
32
34
36
38
40
42
Output Power Per Tone (dBm)
IM5 vs. Output Power vs. Frequency
15.4 GHz
-60
-50
-40
-30
-20
-10
0
22
24
26
28
30
32
34
36
38
40
42
Output Power Per Tone (dBm)
IM3 vs. Output Power vs. Voltage
20 V
24 V
28 V
Freq. = 15.4 GHz
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
22
24
26
28
30
32
34
36
38
40
42
Output Power Per Tone (dBm)
IM5 vs. Output Power vs. Voltage
20 V
24 V
28 V
Freq. = 15.4 GHz
-60
-50
-40
-30
-20
-10
0
22
24
26
28
30
32
34
36
38
40
42
Output Power Per Tone (dBm)
IM3 vs. Output Power vs. Temperature
-40 C
+25 C
+85 C
Freq. = 15.4 GHz
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
22
24
26
28
30
32
34
36
38
40
42
Output Power Per Tone (dBm)
IM5 vs. Output Power vs. Temperature
-40 C
+25 C
+85 C
Freq. = 15.4 GHz


Similar Part No. - QPB1500

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB1000 QORVO-QPB1000 Datasheet
2Mb / 12P
   2.0 ??18.0 GHz 75 Watt Amplifier
QPB1005 QORVO-QPB1005 Datasheet
2Mb / 10P
   2 ??6 GHz 400 W Amplifier
logo
TriQuint Semiconductor
QPB1006 TRIQUINT-QPB1006 Datasheet
1Mb / 11P
   2.0 ??7.5 GHz 150 Watt Amplifier
logo
Qorvo, Inc
QPB1024 QORVO-QPB1024 Datasheet
664Kb / 10P
   8.0 ??11.0 GHz X-Band GaN SSPA
QPB1111 QORVO-QPB1111 Datasheet
890Kb / 11P
   34 ??36 GHz 250 Watt GaN SSPA
More results

Similar Description - QPB1500

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2579-FL TRIQUINT-TGA2579-FL_15 Datasheet
480Kb / 12P
   25 Watt Ku-Band GaN Power Amplifier
logo
WOLFSPEED, INC.
CMPA1D1E025F WOLFSPEED-CMPA1D1E025F Datasheet
2Mb / 19P
   25 W, 13.75 - 14.5 GHz, 40 V, Ku-Band GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
logo
Cree, Inc
CMPA1D1E025F CREE-CMPA1D1E025F Datasheet
3Mb / 17P
   25 W, 13.75 - 14.5 GHz, 40 V, Ku-Band GaN MMIC, Power Amplifier
logo
TriQuint Semiconductor
TGA2579-2-FL TRIQUINT-TGA2579-2-FL_15 Datasheet
450Kb / 12P
   20W Ku-Band GaN Power Amplifier
logo
Advanced Semiconductor ...
AGN1540 ASB-AGN1540 Datasheet
1Mb / 48P
   Ku Band GaN Power Amplifier MMIC
Sept 2015
AGN1440 ASB-AGN1440 Datasheet
577Kb / 11P
   Ku Band GaN Amplifier MMIC
June 2015
logo
TriQuint Semiconductor
TGA2514 TRIQUINT-TGA2514_15 Datasheet
390Kb / 10P
   Ku Band 6.5 W Power Amplifier
QPA1011 TRIQUINT-QPA1011 Datasheet
749Kb / 25P
   25 W GaN Power Amplifier
QPA1011D TRIQUINT-QPA1011D Datasheet
848Kb / 26P
   25 W GaN Power Amplifier
logo
Cree, Inc
CMPA1D1E080F CREE-CMPA1D1E080F Datasheet
1Mb / 11P
   80 W, 13.75 - 14.5 GHz, 40 V, Ku-Band GaN, Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com