Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPA3503SR Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # QPA3503SR
Description  3 W, 28 V, 3.4 ??3.6 GHz GaN PA Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPA3503SR Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button QPA3503SR Datasheet HTML 2Page - TriQuint Semiconductor QPA3503SR Datasheet HTML 3Page - TriQuint Semiconductor QPA3503SR Datasheet HTML 4Page - TriQuint Semiconductor QPA3503SR Datasheet HTML 5Page - TriQuint Semiconductor QPA3503SR Datasheet HTML 6Page - TriQuint Semiconductor QPA3503SR Datasheet HTML 7Page - TriQuint Semiconductor QPA3503SR Datasheet HTML 8Page - TriQuint Semiconductor QPA3503SR Datasheet HTML 9Page - TriQuint Semiconductor QPA3503SR Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
QPA3503
3 W, 28 V, 3.4 – 3.6 GHz GaN PA Module
Rev. A
- 6 of 12 -
www.qorvo.com
Performance Plots
Test conditions unless otherwise noted: VD1,2,3 = +28 V, IDQ1 = 50 mA, IDQ3 = 75 mA, VG2 = −4.5 V, T = +25°C, single-carrier, 20 MHz
LTE signal with 7.8 dB PAR @ 0.01% CCDF, de-embedded from EVB measurements.
35
36
37
38
39
40
41
42
43
44
45
46
47
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41
Average Output Power (dBm)
Peak Power vs. Average Output Power
-40°C
+25°C
+105°C
1C 20 MHz LTE, PAR = 7.8 dB @ 0.01% CCDF
Freq = 3500MHz
-38
-36
-34
-32
-30
-28
-26
-24
-22
-20
-18
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41
Average Output Power (dBm)
ACPR vs. Average Output Power
-40°C
+25°C
+105°C
1C 20 MHz LTE, PAR = 7.8 dB @ 0.01% CCDF
Freq = 3500MHz
-57.0
-56.5
-56.0
-55.5
-55.0
3350
3400
3450
3500
3550
3600
3650
Frequency (MHz)
Linearized ACPR vs. Frequency
1C 20 MHz LTE, PAR = 7.8 dB @ 0.01% CCDF
Pout = 34.8dBm
Temp. = +25°C


Similar Part No. - QPA3503SR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA3503SR QORVO-QPA3503SR Datasheet
682Kb / 11P
   3 W, 28 V, 3.4 ??3.6 GHz GaN PA Module
More results

Similar Description - QPA3503SR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA3503 QORVO-QPA3503 Datasheet
682Kb / 11P
   3 W, 28 V, 3.4 ??3.6 GHz GaN PA Module
QPA4501 QORVO-QPA4501 Datasheet
805Kb / 12P
   3 W, 28 V, 4.4 ??5.0 GHz GaN PA Module
QPA4501 QORVO-QPA4501_V01 Datasheet
756Kb / 12P
   3 W, 28 V, 4.4 ??5.0 GHz GaN PA Module
Sep 8th, 2021
logo
TriQuint Semiconductor
QPA2705 TRIQUINT-QPA2705 Datasheet
715Kb / 12P
   5 W, 28 V, 2.5 ??2.7 GHz GaN PA Module
logo
ANADIGICS, Inc
AWM6433 ANADIGICS-AWM6433 Datasheet
650Kb / 9P
   3.4 - 3.6 GHz WiMAX Power Amplifier Module
RFS1006 ANADIGICS-RFS1006 Datasheet
71Kb / 4P
   3.4-3.6 GHz Power Amplifier
logo
WOLFSPEED, INC.
CGH35060F2 WOLFSPEED-CGH35060F2 Datasheet
1Mb / 11P
   60 W, 3.1 - 3.5 GHz, 28 V, GaN HEMT
Rev. 4.4, 2022-10-28
logo
Cree, Inc
CMPA0530002S CREE-CMPA0530002S Datasheet
1Mb / 20P
   2 W, 0.5 - 3.0 GHz, 28 V, GaN HEMT
logo
WOLFSPEED, INC.
CGH27030S WOLFSPEED-CGH27030S Datasheet
2Mb / 15P
   30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev. 4.6, 2022-11-3
logo
Cree, Inc
CGH27030S CREE-CGH27030S Datasheet
1Mb / 16P
   30 W, DC - 6.0 GHz, 28 V, GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com