Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPA3350 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # QPA3350
Description  CATV Power Doubler Hybrid 1003MHz 25dB
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPA3350 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  QPA3350 Datasheet HTML 1Page - TriQuint Semiconductor QPA3350 Datasheet HTML 2Page - TriQuint Semiconductor QPA3350 Datasheet HTML 3Page - TriQuint Semiconductor QPA3350 Datasheet HTML 4Page - TriQuint Semiconductor QPA3350 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
QPA3350
Data Sheet Rev. B, August 25, 2017 | Subject to change without notice
5 of 5
www.qorvo.com
®
Handling Precautions
Parameter
Rating
Standard
Caution!
ESD-Sensitive Device
ESD – Human Body Model (HBM)
1C
ANSI/ESD/JEDEC JS-001-2012
RoHS Compliance
This part is compliant with 2011/65/EU RoHS directive (Restrictions on the Use of Certain Hazardous Substances in Electrical and
Electronic Equipment) as amended by Directive 2015/863/EU.
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations:
Web: www.qorvo.com
Tel: 1-844-890-8163
Email: customer.support@qorvo.com
Important Notice
The information contained herein is believed to be reliable; however, Qorvo makes no warranties regarding the information contained
herein and assumes no responsibility or liability whatsoever for the use of the information contained herein. All information contained
herein is subject to change without notice. Customers should obtain and verify the latest relevant information before placing orders for
Qorvo products. The information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or anything described by
such information.
THIS INFORMATION DOES NOT CONSTITUTE A WARRANTY WITH RESPECT TO THE PRODUCTS
DESCRIBED HEREIN, AND QORVO HEREBY DISCLAIMS ANY AND ALL WARRANTIES WITH RESPECT TO SUCH PRODUCTS
WHETHER EXPRESS OR IMPLIED BY LAW, COURSE OF DEALING, COURSE OF PERFORMANCE, USAGE OF TRADE OR
OTHERWISE, INCLUDING THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE.
Without limiting the generality of the foregoing, Qorvo products are not warranted or authorized for use as critical components in medical,
life-saving, or life-sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal
injury or death.
Copyright 2016 © Qorvo, Inc. | Qorvo is a registered trademark of Qorvo, Inc.


Similar Part No. - QPA3350

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA3350 QORVO-QPA3350 Datasheet
197Kb / 5P
   CATV Power Doubler Hybrid 1003MHz 25dB
More results

Similar Description - QPA3350

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA3248 QORVO-QPA3248 Datasheet
466Kb / 6P
   CATV Power Doubler Hybrid 1003MHz 25dB
QPA3350 QORVO-QPA3350 Datasheet
197Kb / 5P
   CATV Power Doubler Hybrid 1003MHz 25dB
logo
RF Micro Devices
RFPD2670 RFMD-RFPD2670 Datasheet
267Kb / 3P
   25dB Power Doubler Hybrid 40MHz to 1003MHz
logo
TriQuint Semiconductor
QPA3340 TRIQUINT-QPA3340 Datasheet
357Kb / 5P
   CATV Power Doubler Hybrid 1003MHz 23dB
logo
Qorvo, Inc
QPA3238 QORVO-QPA3238 Datasheet
450Kb / 6P
   CATV Power Doubler Hybrid 1003MHz 23dB
logo
TriQuint Semiconductor
QPA3238 TRIQUINT-QPA3238 Datasheet
450Kb / 6P
   CATV Power Doubler Hybrid 1003MHz 23dB
logo
Qorvo, Inc
QPA3340 QORVO-QPA3340 Datasheet
357Kb / 5P
   CATV Power Doubler Hybrid 1003MHz 23dB
logo
Analog Devices
ADCA3990 AD-ADCA3990 Datasheet
233Kb / 9P
   CATV Power Doubler Hybrid
logo
Qorvo, Inc
RFPD3890 QORVO-RFPD3890 Datasheet
131Kb / 3P
   27dB Power Doubler Hybrid 40MHz to 1003MHz
logo
RF Micro Devices
RFPD2660 RFMD-RFPD2660 Datasheet
266Kb / 3P
   23dB Power Doubler Hybrid 40MHz to 1003MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com