Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPA2705EVB01 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # QPA2705EVB01
Description  5 W, 28 V, 2.5 ??2.7 GHz GaN PA Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPA2705EVB01 Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button QPA2705EVB01 Datasheet HTML 3Page - TriQuint Semiconductor QPA2705EVB01 Datasheet HTML 4Page - TriQuint Semiconductor QPA2705EVB01 Datasheet HTML 5Page - TriQuint Semiconductor QPA2705EVB01 Datasheet HTML 6Page - TriQuint Semiconductor QPA2705EVB01 Datasheet HTML 7Page - TriQuint Semiconductor QPA2705EVB01 Datasheet HTML 8Page - TriQuint Semiconductor QPA2705EVB01 Datasheet HTML 9Page - TriQuint Semiconductor QPA2705EVB01 Datasheet HTML 10Page - TriQuint Semiconductor QPA2705EVB01 Datasheet HTML 11Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
QPA2705
5 W, 28 V, 2.5
– 2.7 GHz GaN PA Module
Rev. B
- 7 of 12 -
www.qorvo.com
Pin Configuration and Description
Pin No.
Label
Description
1
VD1
Driver Amplifier, Drain Bias
4
VG1
Driver Amplifier, Gate Bias
6
RF IN
RF Input
11
VG3
Carrier Amplifier, Gate Bias
16
VD3
Carrier Amplifier, Drain Bias
19
RF OUT
RF Output
27
VD2
Peaking Amplifier, Drain Bias
32
VG2
Peaking Amplifier, Gate Bias
2-3, 5, 7-10, 12-15, 17-18, 20-26, 28-31, 33-36 GND
Internal Grounding, recommend connecting to Epad ground
EPAD
GND
DC/RF Ground. Must be soldered to EVB ground plane
over array of vias for thermal and RF performance. Solder
voids under EPAD will result in excessive junction
temperatures causing permanent damage.


Similar Part No. - QPA2705EVB01

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPA2735 TRIQUINT-QPA2735 Datasheet
1Mb / 14P
   13.75 ??18 GHz GaAs Low Noise Amplifier
logo
Qorvo, Inc
QPA2735 QORVO-QPA2735 Datasheet
1Mb / 15P
   13 ??20 GHz GaAs Low Noise Amplifier
QPA2735D QORVO-QPA2735D Datasheet
975Kb / 14P
   13 ??20 GHz Low Noise Amplifier
QPA2735DEVB01 QORVO-QPA2735DEVB01 Datasheet
975Kb / 14P
   13 ??20 GHz Low Noise Amplifier
logo
TriQuint Semiconductor
QPA2735EVB1 TRIQUINT-QPA2735EVB1 Datasheet
1Mb / 14P
   13.75 ??18 GHz GaAs Low Noise Amplifier
More results

Similar Description - QPA2705EVB01

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPA3503 TRIQUINT-QPA3503 Datasheet
1Mb / 12P
   3 W, 28 V, 3.4 ??3.6 GHz GaN PA Module
logo
Qorvo, Inc
QPA4501 QORVO-QPA4501 Datasheet
805Kb / 12P
   3 W, 28 V, 4.4 ??5.0 GHz GaN PA Module
QPA3503 QORVO-QPA3503 Datasheet
682Kb / 11P
   3 W, 28 V, 3.4 ??3.6 GHz GaN PA Module
QPA4501 QORVO-QPA4501_V01 Datasheet
756Kb / 12P
   3 W, 28 V, 4.4 ??5.0 GHz GaN PA Module
Sep 8th, 2021
logo
Cree, Inc
CMPA0527005F CREE-CMPA0527005F Datasheet
1,011Kb / 12P
   5 W, 0.5 - 2.7 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CMPA0527005F WOLFSPEED-CMPA0527005F Datasheet
1Mb / 12P
   5 W, 0.5 - 2.7 GHz, 50 V, GaN HEMT
Rev. 2.0, 2022-8-26
CGHV31500F1 WOLFSPEED-CGHV31500F1 Datasheet
2Mb / 26P
   2.7 – 3.1 GHz, 500 W GaN HEMT
Rev. 1.1, 2023-04-24
CGH35060F2 WOLFSPEED-CGH35060F2 Datasheet
1Mb / 11P
   60 W, 3.1 - 3.5 GHz, 28 V, GaN HEMT
Rev. 4.4, 2022-10-28
logo
Cree, Inc
CMPA0530002S CREE-CMPA0530002S Datasheet
1Mb / 20P
   2 W, 0.5 - 3.0 GHz, 28 V, GaN HEMT
logo
WOLFSPEED, INC.
CGH27030S WOLFSPEED-CGH27030S Datasheet
2Mb / 15P
   30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev. 4.6, 2022-11-3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com