Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPA2705EVB01 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # QPA2705EVB01
Description  5 W, 28 V, 2.5 ??2.7 GHz GaN PA Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPA2705EVB01 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  QPA2705EVB01 Datasheet HTML 1Page - TriQuint Semiconductor QPA2705EVB01 Datasheet HTML 2Page - TriQuint Semiconductor QPA2705EVB01 Datasheet HTML 3Page - TriQuint Semiconductor QPA2705EVB01 Datasheet HTML 4Page - TriQuint Semiconductor QPA2705EVB01 Datasheet HTML 5Page - TriQuint Semiconductor QPA2705EVB01 Datasheet HTML 6Page - TriQuint Semiconductor QPA2705EVB01 Datasheet HTML 7Page - TriQuint Semiconductor QPA2705EVB01 Datasheet HTML 8Page - TriQuint Semiconductor QPA2705EVB01 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
QPA2705
5 W, 28 V, 2.5
– 2.7 GHz GaN PA Module
Rev. B
- 4 of 12 -
www.qorvo.com
QPA2705 Reference Design
EVB Layout
EVB Schematic
PCB Stackup and Material
Notes:
1. All dimensions are in inches.
2.
PCB is soldered on a 2 inch by 2 inch copper base plate with 0.25 inch thickness.
Bill of Materials
– QPA2705 Evaluation Board
Reference Des.
Value
Description
Manuf.
Part No.
C1, C10
220 µF
Capacitor, 220 µF
Panasonic
EEEFK1H221P
C2, C9, C12
8.2 pF
Capacitor, 8.2 pF, ±0.25 pF, 250 V, C0G
ATC
800A8R2CT250X
C3, C8, C11
4.7 µF
Capacitor, 4.7 µF, 10%, 50 V, X7R, 1206
Murata
GRM31CR71H475KA12L
C4, C7, C14
22,000 pF Capacitor, 22,000 pF, 10%, 50 V, X7R, 0603
Murata
GRM188R71H223KA01D
C13, C15, C16
10 µF
Capacitor, 10 µF, 10%, 50 V, X7R, 1210
Murata
GRM32ER71H106KA12L
J1, J2
Connector, SMA, 4-Hole Panel Mount Jack
Gigalane
PAF-S00-000
P1, P2
Connector, HDR, ST, PLRZD, 5-
Pin, 0.100”
ITW Pancon MPSS100-5-C
P3
Connector, HDR, ST, 3-PIN, T/H
Molex
22-28-4033
U1
5 W GaN PA Module
Qorvo
QPA2705


Similar Part No. - QPA2705EVB01

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPA2735 TRIQUINT-QPA2735 Datasheet
1Mb / 14P
   13.75 ??18 GHz GaAs Low Noise Amplifier
logo
Qorvo, Inc
QPA2735 QORVO-QPA2735 Datasheet
1Mb / 15P
   13 ??20 GHz GaAs Low Noise Amplifier
QPA2735D QORVO-QPA2735D Datasheet
975Kb / 14P
   13 ??20 GHz Low Noise Amplifier
QPA2735DEVB01 QORVO-QPA2735DEVB01 Datasheet
975Kb / 14P
   13 ??20 GHz Low Noise Amplifier
logo
TriQuint Semiconductor
QPA2735EVB1 TRIQUINT-QPA2735EVB1 Datasheet
1Mb / 14P
   13.75 ??18 GHz GaAs Low Noise Amplifier
More results

Similar Description - QPA2705EVB01

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPA3503 TRIQUINT-QPA3503 Datasheet
1Mb / 12P
   3 W, 28 V, 3.4 ??3.6 GHz GaN PA Module
logo
Qorvo, Inc
QPA4501 QORVO-QPA4501 Datasheet
805Kb / 12P
   3 W, 28 V, 4.4 ??5.0 GHz GaN PA Module
QPA3503 QORVO-QPA3503 Datasheet
682Kb / 11P
   3 W, 28 V, 3.4 ??3.6 GHz GaN PA Module
QPA4501 QORVO-QPA4501_V01 Datasheet
756Kb / 12P
   3 W, 28 V, 4.4 ??5.0 GHz GaN PA Module
Sep 8th, 2021
logo
Cree, Inc
CMPA0527005F CREE-CMPA0527005F Datasheet
1,011Kb / 12P
   5 W, 0.5 - 2.7 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CMPA0527005F WOLFSPEED-CMPA0527005F Datasheet
1Mb / 12P
   5 W, 0.5 - 2.7 GHz, 50 V, GaN HEMT
Rev. 2.0, 2022-8-26
CGHV31500F1 WOLFSPEED-CGHV31500F1 Datasheet
2Mb / 26P
   2.7 – 3.1 GHz, 500 W GaN HEMT
Rev. 1.1, 2023-04-24
CGH35060F2 WOLFSPEED-CGH35060F2 Datasheet
1Mb / 11P
   60 W, 3.1 - 3.5 GHz, 28 V, GaN HEMT
Rev. 4.4, 2022-10-28
logo
Cree, Inc
CMPA0530002S CREE-CMPA0530002S Datasheet
1Mb / 20P
   2 W, 0.5 - 3.0 GHz, 28 V, GaN HEMT
logo
WOLFSPEED, INC.
CGH27030S WOLFSPEED-CGH27030S Datasheet
2Mb / 15P
   30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev. 4.6, 2022-11-3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com