Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPA2735EVB1 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # QPA2735EVB1
Description  13.75 ??18 GHz GaAs Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPA2735EVB1 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  QPA2735EVB1 Datasheet HTML 1Page - TriQuint Semiconductor QPA2735EVB1 Datasheet HTML 2Page - TriQuint Semiconductor QPA2735EVB1 Datasheet HTML 3Page - TriQuint Semiconductor QPA2735EVB1 Datasheet HTML 4Page - TriQuint Semiconductor QPA2735EVB1 Datasheet HTML 5Page - TriQuint Semiconductor QPA2735EVB1 Datasheet HTML 6Page - TriQuint Semiconductor QPA2735EVB1 Datasheet HTML 7Page - TriQuint Semiconductor QPA2735EVB1 Datasheet HTML 8Page - TriQuint Semiconductor QPA2735EVB1 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
QPA2735
13.75
– 18 GHz GaAs Low Noise Amplifier
Data Sheet Rev. A, June 12 10, 2017 | Subject to change without notice
- 1 of 14 -
www.qorvo.com
General Description
Qorvo’s QPA2735 is a packaged, high-performance, low
noise amplifier fabricated on Qorvo’s production 90nm
pHEMT (QPHT09) process. Covering 13.75
– 18 GHz,
the QPA2735 provides 26 dB small signal gain and P1dB
of 18 dBm, while supporting a noise figure of 1.1 dB and
IM3 levels of −58 dBc (at Pout=0 dBm/tone).
Packaged in a small 4 mm x 4 mm plastic overmold QFN,
the QPA2735 is matched to 50 ohms with integrated DC
blocking caps on both I/O ports for easy handling and
simple system integration.
The QPA2735 high performance and ease of handling
makes
it
ideal
for
satellite
and
point
to
point
communication systems.
Lead-free and RoHS compliant.
Evaluation boards are available upon request.
Product Features
 Frequency Range: 13.75 – 18 GHz
 Noise Figure: 1.1 dB
 Small Signal Gain: 26 dB
 P1dB: 18 dBm
 IMD3: −58 dBc (@ Pout=0 dBm/tone)
 Bias: VD = 3.5 V, IDQ = 105 mA, VG = −0.46 V
 Plastic Overmold Package
 Package Dimensions: 4.0 x 4.0 x 0.85 mm
Performance is typical across frequency. Please
reference electrical specification table and data plots for
more details.
Ordering Information
Part No.
ECCN Description
QPA2735
EAR99
13.75 – 18 GHz Low Noise Amplifier
QPA2735EVB1 EAR99
13.75 – 18 GHz QPA2735 LNA
Evaluation Board
Applications
 Satellite Communications
 Point to Point Communications
Pad Configuration
Pad No.
Label
1, 3, 9, 11, 17 (slug)
GND
2
RF Input
4
VG1
6
VG2
8
VG3
10
RF Output
12
VD3
14
VD2
16
VD1
5, 7, 13, 15
N/C
Functional Block Diagram


Similar Part No. - QPA2735EVB1

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA2735EVB1 QORVO-QPA2735EVB1 Datasheet
1Mb / 15P
   13 ??20 GHz GaAs Low Noise Amplifier
More results

Similar Description - QPA2735EVB1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6233 AVAGO-AMMP-6233 Datasheet
619Kb / 8P
   18 to 32 GHz GaAs Low Noise Amplifier
AMMC-6233 AVAGO-AMMC-6233 Datasheet
261Kb / 9P
   18 to 32 GHz GaAs Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6233 BOARDCOM-AMMC-6233 Datasheet
268Kb / 9P
   18 to 32 GHz GaAs Low Noise Amplifier
AMMP-6233 BOARDCOM-AMMP-6233 Datasheet
301Kb / 6P
   18 to 32 GHz GaAs Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC281 HITTITE-HMC281 Datasheet
106Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER 18 - 32 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6233 AVAGO-AMMP-6233_15 Datasheet
301Kb / 6P
   18 to 32 GHz GaAs Low Noise Amplifier
logo
Renesas Technology Corp
F6923 RENESAS-F6923 Datasheet
127Kb / 3P
   Dual-Channel Low Noise Amplifier 13.75 ??17.3 GHz
logo
Analog Devices
ADL8106 AD-ADL8106 Datasheet
1Mb / 26P
   GaAs, pHEMT, Low Noise Amplifier, 18 GHz to 54 GHz
Rev. 0
logo
Hittite Microwave Corpo...
HMC-ALH445 HITTITE-HMC-ALH445 Datasheet
244Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 18 - 40 GHz
HMC519LC4 HITTITE-HMC519LC4 Datasheet
233Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 31 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com