Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPA2735 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # QPA2735
Description  13.75 ??18 GHz GaAs Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPA2735 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  QPA2735 Datasheet HTML 1Page - TriQuint Semiconductor QPA2735 Datasheet HTML 2Page - TriQuint Semiconductor QPA2735 Datasheet HTML 3Page - TriQuint Semiconductor QPA2735 Datasheet HTML 4Page - TriQuint Semiconductor QPA2735 Datasheet HTML 5Page - TriQuint Semiconductor QPA2735 Datasheet HTML 6Page - TriQuint Semiconductor QPA2735 Datasheet HTML 7Page - TriQuint Semiconductor QPA2735 Datasheet HTML 8Page - TriQuint Semiconductor QPA2735 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
QPA2735
13.75
– 18 GHz GaAs Low Noise Amplifier
Data Sheet Rev. A, June 12 10, 2017 | Subject to change without notice
- 5 of 14 -
www.qorvo.com
Performance Plots – Nose Figure
Test Conditions unless otherwise stated: VD = 3.5V, IDQ = 105mA, 25C. Data de-embedded to the device reference


Similar Part No. - QPA2735

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA2735 QORVO-QPA2735 Datasheet
1Mb / 15P
   13 ??20 GHz GaAs Low Noise Amplifier
QPA2735D QORVO-QPA2735D Datasheet
975Kb / 14P
   13 ??20 GHz Low Noise Amplifier
QPA2735DEVB01 QORVO-QPA2735DEVB01 Datasheet
975Kb / 14P
   13 ??20 GHz Low Noise Amplifier
QPA2735EVB1 QORVO-QPA2735EVB1 Datasheet
1Mb / 15P
   13 ??20 GHz GaAs Low Noise Amplifier
QPA2735TR7 QORVO-QPA2735TR7 Datasheet
1Mb / 15P
   13 ??20 GHz GaAs Low Noise Amplifier
More results

Similar Description - QPA2735

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6233 AVAGO-AMMP-6233 Datasheet
619Kb / 8P
   18 to 32 GHz GaAs Low Noise Amplifier
AMMC-6233 AVAGO-AMMC-6233 Datasheet
261Kb / 9P
   18 to 32 GHz GaAs Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6233 BOARDCOM-AMMC-6233 Datasheet
268Kb / 9P
   18 to 32 GHz GaAs Low Noise Amplifier
AMMP-6233 BOARDCOM-AMMP-6233 Datasheet
301Kb / 6P
   18 to 32 GHz GaAs Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC281 HITTITE-HMC281 Datasheet
106Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER 18 - 32 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6233 AVAGO-AMMP-6233_15 Datasheet
301Kb / 6P
   18 to 32 GHz GaAs Low Noise Amplifier
logo
Renesas Technology Corp
F6923 RENESAS-F6923 Datasheet
127Kb / 3P
   Dual-Channel Low Noise Amplifier 13.75 ??17.3 GHz
logo
Analog Devices
ADL8106 AD-ADL8106 Datasheet
1Mb / 26P
   GaAs, pHEMT, Low Noise Amplifier, 18 GHz to 54 GHz
Rev. 0
logo
Hittite Microwave Corpo...
HMC-ALH445 HITTITE-HMC-ALH445 Datasheet
244Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 18 - 40 GHz
HMC519LC4 HITTITE-HMC519LC4 Datasheet
233Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 31 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com