Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1102 Datasheet(PDF) 9 Page - Mitsumi Electronics, Corp.

Part # MM1102
Description  Monolithic IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1102 Datasheet(HTML) 9 Page - Mitsumi Electronics, Corp.

Back Button MM1102 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1102 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1102 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1102 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1102 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1102 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1102 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1102 Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM1102 Datasheet HTML 10Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MITSUMI
Compander IC MM1102
Measuring Circuit (Except where noted otherwise, VIN=1kHz)
1. Consumption current
2. Threshold voltage
3. Input reference level
Gain error difference= (VOUT (dBv) -20dB) -VIN (dB)
G
(G=COMP=0.5, EXP=2)
Gain error difference (1)
Gc1=-20dB, Ge1=-10dB
Gain error difference (2)
Gc2=-40dB, Ge2=-20dB
Gain error difference (3)
Ge2=-30dB
4. Gain error difference
5. Distortion
6. Limit voltage
7. Maximum output voltage


Similar Part No. - MM1102

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MM110 WEITRON-MM110 Datasheet
209Kb / 3P
   Surface Mount Schottky Diodes
logo
Mitsumi Electronics, Co...
MM1100 MITSUMI-MM1100 Datasheet
113Kb / 5P
    Compander IC Monolithic IC MM1100
MM1104 MITSUMI-MM1104 Datasheet
114Kb / 4P
   Monolithic IC
MM1104AF MITSUMI-MM1104AF Datasheet
114Kb / 4P
   Monolithic IC
MM1104BF MITSUMI-MM1104BF Datasheet
114Kb / 4P
   Monolithic IC
More results

Similar Description - MM1102

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1108 MITSUMI-MM1108 Datasheet
125Kb / 5P
   Monolithic IC
MM1217 MITSUMI-MM1217 Datasheet
116Kb / 4P
   Monolithic IC
MM1380 MITSUMI-MM1380 Datasheet
185Kb / 7P
   Monolithic IC
LAG639 MITSUMI-LAG639 Datasheet
257Kb / 8P
   Monolithic IC
MM1104 MITSUMI-MM1104 Datasheet
114Kb / 4P
   Monolithic IC
MM1100 MITSUMI-MM1100 Datasheet
113Kb / 5P
    Compander IC Monolithic IC MM1100
MM1424 MITSUMI-MM1424 Datasheet
59Kb / 5P
   IC for XO Monolithic IC
MM1458 MITSUMI-MM1458 Datasheet
127Kb / 6P
   RegulatorReset IC Monolithic IC
MM1407 MITSUMI-MM1407 Datasheet
928Kb / 25P
   Monolithic IC MM1407
logo
Rohm
BD82000FVJ ROHM-BD82000FVJ Datasheet
162Kb / 5P
   Silicon Monolithic IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com