Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSH2-SR-PS-5000 Datasheet(PDF) 5 Page - DDK Ltd.

Part # PSH2-SR-PS-5000
Description  Compact Coaxial Connector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

PSH2-SR-PS-5000 Datasheet(HTML) 5 Page - DDK Ltd.

  PSH2-SR-PS-5000 Datasheet HTML 1Page - DDK Ltd. PSH2-SR-PS-5000 Datasheet HTML 2Page - DDK Ltd. PSH2-SR-PS-5000 Datasheet HTML 3Page - DDK Ltd. PSH2-SR-PS-5000 Datasheet HTML 4Page - DDK Ltd. PSH2-SR-PS-5000 Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PSH2 Series
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
Unit:mm
○ Instruction Manual
When mating the connector, please insert the connector along the center conductor.
When unmating the connector, please pull off vertically by using below tool
(No.357J-K8035-01).
  Excessive torsional mating causes to be broken.
・Allowable cable load at mating
 Do not add the load more than right figure.
○ Reflow Temperature Profile
2N(Max.)
4N(Max.)
2N(Max.)
Pull-off Tool
①Insert
②Pull off vertically
50
100
150
200
230
260
Pre-heating
150~200℃
60~120sec
230℃ max.
30~35sec
MAX:260℃
Time[sec]
※ Above reflow temperature plofile can be fluctuated by sort of the solder paste. Please test the
soldering temperature beforehand.
※ The temperature is measured at the terminal area.
※ Reflow cycle is up to twice.
5
X
2N
X
Pull-off Tool
Insert
Pull off vertically
(357J-K8035-01)
X
2N
X
Pull-off Tool
Insert
Pull off vertically
(357J-K8035-01)


Similar Part No. - PSH2-SR-PS-5000

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
PSH2 DDK-PSH2 Datasheet
577Kb / 5P
   Compact Coaxial Connector
More results

Similar Description - PSH2-SR-PS-5000

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
PSH DDK-PSH Datasheet
838Kb / 5P
   Compact Coaxial Connector
PSH2 DDK-PSH2 Datasheet
577Kb / 5P
   Compact Coaxial Connector
BM1-SP-1.5D-CR1 DDK-BM1-SP-1.5D-CR1 Datasheet
534Kb / 2P
   Compact Bayonet Lock Coaxial Connector
BMB DDK-BMB Datasheet
392Kb / 2P
   Compact Bayonet Lock Coaxial Connector
PMQ DDK-PMQ Datasheet
684Kb / 3P
   Compact Push-On Locking Coaxial Connector
logo
Japan Aviation Electron...
FI-JHS JAE-FI-JHS Datasheet
730Kb / 8P
   Fine-wire Coaxial Connector For Compact Mobile Devices
logo
DDK Ltd.
PMP-SP-1D-CR3 DDK-PMP-SP-1D-CR3 Datasheet
712Kb / 3P
   Automotive Coaxial Connector
logo
Huber+Suhner, Inc.
21_SMA-50-3-15111_N HUBERSUHNER-21_SMA-50-3-15111_N Datasheet
799Kb / 1P
   Coaxial Cable Connector
21_UHF-0-7-4033_- HUBERSUHNER-21_UHF-0-7-4033_- Datasheet
810Kb / 1P
   Coaxial Cable Connector
22_BNC-50-0-16133_N HUBERSUHNER-22_BNC-50-0-16133_N Datasheet
795Kb / 1P
   Coaxial Panel Connector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com