Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAZ40360L Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MAZ40360L
Description  Silicon planar type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ40360L Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MAZ40360L Datasheet HTML 1Page - Panasonic Semiconductor MAZ40360L Datasheet HTML 2Page - Panasonic Semiconductor MAZ40360L Datasheet HTML 3Page - Panasonic Semiconductor MAZ40360L Datasheet HTML 4Page - Panasonic Semiconductor MAZ40360L Datasheet HTML 5Page - Panasonic Semiconductor MAZ40360L Datasheet HTML 6Page - Panasonic Semiconductor MAZ40360L Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Zener Diodes
1
Publication date: February 2002
SKE00004CED
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 10 mA
0.8
0.9
V
Zener voltage *
2
VZ
IZ
Specified value
V
Zener knee operating resistance
RZK
IZ
Specified value
Zener operating resistance
RZ
IZ
Specified value
Reverse current
IR1
VR
Specified value
µA
IR2
VR
Specified value
µA
Temperature coefficient of zener voltage *
3
SZ
IZ
Specified value
mV/
°C
Terminal capacitance
Ct
VR
Specified value
pF
MAZ4000 Series (MA4000 Series)
Silicon planar type
For stabilization of power supply
s Features
• High reliability, achieved by the DHD structure
• Allowing to insert to a 5 mm pitch hole
• Finely divided zener-voltage rank
• Sharp rising performance
• Wide voltage range: V
Z = 2.0 V to 39 V
s Absolute Maximum Ratings T
a = 25°C
Unit: mm
Parameter
Symbol
Rating
Unit
Average forward current
IF(AV)
250
mA
Repetitive peak forward current
IFRM
250
mA
Total power dissipation*
1
Ptot
370
mW
Non-repetitive reverse surge
PZSM
30
W
power dissipation*
2
Junction temperature
Tj
200
°C
Storage temperature
Tstg
−65 to +200
°C
s Common Electrical Characteristics T
a = 25°C
*1
DO-34-A2 Package
Note) *1: With a printed circuit board
*2: t = 100 µs, Tj = 150°C
1st Band
2nd Band
3rd Band
Cathode
Anode
Colored band
indicatesVz
classification
2.7±0.15
2.5±0.1
13 min.
φ1.55±0.2
13 min.
Refer to the list of the
electrical characteristics
within part numbers
Note) 1. Rated input/output frequency: 5 MHz
2. *1 : The VZ value is for the temperature of 25°C. In other cases, carry out the temperature compensation.
*2 : Guaranteed at 20 ms after power application.
*3: Tj = 25°C to 150°C
Note) The part number in the parenthesis shows conventional part number.
• Color indication of V
Z rank classification
Rank
L
M
H
Color
Black
Blue
Red


Similar Part No. - MAZ40360L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ40360L PANASONIC-MAZ40360L Datasheet
104Kb / 7P
   Silicon planar type
More results

Similar Description - MAZ40360L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com