Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P242393 Datasheet(PDF) 7 Page - Advanced Semiconductor

Part # P242393
Description  Excellent Thermal Stability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

P242393 Datasheet(HTML) 7 Page - Advanced Semiconductor

  P242393 Datasheet HTML 1Page - Advanced Semiconductor P242393 Datasheet HTML 2Page - Advanced Semiconductor P242393 Datasheet HTML 3Page - Advanced Semiconductor P242393 Datasheet HTML 4Page - Advanced Semiconductor P242393 Datasheet HTML 5Page - Advanced Semiconductor P242393 Datasheet HTML 6Page - Advanced Semiconductor P242393 Datasheet HTML 7Page - Advanced Semiconductor P242393 Datasheet HTML 8Page - Advanced Semiconductor P242393 Datasheet HTML 9Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HVVi Semiconductors, Inc.
ISO 9001:2000 Certified
EG-01-DS18A
10235 S. 51
st St. Suite 100
Tel: (866) 429-HVVi (4884) or visit www.hvvi.com
07/15/2010
Phoenix, Az. 85044
© 2009 HVVi Semiconductors, Inc. All Rights Reserved.
7
HVV1012-550 High Voltage, High Ruggedness
L-Band High Power Pulsed Transistor
1025-1150 MHz, 10µs Pulse, 1% Duty
For Airborne DME Applications
Frequency
Zin* (ohms)
Zout* (ohms)
1025MHz
0.95-j1.4
1.2-j2.8
1060MHz
0.97-j1.2
1.1-j2.5
1150MHz
1.1-j0.66
1.0-j1.9
Zin*
Zout*
Output
Impedance
Matching Network
Input
Impedance
Matching Network
Test Circuit Impedances
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!!
!
!!!!!


Similar Part No. - P242393

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
P242393 ASI-P242393 Datasheet
1Mb / 9P
   Silicon MOSFET Technology
P242393 ASI-P242393 Datasheet
2Mb / 5P
   Silicon MOSFET Technology
P242393 ASI-P242393 Datasheet
1Mb / 8P
   All Gold Bonding Scheme
More results

Similar Description - P242393

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC150V2-350E STMICROELECTRONICS-STAC150V2-350E Datasheet
521Kb / 12P
   Excellent thermal stability
January 2013 Rev 1
LET9070CB STMICROELECTRONICS-LET9070CB Datasheet
725Kb / 14P
   Excellent thermal stability
July 2013 Rev 2
LET16060C STMICROELECTRONICS-LET16060C Datasheet
280Kb / 9P
   Excellent thermal stability
April 2014 Rev 3
STAC2942F STMICROELECTRONICS-STAC2942F Datasheet
533Kb / 16P
   Excellent thermal stability
October 2011 Rev 3
STAC2943 STMICROELECTRONICS-STAC2943 Datasheet
350Kb / 12P
   Excellent thermal stability
January 2012 Rev 1
STAC3933 STMICROELECTRONICS-STAC3933 Datasheet
290Kb / 14P
   Excellent thermal stability
January 2012 Rev 1
STAC4932B STMICROELECTRONICS-STAC4932B Datasheet
508Kb / 13P
   Excellent thermal stability
January 2014 Rev 7
STAC4932F STMICROELECTRONICS-STAC4932F Datasheet
330Kb / 12P
   Excellent thermal stability
September 2010 Rev 3
STAC4933 STMICROELECTRONICS-STAC4933 Datasheet
398Kb / 12P
   Excellent thermal stability
May 2017 Rev 2
LET9180 STMICROELECTRONICS-LET9180 Datasheet
314Kb / 10P
   Excellent thermal stability
May 2013 Rev 1
PD84006-E STMICROELECTRONICS-PD84006-E Datasheet
214Kb / 11P
   Excellent thermal stability
May 2012 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com