Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ5303SG Datasheet(PDF) 4 Page - Shindengen Electric Mfg.Co.Ltd

Part # MCZ5303SG
Description  Starter IC with High-Efficiency Burst Function
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MCZ5303SG Datasheet(HTML) 4 Page - Shindengen Electric Mfg.Co.Ltd

  MCZ5303SG Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MCZ5303SG Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MCZ5303SG Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MCZ5303SG Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd MCZ5303SG Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd MCZ5303SG Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd MCZ5303SG Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd MCZ5303SG Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd MCZ5303SG Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Confidential
MCZ5303SG, MCZ5303SH Application Manual Vol. 1.0
CAT.No. 1H0400-1E
– 4 –
1 Overview of Product
MCZ5303SG is a function IC in which the standby IC is removed from the conventional two-converter
configuration to realize a one-converter configuration while keeping high efficiency. MCZ5303SH of
SOP7J package is also in the lineup in case only start circuit is required.
SOP7J(MCZ5303SH), SOP16(MCZ5303SG) package
500V HV startup function
Optimised burst mode control
35V supply withstanding
18.5V internal dropper
Specialized burst sequence circuit for using LLC controllers like Shindengen MCZ5205 and
MCZ5207 (MCZ5303SG only)
Input main line sensing
Thermal shutdown function eliminates external protective components
1.1 Features
• When using MCZ5303, the sub converter for Vcc supplying in existing 2 converter configuration
(PFC&LLC + sub converter) is no longer required.
• Open load 0.1W consumption is possible in single LLC converter solution.
• Total component counts can be much reduced.
1.2 Example of Circuit Configuration
MCZ5205SE(PFC/LLC combo IC) + MCZ5303SG


Similar Part No. - MCZ5303SG

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MCZ5303SH SHINDENGEN-MCZ5303SH Datasheet
1Mb / 27P
   Starter IC with High-Efficiency Burst Function
More results

Similar Description - MCZ5303SG

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MCZ5303SH SHINDENGEN-MCZ5303SH Datasheet
1Mb / 27P
   Starter IC with High-Efficiency Burst Function
logo
Kinetic Technologies.
KTD3134 KINETIC-KTD3134 Datasheet
1Mb / 24P
   High Efficiency 2-Channel LED Backlight with Flash Function
April 2019 - Revision 04a
logo
Nippon Precision Circui...
5041 NPC-5041 Datasheet
121Kb / 11P
   High-stability Crystal Oscillator IC with Frequency Adjustment Function
logo
NXP Semiconductors
TEA1541 PHILIPS-TEA1541 Datasheet
112Kb / 19P
   SMPS control IC with synchronization function
2003 Aug 11
logo
Rohm
BA6129AF ROHM-BA6129AF Datasheet
108Kb / 9P
   Reset IC with battery backup function
logo
Nippon Precision Circui...
5042 NPC-5042 Datasheet
116Kb / 11P
   High-stability Crystal Oscillator IC with Frequency Adjustment Function
logo
Kinetic Technologies.
KTD3137 KINETIC-KTD3137 Datasheet
1Mb / 24P
   High Efficiency 3-Channel LED Backlight with Panel Flash Function
April 2019 - Revision 04a
logo
Shenzhen Winsemi Microe...
WS2596B WINSEMI-WS2596B Datasheet
693Kb / 9P
   High Efficiency Charger Control IC
logo
Rohm
BH6172GU ROHM-BH6172GU Datasheet
920Kb / 17P
   High-efficiency Power Management IC
logo
List of Unclassifed Man...
WS2596B ETC2-WS2596B Datasheet
693Kb / 9P
   High Efficiency Charger Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com