Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXT000116 Datasheet(PDF) 7 Page - Advanced Semiconductor

Part # FXT000116
Description  Silicon MOSFET Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

FXT000116 Datasheet(HTML) 7 Page - Advanced Semiconductor

  FXT000116 Datasheet HTML 1Page - Advanced Semiconductor FXT000116 Datasheet HTML 2Page - Advanced Semiconductor FXT000116 Datasheet HTML 3Page - Advanced Semiconductor FXT000116 Datasheet HTML 4Page - Advanced Semiconductor FXT000116 Datasheet HTML 5Page - Advanced Semiconductor FXT000116 Datasheet HTML 6Page - Advanced Semiconductor FXT000116 Datasheet HTML 7Page - Advanced Semiconductor FXT000116 Datasheet HTML 8Page - Advanced Semiconductor FXT000116 Datasheet HTML 9Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HVVi Semiconductors, Inc.
ISO 9001:2000 Certified
EG-01-DS15A
10235 S. 51st St. Suite 100
Tel: (866) 429-HVVi (4884) or visit www.hvvi.com
07/15/2010
Phoenix, Az. 85044
© 2009 HVVi Semiconductors, Inc. All Rights Reserved.
7
H V V1011-600 High Voltage, High Ruggedness
L-Band High Power Pulsed Transistor
1030/1090 MHz, 50µs Pulse, 2% Duty
For TCAS, IF F and Mode-S Applications
Frequency
Zin* (ohms)
Zout* (ohms)
1030MHz
0.95-j1.35
1.1-j2.7
1090MHz
1.0-j1.0
1.0-j2.3
Zin*
Zout*
Output
Impedance
Matching Network
Input
Impedance
Matching Network
Test Circuit Impedances
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!!
!
!!!!!


Similar Part No. - FXT000116

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
FXT000116 ASI-FXT000116 Datasheet
1Mb / 9P
   Excellent Thermal Stability
More results

Similar Description - FXT000116

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
HVV1012-250 ASI-HVV1012-250 Datasheet
2Mb / 5P
   Silicon MOSFET Technology
logo
International Rectifier
IRF66651PBF IRF-IRF66651PBF Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF6785MPBF IRF-IRF6785MPBF_15 Datasheet
609Kb / 9P
   Latest MOSFET Silicon technology
IRF6643PBF IRF-IRF6643PBF_15 Datasheet
437Kb / 9P
   Latest MOSFET silicon technology
IRF6665PBF IRF-IRF6665PBF Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF6775MPBF IRF-IRF6775MPBF_15 Datasheet
242Kb / 10P
   Latest MOSFET Silicon technology
IRF6641PBF IRF-IRF6641PBF Datasheet
447Kb / 10P
   Latest MOSFET silicon technology
IRF6643PBF IRF-IRF6643PBF Datasheet
437Kb / 9P
   Latest MOSFET silicon technology
IRF6775MPBF IRF-IRF6775MPBF Datasheet
242Kb / 10P
   Latest MOSFET Silicon technology
IRF6665PBF IRF-IRF6665PBF_15 Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com