Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206C103K1RACTU Datasheet(PDF) 8 Page - Advanced Semiconductor

Part # C1206C103K1RACTU
Description  All Gold Bonding Scheme
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

C1206C103K1RACTU Datasheet(HTML) 8 Page - Advanced Semiconductor

  C1206C103K1RACTU Datasheet HTML 1Page - Advanced Semiconductor C1206C103K1RACTU Datasheet HTML 2Page - Advanced Semiconductor C1206C103K1RACTU Datasheet HTML 3Page - Advanced Semiconductor C1206C103K1RACTU Datasheet HTML 4Page - Advanced Semiconductor C1206C103K1RACTU Datasheet HTML 5Page - Advanced Semiconductor C1206C103K1RACTU Datasheet HTML 6Page - Advanced Semiconductor C1206C103K1RACTU Datasheet HTML 7Page - Advanced Semiconductor C1206C103K1RACTU Datasheet HTML 8Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PACKAGE DIMENSIONS
Note: Drawing is not actual size.
SOURCE
DRAIN
GATE
ASI
PART NUMBER
JDATE CODE
inches
mm
ASI Semiconductor, Inc. (ASI) reserves the right to make changes to information published in this
document at any time and without notice. This document supersedes and replaces all information
supplied prior to the publication hereof. Information in this document is believed to be accurate and
reliable. However, ASI does not give any representations or warranties, either express or implied, as
to the accuracy or completeness of such information and shall have no liability no liability for conse-
-quences resulting from the use of such information. No license, either expressed or implied, is conveyed
under any ASI intellectual property rights, including any patent rights.


Similar Part No. - C1206C103K1RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C103K1RACTU KEMET-C1206C103K1RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C1206C103K1RACTU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LTK5128 ETC2-LTK5128 Datasheet
698Kb / 10P
   FM scheme
logo
Central Semiconductor C...
CBR1F CENTRAL-CBR1F Datasheet
664Kb / 3P
   Inventory bonding
logo
Samsung semiconductor
KS57P2316 SAMSUNG-KS57P2316 Datasheet
49Kb / 4P
   BONDING DIAGRAM
logo
List of Unclassifed Man...
1351692 ETC2-1351692 Datasheet
93Kb / 2P
   Shielding and Bonding Cable
logo
3M Electronics
AU-205 3M-AU-205 Datasheet
61Kb / 5P
   3M??Magnet Bonding Adhesive
logo
List of Unclassifed Man...
1344171 ETC2-1344171 Datasheet
93Kb / 2P
   Shielding and Bonding Cable.
logo
UMPCO, Inc.
AS7351 UMPCO-AS7351 Datasheet
72Kb / 1P
   CLAMP, LOOP TYPE BONDING
logo
List of Unclassifed Man...
1345387 ETC2-1345387 Datasheet
93Kb / 2P
   Shielding and Bonding Cable.
1351630 ETC2-1351630 Datasheet
92Kb / 2P
   Shielding and Bonding Cable.
logo
Shenzhen Huazhimei Semi...
HM7161 HMSEMI-HM7161 Datasheet
728Kb / 9P
   Dimming stroboscopic scheme application circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com