Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TH3D106M035C5000 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TH3D106M035C5000
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 150 °C, Automotive Grade
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TH3D106M035C5000 Datasheet(HTML) 4 Page - Vishay Siliconix

  TH3D106M035C5000 Datasheet HTML 1Page - Vishay Siliconix TH3D106M035C5000 Datasheet HTML 2Page - Vishay Siliconix TH3D106M035C5000 Datasheet HTML 3Page - Vishay Siliconix TH3D106M035C5000 Datasheet HTML 4Page - Vishay Siliconix TH3D106M035C5000 Datasheet HTML 5Page - Vishay Siliconix TH3D106M035C5000 Datasheet HTML 6Page - Vishay Siliconix TH3D106M035C5000 Datasheet HTML 7Page - Vishay Siliconix TH3D106M035C5000 Datasheet HTML 8Page - Vishay Siliconix TH3D106M035C5000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TH3
www.vishay.com
Vishay Sprague
Revision: 20-Jun-17
4
Document Number: 40084
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
10 VDC AT +85 °C; 7 VDC AT +125 °C; 5 VDC AT +150 °C
22
B
TH3B226(1)010(2)1500
2.2
6
1.50
0.24
22
C
TH3C226(1)010(3)1500
2.2
6
1.50
0.27
22
C
TH3C226(1)010(3)1100
2.2
6
1.10
0.32
33
B
TH3B336(1)010(2)1900
3.3
6
1.90
0.21
33
B
TH3B336(1)010(2)1400
3.3
6
1.40
0.25
33
D
TH3D336(1)010(4)0800
3.3
6
0.80
0.43
47
B
TH3B476(1)010(2)1800
4.7
6
1.80
0.22
47
C
TH3C476(1)010(3)0800
4.7
6
0.80
0.37
47
C
TH3C476(1)010(3)0500
4.7
6
0.50
0.47
47
D
TH3D476(1)010(4)0600
4.7
6
0.60
0.50
68
C
TH3C686(1)010(3)1000
6.8
8
1.00
0.33
68
C
TH3C686(1)010(3)0800
6.8
8
0.80
0.37
68
D
TH3D686(1)010(4)1000
6.8
6
1.00
0.39
68
D
TH3D686(1)010(4)0600
6.8
6
0.60
0.50
68
D
TH3D686(1)010(4)0400
6.8
6
0.40
0.61
100
C
TH3C107(1)010(3)0900
10.0
6
0.90
0.35
100
C
TH3C107(1)010(3)0500
10.0
6
0.50
0.47
100
D
TH3D107(1)010(4)0600
10.0
8
0.60
0.50
150
D
TH3D157(1)010(4)0600
15.0
8
0.60
0.50
220
E
TH3E227(1)010(4)0500
22.0
8
0.50
0.61
16 VDC AT +85 °C; 10 VDC AT +125 °C; 8 VDC AT +150 °C
1.0
A
TH3A105(1)016(3)6500
0.5
4
6.50
0.11
2.2
A
TH3A225(1)016(3)4300
0.5
6
4.30
0.13
3.3
A
TH3A335(1)016(3)3400
0.5
6
3.40
0.15
3.3
B
TH3B335(1)016(2)3000
0.5
6
3.00
0.17
4.7
A
TH3A475(1)016(3)2900
0.8
6
2.90
0.16
4.7
B
TH3B475(1)016(2)2100
0.8
6
2.10
0.2
6.8
A
TH3A685(1)016(3)2600
1.1
6
2.60
0.17
6.8
A
TH3A685(1)016(3)2000
1.1
6
2.00
0.19
6.8
B
TH3B685(1)016(2)1800
1.1
6
1.80
0.22
6.8
C
TH3C685(1)016(3)1700
1.1
6
1.70
0.25
10
B
TH3B106(1)016(2)2000
1.6
6
2.00
0.21
10
C
TH3C106(1)016(3)1400
1.6
6
1.40
0.28
10
C
TH3C106(1)016(3)0800
1.6
6
0.80
0.37
15
B
TH3B156(1)016(2)2000
2.4
6
2.00
0.21
15
C
TH3C156(1)016(3)1000
2.4
6
1.00
0.33
22
B
TH3B226(1)016(2)1900
3.5
6
1.90
0.21
22
C
TH3C226(1)016(3)1000
3.5
6
1.00
0.33
22
C
TH3C226(1)016(3)0800
3.5
4.5
0.80
0.37
22
D
TH3D226(1)016(4)0800
3.5
6
0.80
0.43
33
C
TH3C336(1)016(3)0900
5.3
6
0.90
0.35
33
C
TH3C336(1)016(3)0600
5.3
6
0.60
0.43
33
D
TH3D336(1)016(4)0600
5.3
6
0.60
0.50
47
C
TH3C476(1)016(3)0800
7.5
6
0.80
0.37
47
C
TH3C476(1)016(3)0600
7.5
6
0.60
0.43
47
D
TH3D476(1)016(4)0600
7.5
6
0.60
0.43
68
D
TH3D686(1)016(4)0600
10.9
6
0.60
0.50
100
D
TH3D107(1)016(4)0600
16.0
8
0.60
0.50
100
E
TH3E107(1)016(4)0600
16.0
8
0.60
0.56
100
E
TH3E107(1)016(4)0150
16.0
8
0.15
1.11
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, D, E, F
(3) Termination and packaging: A, B, C, D, E, F
(4) Termination and packaging: A, B, C, D, E, F, V, U, T, W


Similar Part No. - TH3D106M035C5000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH3D106M035C5000 VISHAY-TH3D106M035C5000 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
More results

Similar Description - TH3D106M035C5000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH4 VISHAY-TH4 Datasheet
575Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
Revision: 06-Dec-16
TH4 VISHAY-TH4_17 Datasheet
568Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
Revision: 26-Jun-17
TH5 VISHAY-TH5 Datasheet
1Mb / 11P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, HI-TMP®, Very High Temperature 200 °C
Revision: 28-Sep-16
TH3B226K016C1900 VISHAY-TH3B226K016C1900 Datasheet
573Kb / 8P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT Molded Case, High Temperature 150 C
Revision: 27-Jun-13
293D VISHAY-293D_08 Datasheet
109Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 05-May-08
293D477X96R3E2TE3 VISHAY-293D477X96R3E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
293D476X9010C2TE3 VISHAY-293D476X9010C2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
293D107X9016E2TE3 VISHAY-293D107X9016E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
293D106X9025D2TE3 VISHAY-293D106X9025D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com