Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP73844 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP73844
Description  Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73844 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP73844 Datasheet HTML 7Page - Microchip Technology MCP73844 Datasheet HTML 8Page - Microchip Technology MCP73844 Datasheet HTML 9Page - Microchip Technology MCP73844 Datasheet HTML 10Page - Microchip Technology MCP73844 Datasheet HTML 11Page - Microchip Technology MCP73844 Datasheet HTML 12Page - Microchip Technology MCP73844 Datasheet HTML 13Page - Microchip Technology MCP73844 Datasheet HTML 14Page - Microchip Technology MCP73844 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
 2004 Microchip Technology Inc.
DS21823B-page 11
MCP73841/2/3/4
4.0
DEVICE OVERVIEW
The MCP7384X family of devices are highly advanced,
linear charge management controllers. Figure 4-1
depicts the operational flow algorithm from charge
initiation to completion and automatic recharge.
4.1
Charge Qualification and
Preconditioning
Upon insertion of a battery or application of an external
supply, the MCP7384X family of devices automatically
perform a series of safety checks to qualify the charge.
The input source voltage must be above the
undervoltage lockout threshold, the enable pin must be
above the logic-high level and the cell temperature
monitor must be within the upper and lower thresholds.
The cell temperature monitor applies to both the
MCP73841 and MCP73842, with the qualification
parameters being continuously monitored. Deviation
beyond the limits automatically suspends or terminates
the charge cycle.
Once the qualification parameters have been met, the
MCP7384X initiates a charge cycle. The charge status
output is pulled low throughout the charge cycle (see
Table 5-1 for charge status outputs). If the battery
voltage is below the preconditioning threshold (VPTH),
the MCP7384X preconditions the battery with a trickle-
charge. The preconditioning current is set to
approximately 10% of the fast charge regulation
current. The preconditioning trickle-charge safely
replenishes deeply depleted cells and minimizes heat
dissipation in the external pass transistor during the
initial charge cycle. If the battery voltage has not
exceeded the preconditioning threshold before the
preconditioning timer has expired, a fault is indicated
and the charge cycle is terminated.
4.2
Constant-Current Regulation –
Fast Charge
Preconditioning ends and fast charging begins, when
the battery voltage exceeds the preconditioning
threshold. Fast charge regulates to a constant-current,
IREG, based on the supply voltage minus the voltage at
the SENSE input (VFCS) developed by the drop across
an external sense resistor (RSENSE). Fast charge
continues until the battery voltage reaches the
regulation voltage (VREG); or until the fast charge timer
expires. In this case, a fault is indicated and the charge
cycle is terminated.
4.3
Constant-Voltage Regulation
When the battery voltage reaches the regulation
voltage (VREG), constant-voltage regulation begins.
The MCP7384X monitors the battery voltage at the
VBAT pin. This input is tied directly to the positive
terminal of the battery. The MCP7384X is offered in
four fixed-voltage versions for single or dual series cell
battery packs with either coke or graphite anodes:
- 4.1V (MCP73841-4.1, MCP73843-4.1)
- 4.2V (MCP73841-4.2, MCP73843-4.2)
- 8.2V (MCP73842-8.2, MCP73844-8.2)
- 8.4V (MCP73842-8.4, MCP73844-8.4)
4.4
Charge Cycle Completion and
Automatic Re-Charge
The MCP7384X monitors the charging current during
the constant-voltage regulation phase. The charge
cycle is considered complete when the charge current
has diminished below approximately 7% of the
regulation current (IREG) or the elapsed timer has
expired.
The MCP7384X automatically begins a new charge
cycle when the battery voltage falls below the recharge
threshold (VRTH), assuming all the qualification
parameters are met.


Similar Part No. - MCP73844

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73844 MICROCHIP-MCP73844 Datasheet
416Kb / 26P
   Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
1/29/12 2003-2013
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
More results

Similar Description - MCP73844

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73841 MICROCHIP-MCP73841_13 Datasheet
416Kb / 26P
   Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
1/29/12 2003-2013
logo
Shenzhen Huazhimei Semi...
HM4088 HMSEMI-HM4088 Datasheet
489Kb / 12P
   Switched single-cell, two-cell lithium-ion/lithium polymer charge management chip
logo
Unisonic Technologies
UB2012 UTC-UB2012_12 Datasheet
263Kb / 17P
   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
logo
Texas Instruments
BQ2057CTSTRG4 TI-BQ2057CTSTRG4 Datasheet
1Mb / 30P
[Old version datasheet]   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE-AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
logo
Microchip Technology
MCP73826 MICROCHIP-MCP73826_13 Datasheet
410Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
11/29/12
MCP73826 MICROCHIP-MCP73826 Datasheet
422Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
2002-2013
MCP73826-42VCHTR MICROCHIP-MCP73826-42VCHTR Datasheet
425Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
01/18/02
MCP73861 MICROCHIP-MCP73861_08 Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73861 MICROCHIP-MCP73861_05 Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73861 MICROCHIP-MCP73861_13 Datasheet
872Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management Controllers
11/29/12 2004-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com