Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100B101JP500X Datasheet(PDF) 2 Page - Advanced Semiconductor

Part # 100B101JP500X
Description  Silicon MOSFET Technology
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

100B101JP500X Datasheet(HTML) 2 Page - Advanced Semiconductor

  100B101JP500X Datasheet HTML 1Page - Advanced Semiconductor 100B101JP500X Datasheet HTML 2Page - Advanced Semiconductor 100B101JP500X Datasheet HTML 3Page - Advanced Semiconductor 100B101JP500X Datasheet HTML 4Page - Advanced Semiconductor 100B101JP500X Datasheet HTML 5Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS
PULSE CHARACTERISTICS
THERMAL CHARACTERISTICS
RUGGEDNESS PERFORMANCE
1
NOTE: All parameters measured under pulsed conditions at 250W output power measured at the 10%
point of the pulse with pulse width = 10 sec, duty cycle = 1% and VDD = 50V, IDQ = 100mA in a broad-
band matched test xture.
2
NOTE: Amount of gate voltage required to attain nominal quiescent current.
Symbol Parameter
Conditions
Min
Typical Max
Unit
VBR(DSS)
Drain-Source Breakdown VGS=0V,ID=5mA
95
102
-
V
IDSS
Drain Leakage Current
VGS=0V,VDS=48V
-
50
200
A
IGSS
Gate Leakage Current
VGS=5V,VDS=0V
-
1
5
A
GP1
Power Gain
F=1150MHz
17.5
19.5
-
dB
IRL1
Input Return Loss
F=1150MHz
-
-7
-4
dB
D1
F=1150MHz
46
48
-
%
VGS(Q)2 Gate Quiescent Voltage
VDD=50V,IDQ=100mA
1.1
1.45
1.8
V
VTH
Threshold Voltage
VDD=5V, ID=300 A
0.7
1.2
1.7
V
Symbol Parameter
Conditions
Min
Typical Max
Unit
Tr1
Rise Time
F=1150MHz
-
<40
50
nS
Tf1
Fall Time
F=1150MHz
-
<15
50
nS
PD1
Pulse Droop
F=1150MHz
-
0.25
0.5
dB


Similar Part No. - 100B101JP500X

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
100B101JP500X FREESCALE-100B101JP500X Datasheet
132Kb / 12P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
logo
Advanced Semiconductor
100B101JP500X ASI-100B101JP500X Datasheet
1Mb / 8P
   All Gold Bonding Scheme
More results

Similar Description - 100B101JP500X

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
HVV1011-600 ASI-HVV1011-600 Datasheet
1Mb / 9P
   Silicon MOSFET Technology
logo
International Rectifier
IRF66651PBF IRF-IRF66651PBF Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF6785MPBF IRF-IRF6785MPBF_15 Datasheet
609Kb / 9P
   Latest MOSFET Silicon technology
IRF6643PBF IRF-IRF6643PBF_15 Datasheet
437Kb / 9P
   Latest MOSFET silicon technology
IRF6665PBF IRF-IRF6665PBF Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF6775MPBF IRF-IRF6775MPBF_15 Datasheet
242Kb / 10P
   Latest MOSFET Silicon technology
IRF6641PBF IRF-IRF6641PBF Datasheet
447Kb / 10P
   Latest MOSFET silicon technology
IRF6643PBF IRF-IRF6643PBF Datasheet
437Kb / 9P
   Latest MOSFET silicon technology
IRF6775MPBF IRF-IRF6775MPBF Datasheet
242Kb / 10P
   Latest MOSFET Silicon technology
IRF6665PBF IRF-IRF6665PBF_15 Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com