Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

109D606X0050T0 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 109D606X0050T0
Description  Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

109D606X0050T0 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button 109D606X0050T0 Datasheet HTML 2Page - Vishay Siliconix 109D606X0050T0 Datasheet HTML 3Page - Vishay Siliconix 109D606X0050T0 Datasheet HTML 4Page - Vishay Siliconix 109D606X0050T0 Datasheet HTML 5Page - Vishay Siliconix 109D606X0050T0 Datasheet HTML 6Page - Vishay Siliconix 109D606X0050T0 Datasheet HTML 7Page - Vishay Siliconix 109D606X0050T0 Datasheet HTML 8Page - Vishay Siliconix 109D606X0050T0 Datasheet HTML 9Page - Vishay Siliconix 109D606X0050T0 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
109D
www.vishay.com
Vishay
Revision: 28-Aug-17
8
Document Number: 40023
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
30 VDC AT +85 °C; 20 VDC AT +125 °C
39
C
109D396X0030C0
5.2
110
2.0
9.0
-28
+10
+12
140
47
C
109D476X0030C0
5.2
100
2.0
9.0
-30
+10
+12
140
56
C
109D566X0030C0
5.2
100
2.0
9.0
-38
+12
+15
140
150
F
109D157X0030F0
2.5
40
3.0
9.0
-40
+12
+15
300
180
F
109D187X0030F0
2.5
40
3.0
16
-45
+13
+16
300
220
F
109D227X0030F0
2.5
36
3.0
16
-60
+13
+16
300
330
T
109D337X0030T0
1.8
28
8.0
16
-45
+20
+25
440
390
T
109D397X0030T0
1.8
28
8.0
32
-50
+20
+25
440
470
T
109D477X0030T0
1.8
25
8.0
32
-65
+20
+25
550
560
K
109D567X0030K0
1.3
20
9.0
32
-65
+25
+30
590
35 VDC AT +85 °C; 22 VDC AT +125 °C
33
C
109D336X0035C0
5.2
130
2.0
9.0
-30
+10
+12
140
47
C
109D476X0035C0
5.2
115
2.0
9.0
-35
+10
+12
140
120
F
109D127X0035F0
2.5
45
3.0
16
-45
+13
+16
300
220
T
109D227X0035T0
1.8
30
8.0
32
-45
+20
+25
440
390
T
109D337X0035T0
1.8
27
8.0
32
-58
+20
+25
440
470
K
109D477X0035T0
1.3
21
9.0
36
-58
+25
+30
590
50 VDC AT +85 °C; 30 VDC AT +125 °C
22
C
109D226X0050C0
5.0
150
2.0
9.0
-24
+10
+12
140
33
C
109D336X0050C0
5.0
135
2.0
9.0
-29
+10
+12
140
82
F
109D826X0050F0
2.5
55
4.0
24
-35
+10
+15
300
120
F
109D127X0050F0
2.5
49
4.0
24
-42
+12
+15
300
160
T
109D167X0050T0
1.8
32
6.0
32
-35
+20
+25
420
250
T
109D257X0050T0
1.8
29
8.0
32
-40
+20
+25
440
270
T
109D277X0050T0
1.8
29
8.0
32
-46
+20
+25
440
330
K
109D337X0050K0
1.5
22
9.0
36
-46
+25
+30
550
60 VDC AT +85 °C; 40 VDC AT +125 °C
18
C
109D186X0060C0
5.0
160
3.0
12
-20
+10
+12
140
27
C
109D276X0060C0
5.0
144
3.0
12
-24
+10
+12
140
68
F
109D686X0060F0
3.0
60
3.0
20
-30
+12
+15
270
100
F
109D107X0060F0
2.5
54
4.0
20
-36
+12
+15
300
140
T
109D147X0060T0
2.0
32
8.0
32
-30
+16
+20
420
220
T
109D227X0060T0
1.8
29
8.0
32
-40
+16
+20
440
270
K
109D277X0060K0
1.5
23
9.0
36
-45
+20
+25
550
75 VDC AT +85 °C; 50 VDC AT +125 °C
12
C
109D126X0075C0
5.0
175
2.0
12
-12
+8
+10
140
15
C
109D156X0075C0
5.0
160
2.0
12
-14
+10
+12
140
22
C
109D226X0075C0
5.0
157
3.0
12
-19
+10
+12
140
47
F
109D476X0075F0
3.0
75
4.0
24
-18
+10
+12
270
56
F
109D566X0075F0
3.0
70
4.0
24
-20
+12
+15
270
82
F
109D826X0075F0
2.5
63
4.0
24
-30
+12
+15
300
110
T
109D117X0075T0
2.0
33
9.0
36
-25
+16
+20
420
180
T
109D187X0075T0
1.8
30
9.0
36
-35
+16
+20
440
200
T
109D207X0075T0
1.8
29
8.0
32
-40
+20
+25
440
220
K
109D227X0075K0
2.2
24
10
40
-40
+20
+25
450
270
K
109D277X0075K2
1.3
24
10
40
-40
+20
+25
450
EXTENDED RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER (1)
MAX. ESR
AT +25 °C
120 Hz
(
)
MAX. IMP.
AT -55 °C
120 Hz
(
)
MAX. DCL
(μA) AT
MAX. CAPACITANCE
CHANGE (%) AT
MAX. RMS
RIPPLE
CURRENT
120 Hz
(mA)
+25 °C
+85 °C
+125 °C
-55 °C
+85 °C
+125 °C
Note
(1) Part numbers shown are for units with ± 20 % capacitance tolerance and uninsulated capacitors. For ± 10 % units, change the digit
following the letter “X” from “0” to “9”. For units with outer plastic-film insulation, substitute “2” for “0” at the end of the part number. For
RoHS-compliant add “E3”


Similar Part No. - 109D606X0050T0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
109D606X0050T0 VISHAY-109D606X0050T0 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
More results

Similar Description - 109D606X0050T0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
109D VISHAY-109D_V01 Datasheet
107Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
01-Jan-2022
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
285D VISHAY-285D_07 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com