Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQF120O Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # MQF120O
Description  Open Frame Medical Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

MQF120O Datasheet(HTML) 1 Page - Arch Electronics Corp.

  MQF120O Datasheet HTML 1Page - Arch Electronics Corp. MQF120O Datasheet HTML 2Page - Arch Electronics Corp. MQF120O Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VER : A_0
update : 2017.09.25
AC-DC ITE & Medical Switching Power Supply
MQF120O SERIES
120 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
MQF120O-12S
MQF120O-24S
MQF120O-48S
Max Output Wattage (with 10CFM FAN)
(W)
120 W
Max Output Wattage (Free air Convection)
(W)
100 W
Input
Voltage
(Note 3)
90-264 VAC
Frequency (Hz)
47-63 Hz
Current (Full load)
< 2.0 A max. (115 VAC) / < 1.0 A max. (230 VAC)
Inrush Current (<2ms)
< 45 A max. (115 VAC) / < 90 A max. (230 VAC)
Leakage Current
< 0.1mA / 264 VAC (Touch Current)
Power Factor
PF>0.9 at Full Load
No Load
< 0.3W (115 / 230 VAC)
Output
Voltage (V.DC.)
12V
24V
48V
Voltage Adj Range (V.DC.)
±4% Output Voltage
Voltage Accuracy
±2%
Current (with 10CFM FAN) (A) max
10
5
2.5
Current (Free air Convection) (A) max
8.333
4.167
2.083
Line Regulation
±1%
Load Regulation (10-100%)
±1%
Minimum Load
0%
Maximum Capacitive Load
3000µF
1500µF
500µF
Ripple & Noise (max.)
(Note 1)
160mV
1% Vout
Efficiency
(at 230VAC)
90%
90%
91%
Hold-up Time (at 115 VAC)
(Note 2)
10 ms min.
Protection
Over Power Protection
Auto recovery, Hiccup mode
Over Voltage Protection
Latch off
Overt Temperature Protection
Latch off
Short Circuit Protection
Auto recovery, Hiccup mode
Isolation
Input-Output
4000VAC or 5656VDC
Input-FG
2000VAC or 2828VDC
Output-FG
1500VAC or 2121VDC
Environment
Operating Temperature
-30°C…+70°C (with derating)
Storage Temperature
-30°C…+85°C
Temperature Coefficient
±0.05%/°C
Altitude During Operation
5000m
Humidity
20~90% RH
Atmospheric Pressure
70 kPa to 106 kPa
MTBF
>250,000 h @ 25°C (MIL-HDBK-217F, Notice 1)
Vibration
10~500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes.
KEY FEATURES
 Open Frame Medical Switching Power Supply
 Cooling by Free Air Convection
 100 Watts and 120 Watt with 10CFM Forced Air
 4000VAC Input to Output 2MOPP Insulation
 High Efficiency up to 91%
 With P.F.C. Function >0.9
 <0.3W No Load Input Power
 EMI for Both Class I (with FG) and Class II (without FG) Configuration
 Suitable for BF Application with Appropriate System Consideration
 UL / IEC / EN 60601 3.1 Edition & UL / IEC / EN 60950 AM2 Safety Approvals
 3-Year Product Warranty
(In Progress)
(In Progress)


Similar Part No. - MQF120O

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
MQF120O ARCH-MQF120O Datasheet
209Kb / 3P
   AC-DC Medical Switching Power Supply
MQF120O-12S ARCH-MQF120O-12S Datasheet
195Kb / 3P
   4000VAC Input to Output 2MOPP Insulation
MQF120O-12S ARCH-MQF120O-12S Datasheet
209Kb / 3P
   AC-DC Medical Switching Power Supply
MQF120O-24S ARCH-MQF120O-24S Datasheet
195Kb / 3P
   4000VAC Input to Output 2MOPP Insulation
MQF120O-24S ARCH-MQF120O-24S Datasheet
209Kb / 3P
   AC-DC Medical Switching Power Supply
More results

Similar Description - MQF120O

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
MQF240O ARCH-MQF240O Datasheet
145Kb / 3P
   Open Frame Medical Switching Power Supply
logo
List of Unclassifed Man...
MS4018F ETC2-MS4018F Datasheet
517Kb / 4P
   40W Medical Open Frame Power Supply
logo
CUI INC
VPD-2515 CUI-VPD-2515 Datasheet
82Kb / 2P
   Open Frame Switching Power Supply
logo
Arch Electronics Corp.
SZA100 ARCH-SZA100 Datasheet
201Kb / 5P
   Open Frame Switching Power Supply
AQF500 ARCH-AQF500 Datasheet
357Kb / 6P
   Open Frame Switching Power Supply
logo
CUI INC
VPD-25A CUI-VPD-25A Datasheet
82Kb / 2P
   Open Frame Switching Power Supply
VPT-45B CUI-VPT-45B Datasheet
78Kb / 2P
   Open Frame Switching Power Supply
VPD-2505 CUI-VPD-2505 Datasheet
82Kb / 2P
   Open Frame Switching Power Supply
logo
Arch Electronics Corp.
SZA60O ARCH-SZA60O Datasheet
215Kb / 2P
   Open Frame Switching Power Supply
logo
List of Unclassifed Man...
VSUU-120-D285 ETC1-VSUU-120-D285 Datasheet
254Kb / 2P
   Open Frame Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com