Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABR300UC-12S Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # ABR300UC-12S
Description  U Bracket Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ABR300UC-12S Datasheet(HTML) 1 Page - Arch Electronics Corp.

  ABR300UC-12S Datasheet HTML 1Page - Arch Electronics Corp. ABR300UC-12S Datasheet HTML 2Page - Arch Electronics Corp. ABR300UC-12S Datasheet HTML 3Page - Arch Electronics Corp. ABR300UC-12S Datasheet HTML 4Page - Arch Electronics Corp. ABR300UC-12S Datasheet HTML 5Page - Arch Electronics Corp. ABR300UC-12S Datasheet HTML 6Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VER : A_0
update : 2017.05.31
AC-DC ITE Switching Power Supply
ABR300UC SERIES
300 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
ABR300UC-12S
ABR300UC-24S
ABR300UC-28S
ABR300UC-48S
Max Output Wattage
(18CFM FAN)
(W)
300W
300W
308W
300W
Max Output Wattage
(Conduction Cooling)
(W)
300W
Voltage
90-264 VAC
Frequency (Hz)
50/60 Hz (47-63 Hz)
Current (Full load)
<4.0 A (100 VAC) / <2.0 A max. (200 VAC)
Inrush Current (<2ms)
< 70 A max. (115 VAC) / < 90 A max. (230 VAC)
Input
Power Factor (typ.)
PF>0.95 (100 VAC) / PF>0.9 (230 VAC) at Full Load
Voltage (V.DC.)
12V
24V
28V
48V
Voltage Accuracy
±2%
Trim (V.DC)
11.64 ~ 12.3V
23.28 ~ 24.7V
27.12 ~ 28.86V
46.56 ~ 49.48V
Current (max.)
25
12.5
11
6.25
Line Regulation (LL-HL) (typ.)
±1%
Load Regulation (10-100%) (typ.)
±5%
±3.5%
±3%
Minimum Load
0%
Maximum Capacitive Load
5000 uF
2500 uF
2500 uF
1250 uF
Ripple & Noise (max.)
150mVp-p
200mVp-p
200mVp-p
300mVp-p
Efficiency (%) (at 230 VAC)
88.5%
89%
89%
90%
Remote Sensing
Provided
Output
Hold-up Time (at 230 VAC)
10 ms min.
Over Power Protection
Auto recovery
Over Voltage Protection
Auto recovery
Over Temperature
Auto recovery
Protection
Short Circuit Protection
Auto recovery, Hiccup mode
Input-Output (V.AC)
3000V
Input-FG
(V.AC)
1500V
Isolation
Output-FG
.(V.AC)
500V
Operating Temperature
-40°C…+65°C (with derating)
Storage Temperature
-40°C…+85°C
Temperature Coefficient
±0.05%/°C ( 0~50°C )
Humidity
20~95% RH (Non condensing)
MTBF
>200,000 h @ 25°C (MIL-HDBK-217F)
Environment
Vibration
10~500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes.
Dimension (L x W x H)
6.0 x 4.18 x 1.41 Inches
(150.0 x 106.0 x 36.0 mm ) Tolerance
0.5 mm
Weight
In Progress
Physical
Cooling Method
Conduction cooling
Safety
Agency Approvals
CE, UL60950-1 (In Progress)
EMI (Conducted & Radiated Emission)
EN 55022 Conducted Class B & Radiated Class A (In Progress)
EMC
EMS (Noise Immunity)
EN 55024、EN61000-4-2,3,4,5,6,8,11
KEY FEATURES
 U Bracket Switching Power Supply
 Universal Input: 90-264 VAC
 Active P.F.C. Function, PF>0.9
 300W Conduction Cooling
 300W Convection with 18CFM FAN
 Over Current / Over Voltage /
.Over Temperature / Short Circuit Protection
 Current Share Function
 3-Year Product Warranty
(In Progress)
Standard
A Type
B Type


Similar Part No. - ABR300UC-12S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ABR300U ARCH-ABR300U Datasheet
400Kb / 5P
   U Bracket Switching Power Supply
ABR300U ARCH-ABR300U Datasheet
490Kb / 6P
   U Bracket Switching Power Supply
ABR300U-12S ARCH-ABR300U-12S Datasheet
400Kb / 5P
   U Bracket Switching Power Supply
ABR300U-12S ARCH-ABR300U-12S Datasheet
490Kb / 6P
   U Bracket Switching Power Supply
ABR300U-24S ARCH-ABR300U-24S Datasheet
400Kb / 5P
   U Bracket Switching Power Supply
More results

Similar Description - ABR300UC-12S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ABR300U ARCH-ABR300U Datasheet
400Kb / 5P
   U Bracket Switching Power Supply
AES60U_SERIES ARCH-AES60U_SERIES Datasheet
232Kb / 2P
   U Bracket Switching Power Supply
AQFC480U_SERIES ARCH-AQFC480U_SERIES Datasheet
568Kb / 5P
   U Bracket Switching Power Supply
SZA60U ARCH-SZA60U Datasheet
280Kb / 2P
   U Bracket Switching Power Supply
SZA60U ARCH-SZA60U_16 Datasheet
280Kb / 2P
   U Bracket Switching Power Supply
ABR300U ARCH-ABR300U_18 Datasheet
490Kb / 6P
   U Bracket Switching Power Supply
MQF240U ARCH-MQF240U Datasheet
177Kb / 3P
   U Bracket Medical Switching Power Supply
AQF360U_SERIES ARCH-AQF360U_SERIES Datasheet
388Kb / 6P
   U Bracket Switching Power Suppl
logo
Vitec Power
SIUA100-SERIES Vitec-SIUA100-SERIES Datasheet
427Kb / 2P
   100W U-Bracket Power Supply for Industrial Equipment
STUA61 Vitec-STUA61 Datasheet
464Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com