Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABR300U-12S Datasheet(PDF) 3 Page - Arch Electronics Corp.

Part # ABR300U-12S
Description  U Bracket Switching Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ABR300U-12S Datasheet(HTML) 3 Page - Arch Electronics Corp.

  ABR300U-12S Datasheet HTML 1Page - Arch Electronics Corp. ABR300U-12S Datasheet HTML 2Page - Arch Electronics Corp. ABR300U-12S Datasheet HTML 3Page - Arch Electronics Corp. ABR300U-12S Datasheet HTML 4Page - Arch Electronics Corp. ABR300U-12S Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VER : A_0
update : 2017.05.31
AC-DC ITE Switching Power Supply
ABR300U SERIES
300 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-3-
MECHANICAL DIMENSION
( Top View )
Standard
Terminal Pin
PIN#
Single
1
AC IN (N)
2
AC IN (L)
3~4
+DC OUT
5~6
-DC OUT
Connector Pin (CN4)
PIN#
Single
C1
-S
C2
-V
C3
+S
C4
NC
C5
ENA
C6~C8
NC


Similar Part No. - ABR300U-12S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ABR300U-12S ARCH-ABR300U-12S Datasheet
490Kb / 6P
   U Bracket Switching Power Supply
More results

Similar Description - ABR300U-12S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AES60U_SERIES ARCH-AES60U_SERIES Datasheet
232Kb / 2P
   U Bracket Switching Power Supply
AQFC480U_SERIES ARCH-AQFC480U_SERIES Datasheet
568Kb / 5P
   U Bracket Switching Power Supply
SZA60U ARCH-SZA60U Datasheet
280Kb / 2P
   U Bracket Switching Power Supply
SZA60U ARCH-SZA60U_16 Datasheet
280Kb / 2P
   U Bracket Switching Power Supply
ABR300UC ARCH-ABR300UC Datasheet
422Kb / 6P
   U Bracket Switching Power Supply
ABR300U ARCH-ABR300U_18 Datasheet
490Kb / 6P
   U Bracket Switching Power Supply
MQF240U ARCH-MQF240U Datasheet
177Kb / 3P
   U Bracket Medical Switching Power Supply
AQF360U_SERIES ARCH-AQF360U_SERIES Datasheet
388Kb / 6P
   U Bracket Switching Power Suppl
logo
Vitec Power
SIUA100-SERIES Vitec-SIUA100-SERIES Datasheet
427Kb / 2P
   100W U-Bracket Power Supply for Industrial Equipment
STUA61 Vitec-STUA61 Datasheet
464Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com