Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TH3D106K035T100 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TH3D106K035T100
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 150 °C, Automotive Grade
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TH3D106K035T100 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button TH3D106K035T100 Datasheet HTML 4Page - Vishay Siliconix TH3D106K035T100 Datasheet HTML 5Page - Vishay Siliconix TH3D106K035T100 Datasheet HTML 6Page - Vishay Siliconix TH3D106K035T100 Datasheet HTML 7Page - Vishay Siliconix TH3D106K035T100 Datasheet HTML 8Page - Vishay Siliconix TH3D106K035T100 Datasheet HTML 9Page - Vishay Siliconix TH3D106K035T100 Datasheet HTML 10Page - Vishay Siliconix TH3D106K035T100 Datasheet HTML 11Page - Vishay Siliconix TH3D106K035T100 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TH3
www.vishay.com
Vishay Sprague
Revision: 20-Jun-17
8
Document Number: 40084
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD PACKAGING QUANTITY
CASE CODE
UNITS PER REEL
7" REEL
13" REEL
A
2000
9000
B
2000
8000
C
500
3000
D
500
2500
E
400
1500
PRODUCT INFORMATION
Guide for Molded Tantalum Capacitors
www.vishay.com/doc?40074
Pad Dimensions
Package Dimensions
Moisture Sensitivity
www.vishay.com/doc?40135
SELECTOR GUIDES
Solid Tantalum Selector Guide
www.vishay.com/doc?49053
Solid Tantalum Chip Capacitors
www.vishay.com/doc?40091
FAQ
Frequently Asked Questions
www.vishay.com/doc?40110


Similar Part No. - TH3D106K035T100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH3D106K035A0500 VISHAY-TH3D106K035A0500 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
TH3D106K035A10R0 VISHAY-TH3D106K035A10R0 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
TH3D106K035A5000 VISHAY-TH3D106K035A5000 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
TH3D106K035B0500 VISHAY-TH3D106K035B0500 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
TH3D106K035B10R0 VISHAY-TH3D106K035B10R0 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
More results

Similar Description - TH3D106K035T100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH4 VISHAY-TH4 Datasheet
575Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
Revision: 06-Dec-16
TH4 VISHAY-TH4_17 Datasheet
568Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
Revision: 26-Jun-17
TH5 VISHAY-TH5 Datasheet
1Mb / 11P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, HI-TMP®, Very High Temperature 200 °C
Revision: 28-Sep-16
TH3B226K016C1900 VISHAY-TH3B226K016C1900 Datasheet
573Kb / 8P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT Molded Case, High Temperature 150 C
Revision: 27-Jun-13
293D VISHAY-293D_08 Datasheet
109Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 05-May-08
293D477X96R3E2TE3 VISHAY-293D477X96R3E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
293D476X9010C2TE3 VISHAY-293D476X9010C2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
293D107X9016E2TE3 VISHAY-293D107X9016E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
293D106X9025D2TE3 VISHAY-293D106X9025D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com