Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TH3D106M035F100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TH3D106M035F100
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 150 °C, Automotive Grade
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TH3D106M035F100 Datasheet(HTML) 1 Page - Vishay Siliconix

  TH3D106M035F100 Datasheet HTML 1Page - Vishay Siliconix TH3D106M035F100 Datasheet HTML 2Page - Vishay Siliconix TH3D106M035F100 Datasheet HTML 3Page - Vishay Siliconix TH3D106M035F100 Datasheet HTML 4Page - Vishay Siliconix TH3D106M035F100 Datasheet HTML 5Page - Vishay Siliconix TH3D106M035F100 Datasheet HTML 6Page - Vishay Siliconix TH3D106M035F100 Datasheet HTML 7Page - Vishay Siliconix TH3D106M035F100 Datasheet HTML 8Page - Vishay Siliconix TH3D106M035F100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TH3
www.vishay.com
Vishay Sprague
Revision: 20-Jun-17
1
Document Number: 40084
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT™ Molded Case, HI-TMP®
High Temperature 150 °C, Automotive Grade
PERFORMANCE / ELECTRICAL
CHARACTERISTICS
www.vishay.com/doc?40215
Operating Temperature: -55 °C to +150 °C
Capacitance Range: 0.33 μF to 220 μF
Capacitance Tolerance: ± 10 %, ± 20 %
Voltage Rating: 6.3 VDC to 50 VDC
FEATURES
• Operating temperature up to 150 °C with 50 %
voltage derating
• AEC-Q200 qualified
• 100 % surge current tested
(B, C, D, E case sizes)
• RoHS-compliant terminations available:
matte tin (all cases), gold (A, C, D, and E cases)
• Standard EIA 535BAAC case size (A through E)
• Compliant terminations
• Moisture sensitivity level 1
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
APPLICATIONS
• Automotive
• Industrial
• High temperature sensors
Notes
• We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size. Voltage
substitutions will be marked with the higher voltage rating
• Dry pack as specified in J-STD-033 for MSL3. Applicable for D and E cases only
Available
Available
Available
ORDERING INFORMATION
TH3
D
106
K
035
C
0700
TYPE
CASE
CODE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE
RATING AT +85 °C
TERMINATION AND
PACKAGING
ESR
See
Ratings
and Case
Codes
table.
This is expressed in
picofarads. The first
two digits are the
significant figures.
The third is the
number of zeros
to follow.
K = ± 10 %
M = ± 20 %
This is expressed in V.
To complete the
three-digit block, zeros
precede the voltage
rating. A decimal point
is indicated by an “R”.
(6R3 = 6.3 V)
Gold
A = 7" (178 mm) reel
B = 13" (330 mm) reel
Matte tin
C = 7" (178 mm) reel
D = 13" (330 mm) reel
V = 7" (178 mm) reel,
dry pack
U = 13" (330 mm) reel,
dry pack
Tin / lead
E = 7" (178 mm) reel
F = 13" (330 mm) reel
T = 7" (178 mm) reel,
dry pack
W = 13" (330 mm) reel,
dry pack
Maximum
100 kHz ESR
0500 = 500 m
Ω
5000 = 5.0
Ω
10R0 = 10.0
Ω


Similar Part No. - TH3D106M035F100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH3D106M035F10R0 VISHAY-TH3D106M035F10R0 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
More results

Similar Description - TH3D106M035F100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH4 VISHAY-TH4 Datasheet
575Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
Revision: 06-Dec-16
TH4 VISHAY-TH4_17 Datasheet
568Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
Revision: 26-Jun-17
TH5 VISHAY-TH5 Datasheet
1Mb / 11P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, HI-TMP®, Very High Temperature 200 °C
Revision: 28-Sep-16
TH3B226K016C1900 VISHAY-TH3B226K016C1900 Datasheet
573Kb / 8P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT Molded Case, High Temperature 150 C
Revision: 27-Jun-13
293D VISHAY-293D_08 Datasheet
109Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 05-May-08
293D477X96R3E2TE3 VISHAY-293D477X96R3E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
293D476X9010C2TE3 VISHAY-293D476X9010C2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
293D107X9016E2TE3 VISHAY-293D107X9016E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
293D106X9025D2TE3 VISHAY-293D106X9025D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com