Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TH3D106K035E100 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # TH3D106K035E100
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 150 °C, Automotive Grade
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TH3D106K035E100 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button TH3D106K035E100 Datasheet HTML 5Page - Vishay Siliconix TH3D106K035E100 Datasheet HTML 6Page - Vishay Siliconix TH3D106K035E100 Datasheet HTML 7Page - Vishay Siliconix TH3D106K035E100 Datasheet HTML 8Page - Vishay Siliconix TH3D106K035E100 Datasheet HTML 9Page - Vishay Siliconix TH3D106K035E100 Datasheet HTML 10Page - Vishay Siliconix TH3D106K035E100 Datasheet HTML 11Page - Vishay Siliconix TH3D106K035E100 Datasheet HTML 12Page - Vishay Siliconix TH3D106K035E100 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Molded Guide
www.vishay.com
Vishay Sprague
Revision: 12-Sep-17
1
Document Number: 40074
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Guide for Molded Tantalum Capacitors
INTRODUCTION
Tantalum electrolytic capacitors are the preferred choice in
applications where volumetric efficiency, stable electrical
parameters, high reliability, and long service life are primary
considerations. The stability and resistance to elevated
temperatures of the tantalum / tantalum oxide / manganese
dioxide
system
make
solid
tantalum
capacitors
an
appropriate choice for today's surface mount assembly
technology.
Vishay Sprague has been a pioneer and leader in this field,
producing a large variety of tantalum capacitor types for
consumer, industrial, automotive, military, and aerospace
electronic applications.
Tantalum is not found in its pure state. Rather, it is
commonly found in a number of oxide minerals, often in
combination with Columbium ore. This combination is
known as “tantalite” when its contents are more than
one-half tantalum. Important sources of tantalite include
Australia, Brazil, Canada, China, and several African
countries. Synthetic tantalite concentrates produced from
tin slags in Thailand, Malaysia, and Brazil are also a
significant raw material for tantalum production.
Electronic
applications,
and
particularly
capacitors,
consume the largest share of world tantalum production.
Other important applications for tantalum include cutting
tools (tantalum carbide), high temperature super alloys,
chemical processing equipment, medical implants, and
military ordnance.
Vishay Sprague is a major user of tantalum materials in the
form of powder and wire for capacitor elements and rod and
sheet for high temperature vacuum processing.
THE BASICS OF TANTALUM CAPACITORS
Most
metals
form
crystalline
oxides
which
are
non-protecting, such as rust on iron or black oxide on
copper. A few metals form dense, stable, tightly adhering,
electrically insulating oxides. These are the so-called
“valve”metals and include titanium, zirconium, niobium,
tantalum, hafnium, and aluminum. Only a few of these
permit
the
accurate
control
of
oxide
thickness
by
electrochemical means. Of these, the most valuable for the
electronics industry are aluminum and tantalum.
Capacitors are basic to all kinds of electrical equipment,
from radios and television sets to missile controls and
automobile ignitions. Their function is to store an electrical
charge for later use.
Capacitors consist of two conducting surfaces, usually
metal plates, whose function is to conduct electricity. They
are separated by an insulating material or dielectric. The
dielectric used in all tantalum electrolytic capacitors is
tantalum pentoxide.
Tantalum pentoxide compound possesses high-dielectric
strength and a high-dielectric constant. As capacitors are
being manufactured, a film of tantalum pentoxide is applied
to their electrodes by means of an electrolytic process. The
film is applied in various thicknesses and at various voltages
and although transparent to begin with, it takes on different
colors as light refracts through it. This coloring occurs on the
tantalum electrodes of all types of tantalum capacitors.
Rating for rating, tantalum capacitors tend to have as much
as three times better capacitance / volume efficiency than
aluminum electrolytic capacitors. An approximation of the
capacitance / volume efficiency of other types of capacitors
may be inferred from the following table, which shows the
dielectric constant ranges of the various materials used in
each type. Note that tantalum pentoxide has a dielectric
constant of 26, some three times greater than that of
aluminum oxide. This, in addition to the fact that extremely
thin films can be deposited during the electrolytic process
mentioned earlier, makes the tantalum capacitor extremely
efficient with respect to the number of microfarads available
per unit volume. The capacitance of any capacitor is
determined by the surface area of the two conducting
plates, the distance between the plates, and the dielectric
constant of the insulating material between the plates.
In the tantalum electrolytic capacitor, the distance between
the plates is very small since it is only the thickness of the
tantalum pentoxide film. As the dielectric constant of the
tantalum pentoxide is high, the capacitance of a tantalum
capacitor is high if the area of the plates is large:
where
C = capacitance
e = dielectric constant
A = surface area of the dielectric
t = thickness of the dielectric
Tantalum
capacitors
contain
either
liquid
or
solid
electrolytes. In solid electrolyte capacitors, a dry material
(manganese dioxide) forms the cathode plate. A tantalum
lead is embedded in or welded to the pellet, which is in turn
connected to a termination or lead wire. The drawings show
the construction details of the surface mount types of
tantalum capacitors shown in this catalog.
COMPARISON OF CAPACITOR
DIELECTRIC CONSTANTS
DIELECTRIC
e
DIELECTRIC CONSTANT
Air or vacuum
1.0
Paper
2.0 to 6.0
Plastic
2.1 to 6.0
Mineral oil
2.2 to 2.3
Silicone oil
2.7 to 2.8
Quartz
3.8 to 4.4
Glass
4.8 to 8.0
Porcelain
5.1 to 5.9
Mica
5.4 to 8.7
Aluminum oxide
8.4
Tantalum pentoxide
26
Ceramic
12 to 400K
C
eA
t
-------
=


Similar Part No. - TH3D106K035E100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH3D106K035E10R0 VISHAY-TH3D106K035E10R0 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
More results

Similar Description - TH3D106K035E100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH4 VISHAY-TH4 Datasheet
575Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
Revision: 06-Dec-16
TH4 VISHAY-TH4_17 Datasheet
568Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
Revision: 26-Jun-17
TH5 VISHAY-TH5 Datasheet
1Mb / 11P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, HI-TMP®, Very High Temperature 200 °C
Revision: 28-Sep-16
TH3B226K016C1900 VISHAY-TH3B226K016C1900 Datasheet
573Kb / 8P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT Molded Case, High Temperature 150 C
Revision: 27-Jun-13
293D VISHAY-293D_08 Datasheet
109Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 05-May-08
293D477X96R3E2TE3 VISHAY-293D477X96R3E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
293D476X9010C2TE3 VISHAY-293D476X9010C2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
293D107X9016E2TE3 VISHAY-293D107X9016E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
293D106X9025D2TE3 VISHAY-293D106X9025D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com