Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T52E5476M035C0100 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # T52E5476M035C0100
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors, Low Profile, Leadframeless Molded Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T52E5476M035C0100 Datasheet(HTML) 5 Page - Vishay Siliconix

  T52E5476M035C0100 Datasheet HTML 1Page - Vishay Siliconix T52E5476M035C0100 Datasheet HTML 2Page - Vishay Siliconix T52E5476M035C0100 Datasheet HTML 3Page - Vishay Siliconix T52E5476M035C0100 Datasheet HTML 4Page - Vishay Siliconix T52E5476M035C0100 Datasheet HTML 5Page - Vishay Siliconix T52E5476M035C0100 Datasheet HTML 6Page - Vishay Siliconix T52E5476M035C0100 Datasheet HTML 7Page - Vishay Siliconix T52E5476M035C0100 Datasheet HTML 8Page - Vishay Siliconix T52E5476M035C0100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Polymer Guide
www.vishay.com
Vishay
Revision: 25-Oct-17
1
Document Number: 40076
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Guide for Tantalum Solid Electrolyte Chip Capacitors
with Polymer Cathode
INTRODUCTION
Tantalum electrolytic capacitors are the preferred choice in
applications where volumetric efficiency, stable electrical
parameters, high reliability, and long service life are primary
considerations. The stability and resistance to elevated
temperatures of the tantalum/tantalum oxide/manganese
dioxide
system
make
solid
tantalum
capacitors
an
appropriate choice for today's surface mount assembly
technology.
Vishay Sprague has been a pioneer and leader in this field,
producing a large variety of tantalum capacitor types for
consumer, industrial, automotive, military, and aerospace
electronic applications.
Tantalum is not found in its pure state. Rather, it is
commonly found in a number of oxide minerals, often in
combination with Columbium ore. This combination is
known as “tantalite” when its contents are more than
one-half tantalum. Important sources of tantalite include
Australia, Brazil, Canada, China, and several African
countries. Synthetic tantalite concentrates produced from
tin slags in Thailand, Malaysia, and Brazil are also a
significant raw material for tantalum production.
Electronic
applications,
and
particularly
capacitors,
consume the largest share of world tantalum production.
Other important applications for tantalum include cutting
tools (tantalum carbide), high temperature super alloys,
chemical processing equipment, medical implants, and
military ordnance.
Vishay Sprague is a major user of tantalum materials in the
form of powder and wire for capacitor elements and rod and
sheet for high temperature vacuum processing.
THE BASICS OF TANTALUM CAPACITORS
Most
metals
form
crystalline
oxides
which
are
non-protecting, such as rust on iron or black oxide on
copper. A few metals form dense, stable, tightly adhering,
electrically insulating oxides. These are the so-called
“valve“metals and include titanium, zirconium, niobium,
tantalum, hafnium, and aluminum. Only a few of these
permit
the
accurate
control
of
oxide
thickness
by
electrochemical means. Of these, the most valuable for the
electronics industry are aluminum and tantalum.
Capacitors are basic to all kinds of electrical equipment,
from radios and television sets to missile controls and
automobile ignitions. Their function is to store an electrical
charge for later use.
Capacitors consist of two conducting surfaces, usually
metal plates, whose function is to conduct electricity. They
are separated by an insulating material or dielectric. The
dielectric used in all tantalum electrolytic capacitors is
tantalum pentoxide.
Tantalum pentoxide compound possesses high-dielectric
strength and a high-dielectric constant. As capacitors are
being manufactured, a film of tantalum pentoxide is applied
to their electrodes by means of an electrolytic process. The
film is applied in various thicknesses and at various voltages
and although transparent to begin with, it takes on different
colors as light refracts through it. This coloring occurs on the
tantalum electrodes of all types of tantalum capacitors.
Rating for rating, tantalum capacitors tend to have as much
as three times better capacitance/volume efficiency than
aluminum electrolytic capacitors. An approximation of the
capacitance/volume efficiency of other types of capacitors
may be inferred from the following table, which shows the
dielectric constant ranges of the various materials used in
each type. Note that tantalum pentoxide has a dielectric
constant of 26, some three times greater than that of
aluminum oxide. This, in addition to the fact that extremely
thin films can be deposited during the electrolytic process
mentioned earlier, makes the tantalum capacitor extremely
efficient with respect to the number of microfarads available
per unit volume. The capacitance of any capacitor is
determined by the surface area of the two conducting
plates, the distance between the plates, and the dielectric
constant of the insulating material between the plates.
In the tantalum electrolytic capacitor, the distance between
the plates is very small since it is only the thickness of the
tantalum pentoxide film. As the dielectric constant of the
tantalum pentoxide is high, the capacitance of a tantalum
capacitor is high if the area of the plates is large:
where
C = capacitance
e = dielectric constant
A = surface area of the dielectric
t = thickness of the dielectric
Tantalum
capacitors
contain
either
liquid
or
solid
electrolytes. In solid electrolyte capacitors, a dry material
(manganese dioxide) forms the cathode plate. A tantalum
lead is embedded in or welded to the pellet, which is in turn
connected to a termination or lead wire. The drawings show
the construction details of the surface mount types of
tantalum capacitors shown in this catalog.
COMPARISON OF CAPACITOR
DIELECTRIC CONSTANTS
DIELECTRIC
e
DIELECTRIC CONSTANT
Air or vacuum
1.0
Paper
2.0 to 6.0
Plastic
2.1 to 6.0
Mineral oil
2.2 to 2.3
Silicone oil
2.7 to 2.8
Quartz
3.8 to 4.4
Glass
4.8 to 8.0
Porcelain
5.1 to 5.9
Mica
5.4 to 8.7
Aluminum oxide
8.4
Tantalum pentoxide
26
Ceramic
12 to 400K
C
eA
t
-------
=


Similar Part No. - T52E5476M035C0100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T52 VISHAY-T52 Datasheet
672Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Low Profile, Leadframeless Molded Type
01-Jan-2023
logo
Magnetrol International...
T52-1E2A-BKP MAGNETROL-T52-1E2A-BKP Datasheet
267Kb / 8P
   Side Mounting Liquid Level Switches
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
   Side Mounting Liquid Level Controls
logo
Kemet Corporation
T520 KEMET-T520 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520 KEMET-T520 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
More results

Similar Description - T52E5476M035C0100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T52 VISHAY-T52_V01 Datasheet
672Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Low Profile, Leadframeless Molded Type
01-Jan-2023
T59 VISHAY-T59_V01 Datasheet
668Kb / 18P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type
01-Jan-2023
T59 VISHAY-T59 Datasheet
556Kb / 15P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Low ESR, Leadframeless Molded Type
Revision: 19-Oct-16
T58 VISHAY-T58 Datasheet
558Kb / 16P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Revision: 02-Nov-16
T58 VISHAY-T58_17 Datasheet
565Kb / 16P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Revision: 05-Oct-17
T58 VISHAY-T58_V01 Datasheet
665Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
01-Jan-2023
DLA20021 VISHAY-DLA20021_V01 Datasheet
635Kb / 17P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, DLA Approved
01-Jan-2023
T54 VISHAY-T54 Datasheet
558Kb / 15P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
Revision: 05-Oct-17
T54 VISHAY-T54_V01 Datasheet
723Kb / 24P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
01-Jan-2023
T55 VISHAY-T55_17 Datasheet
595Kb / 23P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, High Performance Type
Revision: 25-Oct-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com