Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

109D297X0006T0 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 109D297X0006T0
Description  Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

109D297X0006T0 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button 109D297X0006T0 Datasheet HTML 2Page - Vishay Siliconix 109D297X0006T0 Datasheet HTML 3Page - Vishay Siliconix 109D297X0006T0 Datasheet HTML 4Page - Vishay Siliconix 109D297X0006T0 Datasheet HTML 5Page - Vishay Siliconix 109D297X0006T0 Datasheet HTML 6Page - Vishay Siliconix 109D297X0006T0 Datasheet HTML 7Page - Vishay Siliconix 109D297X0006T0 Datasheet HTML 8Page - Vishay Siliconix 109D297X0006T0 Datasheet HTML 9Page - Vishay Siliconix 109D297X0006T0 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
109D
www.vishay.com
Vishay
Revision: 28-Aug-17
9
Document Number: 40023
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
100 VDC AT +85 °C; 65 VDC AT +125 °C
2.0
C
109D205X0100C0
14.0
870
3.0
12
-20
+12
+12
100
8.2
C
109D825X0100C0
6.0
250
3.0
12
-12
+12
+12
130
10
C
109D106X0100C0
6.0
200
3.0
12
-17
+10
+12
130
33
F
109D336X0100F0
3.5
85
4.0
24
-18
+15
+15
250
39
F
109D396X0100F0
3.5
80
5.0
24
-20
+12
+15
250
56
T
109D566X0100T0
2.2
45
9.0
36
-20
+15
+15
400
68
T
109D686X0100T0
2.2
40
10
40
-30
+14
+16
400
86
K
109D866X0100K0
3.2
30
10
40
-25
+15
+15
370
120
K
109D127X0100K0
2.8
30
12
48
-35
+15
+17
440
125 VDC AT +85 °C; 85 VDC AT +125 °C
6.8
C
109D685X0125C0
11.7
300
3.0
12
-14
+10
+12
130
27
F
109D276X0125F0
3.5
90
5.0
24
-18
+12
+15
250
39
T
109D396X0125T0
2.2
60
10
40
-16
+14
+16
400
47
T
109D476X0125T0
2.2
50
10
40
-26
+14
+16
400
56
K
109D566X0125K0
4.1
32
10
40
-25
+15
+15
330
82
K
109D826X0125K0
2.8
32
12
48
-30
+15
+17
440
EXTENDED RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER (1)
MAX. ESR
AT +25 °C
120 Hz
(
)
MAX. IMP.
AT -55 °C
120 Hz
(
)
MAX. DCL
(μA) AT
MAX. CAPACITANCE
CHANGE (%) AT
MAX. RMS
RIPPLE
CURRENT
120 Hz
(mA)
+25 °C
+85 °C
+125 °C
-55 °C
+85 °C
+125 °C
Note
(1) Part numbers shown are for units with ± 20 % capacitance tolerance and uninsulated capacitors. For ± 10 % units, change the digit
following the letter “X” from “0” to “9”. For units with outer plastic-film insulation, substitute “2” for “0” at the end of the part number. For
RoHS-compliant add “E3”


Similar Part No. - 109D297X0006T0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
109D206X0010C0 VISHAY-109D206X0010C0 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
109D206X0060F0 VISHAY-109D206X0060F0 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
109D207X0006C0E3 VISHAY-109D207X0006C0E3 Datasheet
107Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
01-Jan-2022
109D226X0008C0 VISHAY-109D226X0008C0 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
109D226X0025C0 VISHAY-109D226X0025C0 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
More results

Similar Description - 109D297X0006T0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
109D VISHAY-109D_V01 Datasheet
107Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
01-Jan-2022
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
285D VISHAY-285D_07 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com