Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

109D207X9006C2E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 109D207X9006C2E3
Description  Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

109D207X9006C2E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  109D207X9006C2E3 Datasheet HTML 1Page - Vishay Siliconix 109D207X9006C2E3 Datasheet HTML 2Page - Vishay Siliconix 109D207X9006C2E3 Datasheet HTML 3Page - Vishay Siliconix 109D207X9006C2E3 Datasheet HTML 4Page - Vishay Siliconix 109D207X9006C2E3 Datasheet HTML 5Page - Vishay Siliconix 109D207X9006C2E3 Datasheet HTML 6Page - Vishay Siliconix 109D207X9006C2E3 Datasheet HTML 7Page - Vishay Siliconix 109D207X9006C2E3 Datasheet HTML 8Page - Vishay Siliconix 109D207X9006C2E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
109D
www.vishay.com
Vishay
Revision: 28-Aug-17
1
Document Number: 40023
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors
for Operation to +125 °C, Elastomer-Sealed
FEATURES
• Axial through-hole terminations: standard tin /
lead (SnPb), 100 % tin (RoHS-compliant)
available
• Vishay
Sprague
model
109D
tubular
elastomer-sealed, sintered anode TANTALEX
capacitors fill the basic requirements for
applications where a superior quality, reliable
design
for
industrial,
automotive
and
telecommunications application is desired
• Model 109D capacitors are the commercial
equivalents of Tansitor style WC, UWC, Mallory-NACC
style TLS, TLH
and the military style CL64 and CL65,
designed to meet
the performance requirements of
military specification MIL-DTL-3965
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
PERFORMANCE CHARACTERISTICS
Operating Temperature: -55 °C to +85 °C
(to +125 °C with voltage derating)
Capacitance Tolerance: at 120 Hz, +25 °C.
± 20 % standard. ± 10 %, ± 5 % available as special.
DC Leakage Current (DCL max.):
at +25 °C, +85 °C, +125 °C: leakage current shall not exceed
the values listed in the Standard Ratings tables.
Life Test: capacitors are capable of withstanding a
2000 h life test at a temperature of +85 °C or +125 °C at the
applicable DC working voltage.
Following the life test:
1. DCL shall not exceed the initial requirements or 1 μA,
whichever is greater.
2. The ESR shall meet the initial requirement.
3. Change in capacitance shall not exceed 10 % from the
initial measurement. For capacitors with voltage ratings
of 15 VDC and below, change in capacitance shall not
exceed + 10 %, - 25 % from the initial measurement.
Note
• Packaging: the use of formed plastic trays for packaging these axial lead components is standard. Tape and reel is not available due to the
unit weight
Available
Available
Available
ORDERING INFORMATION
109D
207
X0
006
C
0
E3
MODEL
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT +85 °C
CASE
CODE
STYLE NUMBER
RoHS-COMPLIANT
This is expressed
in picofarads. The
first two digits are
the significant
figures. The third is
the number of
zeros to follow
X0 = ± 20 %
X9 = ± 10 %
X5 = ± 5 %
special order
This is expressed in volts.
To complete the
three-digit block, zeros
precede the voltage
rating. A decimal point is
indicated by an “R”
(6R3 = 6.3 V)
See
Ratings
and Case
Codes
table
0 = no outer sleeve
Standard
2 = outer plastic film
insulation
E3 = 100 % tin
termination
(RoHS-compliant)
Blank = SnPb
termination
(standard design)


Similar Part No. - 109D207X9006C2E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
109D207X0006C0E3 VISHAY-109D207X0006C0E3 Datasheet
107Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
01-Jan-2022
More results

Similar Description - 109D207X9006C2E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
109D VISHAY-109D_V01 Datasheet
107Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
01-Jan-2022
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
285D VISHAY-285D_07 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com