Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68SEC000CFU10 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC68SEC000CFU10
Description  M68000 USERS MANUAL ADDENDUM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68SEC000CFU10 Datasheet(HTML) 4 Page - Motorola, Inc

  MC68SEC000CFU10 Datasheet HTML 1Page - Motorola, Inc MC68SEC000CFU10 Datasheet HTML 2Page - Motorola, Inc MC68SEC000CFU10 Datasheet HTML 3Page - Motorola, Inc MC68SEC000CFU10 Datasheet HTML 4Page - Motorola, Inc MC68SEC000CFU10 Datasheet HTML 5Page - Motorola, Inc MC68SEC000CFU10 Datasheet HTML 6Page - Motorola, Inc MC68SEC000CFU10 Datasheet HTML 7Page - Motorola, Inc MC68SEC000CFU10 Datasheet HTML 8Page - Motorola, Inc MC68SEC000CFU10 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
M68000 USER’S MANUAL ADDENDUM
MOTOROLA
2.0 SIGNAL DESCRIPTION
Change Figure 3-3 on Page 3-2.
Figure 1. Input and Output Signals (MC68EC000 and MC68SEC000)
2.1 Data Bus (D15-D0)
In Section 3.2 on page 3-4, replace “The MC68EC000 and MC68HC001 use D7-D0 in 8-bit mode, and D15-
D8 are undefined.” with “Using the MC68HC001, MC68EC000, and MC68SEC000 mode pin, you can
statically select either 8- or 16-bit modes for data transfer. The MC68EC000, MC68SEC000, and
MC68HC001 use D7-D0 in 8-bit mode. D15-D8 are undefined.”
2.2 Bus Arbitration Control
In Section 3.4 on page 3-5, the sentence “In the 48-pin version of the MC68008 and MC68EC000, no pin is
available for the bus grant acknowledge signal; this microprocessor uses a two-wire bus arbitration
scheme.” should read “In the 64-pin MC68EC000 and MC68SEC000, no pin is available for the bus grant
acknowledge signal. These microprocessors use a two-wire bus arbitration scheme.”
2.3 System Control
The Mode subsection heading of Section 3.6 on page 3-7 should read ‘‘Mode (MODE) (MC68HC001/
68EC000/68SEC000).’’
2.4 MC68SEC000 Low-Power Mode
Add the following to Sections 4 and 5, Bus Operation.
The MC68SEC000 has been redesigned to provide fully static- and low-power operation. This section
describes the recommended method for placing the MC68SEC000 into a low-power mode to reduce the
ADDRESS BUS
DATA BUS
ASYNCHRONOUS
BUS CONTROL
BUS ARBITRATION
CONTROL
INTERRUPT
CONTROL
PROCESSOR
STATUS
A23-A0
D15-D0
AS
R/W
UDS
LDS
DTACK
BERR
RESET
HALT
MODE
SYSTEM
CONTROL
VCC
GND
CLK
MC68SEC000
FC0
FC1
FC2
IPL0
IPL1
IPL2
AVEC
BR
BG


Similar Part No. - MC68SEC000CFU10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68SEC000CFU10 MOTOROLA-MC68SEC000CFU10 Datasheet
249Kb / 26P
   Addendum to M68000 User Manual
More results

Similar Description - MC68SEC000CFU10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68000 MOTOROLA-M68000 Datasheet
249Kb / 26P
   Addendum to M68000 User Manual
logo
Hynix Semiconductor
GMS81508A HYNIX-GMS81508A Datasheet
872Kb / 91P
   USERS MANUAL
logo
Maxim Integrated Produc...
80515-FPBM-TFP2 MAXIM-80515-FPBM-TFP2 Datasheet
1Mb / 36P
   USERS MANUAL
REV 2.3 August 8, 2011
logo
Hynix Semiconductor
GMS30C2116 HYNIX-GMS30C2116 Datasheet
1Mb / 322P
   USERS MANUAL
logo
Freescale Semiconductor...
MC68LC040RC25A FREESCALE-MC68LC040RC25A Datasheet
3Mb / 442P
   M68040 Users Manual
logo
Motorola, Inc
MC68020 MOTOROLA-MC68020 Datasheet
1Mb / 306P
   MICROPROCESSORS USERS MANUAL
logo
Freescale Semiconductor...
FRDM-KL25Z FREESCALE-FRDM-KL25Z Datasheet
1Mb / 14P
   FRDM-KL25Z Users Manual
MC68HC16Z1CAG16 FREESCALE-MC68HC16Z1CAG16 Datasheet
5Mb / 500P
   M68HC16Z Series users manual
logo
Micro Commercial Compon...
MCF5407AI162 MCC-MCF5407AI162 Datasheet
5Mb / 546P
   Integrated Microprocessor Users Manual
logo
Motorola, Inc
MC68341UMAD MOTOROLA-MC68341UMAD Datasheet
134Kb / 21P
   Integrated Processor Users Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com