Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4305 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4305
Description  740MHz, Low-Noise, Low-Distortion Op Amps in SOT23-5
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4305 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4305 Datasheet HTML 4Page - Maxim Integrated Products MAX4305 Datasheet HTML 5Page - Maxim Integrated Products MAX4305 Datasheet HTML 6Page - Maxim Integrated Products MAX4305 Datasheet HTML 7Page - Maxim Integrated Products MAX4305 Datasheet HTML 8Page - Maxim Integrated Products MAX4305 Datasheet HTML 9Page - Maxim Integrated Products MAX4305 Datasheet HTML 10Page - Maxim Integrated Products MAX4305 Datasheet HTML 11Page - Maxim Integrated Products MAX4305 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
appears inductive at high frequencies. This inductance
forms an L-C resonant circuit with the capacitive load,
which causes peaking in the frequency response and
degrades the amplifier’s phase margin.
The MAX4104/MAX4105/MAX4304/MAX4305 drive
capacitive loads up to 10pF without oscillation.
However, some peaking may occur in the frequency
domain (Figure 3). To drive larger capacitance loads or
to reduce ringing, add an isolation resistor between the
amplifier’s output and the load (Figure 4).
The value of RISO depends on the circuit’s gain and the
capacitive load (Figure 5). Figure 6 shows the
MAX4104/MAX4105/MAX4304/MAX4305 frequency
response with the isolation resistor and a capacitive
load. With higher capacitive values, bandwidth is domi-
nated by the RC network formed by RISO and CL; the
bandwidth of the amplifier itself is much higher. Also
note that the isolation resistor forms a divider that
decreases the voltage delivered to the load.
Maxim’s High-Speed Evaluation Boards
The MAX4104 evaluation kit manual shows a suggest-
ed layout for Maxim’s high-speed, single-amplifier eval-
uation boards. This board was developed using the
techniques described previously (
see Layout and
Power-Supply Bypassing section). The smallest avail-
able surface-mount resistors were used for the feed-
back and back-termination resistors to minimize the
740MHz, Low-Noise, Low-Distortion
Op Amps in SOT23-5
______________________________________________________________________________________
11
Figure 3a. MAX4104 Frequency Response with Capacitive
Load and No Isolation Resistor
30
25
-20
100k
1M
10M
100M
1G
-10
-15
FREQUENCY (Hz)
0
-5
10
5
20
15
CL = 10pF
CL = 5pF
CL = 15pF
25
20
-25
100k
1M
10M
100M
1G
-15
-20
FREQUENCY (Hz)
-5
-10
5
0
15
10
CL = 5pF
CL = 15pF
CL = 10pF
Figure 3b. MAX4304 Frequency Response with Capacitive
Load and No Isolation Resistor
Figure 3d. MAX4305 Frequency Response with Capacitive
Load and No Isolation Resistor
Figure 3c. MAX4105 Frequency Response with Capacitive
Load and No Isolation Resistor
30
25
-20
100k
1M
10M
100M
1G
-10
-15
FREQUENCY (Hz)
0
-5
10
5
20
15
CL = 5pF
CL = 15pF
CL = 10pF
25
20
-25
100k
1M
10M
100M
1G
-15
-20
FREQUENCY (Hz)
-5
-10
5
0
15
10
CL = 5pF
CL = 15pF
CL = 10pF


Similar Part No. - MAX4305

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX430 MAXIM-MAX430 Datasheet
389Kb / 8P
   짹15V Chopper-Stabilized Operational Amplifier
Rev 2; 8/98
MAX430-MAX432 MAXIM-MAX430-MAX432 Datasheet
389Kb / 8P
   짹15V Chopper-Stabilized Operational Amplifier
Rev 2; 8/98
MAX4308ESA MAXIM-MAX4308ESA Datasheet
177Kb / 12P
   400MHz, Ultra-Low-Distortion Op Amps
19-0461; Rev 2; 4/97
MAX4309ESA MAXIM-MAX4309ESA Datasheet
177Kb / 12P
   400MHz, Ultra-Low-Distortion Op Amps
19-0461; Rev 2; 4/97
MAX430CPA MAXIM-MAX430CPA Datasheet
389Kb / 8P
   짹15V Chopper-Stabilized Operational Amplifier
Rev 2; 8/98
More results

Similar Description - MAX4305

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4475 MAXIM-MAX4475 Datasheet
585Kb / 15P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 1; 10/02
MAX4475 MAXIM-MAX4475_12 Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4478AUD MAXIM-MAX4478AUD Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4475 MAXIM-MAX4475_V01 Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
MAX4108 MAXIM-MAX4108 Datasheet
177Kb / 12P
   400MHz, Ultra-Low-Distortion Op Amps
19-0461; Rev 2; 4/97
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
MAX4257 MAXIM-MAX4257_12 Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
logo
Linear Technology
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com