Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4104 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4104
Description  740MHz, Low-Noise, Low-Distortion Op Amps in SOT23-5
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4104 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4104 Datasheet HTML 1Page - Maxim Integrated Products MAX4104 Datasheet HTML 2Page - Maxim Integrated Products MAX4104 Datasheet HTML 3Page - Maxim Integrated Products MAX4104 Datasheet HTML 4Page - Maxim Integrated Products MAX4104 Datasheet HTML 5Page - Maxim Integrated Products MAX4104 Datasheet HTML 6Page - Maxim Integrated Products MAX4104 Datasheet HTML 7Page - Maxim Integrated Products MAX4104 Datasheet HTML 8Page - Maxim Integrated Products MAX4104 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
740MHz, Low-Noise, Low-Distortion
Op Amps in SOT23-5
_______________________________________________________________________________________
5
5
4
-5
100k
1M
10M
100M
1G
MAX4304
LARGE-SIGNAL GAIN
vs. FREQUENCY (AVCL = +2)
-3
-4
FREQUENCY (Hz)
-1
-2
1
0
3
2
VOUT = 2Vp-p
5
4
-5
100k
1M
10M
100M
1G
MAX4105
LARGE-SIGNAL GAIN
vs. FREQUENCY (AVCL = +5)
-3
-4
FREQUENCY (Hz)
-1
-2
1
0
3
2
VOUT = 2Vp-p
5
4
-5
100k
1M
10M
100M
1G
MAX4305
LARGE-SIGNAL GAIN
vs. FREQUENCY (AVCL = +10)
-3
-4
FREQUENCY (Hz)
-1
-2
1
0
3
2
VOUT = 2Vp-p
0
-10
-100
-90
100k
1M
10M
100M
1G
POSITIVE POWER-SUPPLY REJECTION
vs. FREQUENCY
-80
-70
FREQUENCY (Hz)
-50
-60
-30
-40
-20
10
100
100k
1M
10M
FREQUENCY (Hz)
1k
10k
1
100
10
1
VOLTAGE NOISE DENSITY vs. FREQUENCY
(INPUT REFERRED)
20
10
-80
-70
100k
1M
10M
100M
1G
NEGATIVE POWER-SUPPLY REJECTION
vs. FREQUENCY
-60
-50
FREQUENCY (Hz)
-30
-40
-10
-20
0
0
-10
-100
10k
1M
10M
100M
100k
1G
COMMON-MODE REJECTION
vs. FREQUENCY
-80
-90
FREQUENCY (Hz)
-60
-70
-40
-50
-20
-30
10
100
100k
1M
10M
FREQUENCY (Hz)
1k
10k
1
100
10
1
CURRENT NOISE DENSITY vs. FREQUENCY
(INPUT REFERRED)
1000
0.01
100k
1M
10M
100M
1G
CLOSED-LOOP OUTPUT IMPEDANCE
vs. FREQUENCY
0.1
FREQUENCY (Hz)
1
10
100
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, RF = 330Ω, RL = 100Ω, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4104

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4104 MAXIM-MAX4104 Datasheet
128Kb / 12P
   350MHz, Ultra-Low-Noise Op Amps
19-0442; Rev 1; 11/95
MAX4104EVKIT MAXIM-MAX4104EVKIT Datasheet
55Kb / 4P
   Fully Assembled and Tested Surface-Mount Board
Rev 3; 10/98
More results

Similar Description - MAX4104

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4475 MAXIM-MAX4475 Datasheet
585Kb / 15P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 1; 10/02
MAX4475 MAXIM-MAX4475_12 Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4478AUD MAXIM-MAX4478AUD Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4475 MAXIM-MAX4475_V01 Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
MAX4108 MAXIM-MAX4108 Datasheet
177Kb / 12P
   400MHz, Ultra-Low-Distortion Op Amps
19-0461; Rev 2; 4/97
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
MAX4257 MAXIM-MAX4257_12 Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
logo
Linear Technology
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com