Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3873EGP Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3873EGP
Description  Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3873EGP Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3873EGP Datasheet HTML 3Page - Maxim Integrated Products MAX3873EGP Datasheet HTML 4Page - Maxim Integrated Products MAX3873EGP Datasheet HTML 5Page - Maxim Integrated Products MAX3873EGP Datasheet HTML 6Page - Maxim Integrated Products MAX3873EGP Datasheet HTML 7Page - Maxim Integrated Products MAX3873EGP Datasheet HTML 8Page - Maxim Integrated Products MAX3873EGP Datasheet HTML 9Page - Maxim Integrated Products MAX3873EGP Datasheet HTML 10Page - Maxim Integrated Products MAX3873EGP Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Low-Power, Compact 2.5Gbps or 2.7Gbps
Clock-Recovery and Data-Retiming IC
_______________________________________________________________________________________
7
Detailed Description
The MAX3873 consists of a fully integrated phase-
locked loop (PLL), input amplifier, and CML output
buffers (Figure 5). The PLL consists of a phase/fre-
quency detector, a loop filter, and a voltage-controlled
oscillator (VCO).
This device is designed to deliver the best combination
of jitter performance and power dissipation by using a
fully-differential signal architecture and low-noise
design techniques.
Input Amplifier
The input amplifier provides internal 50Ω line termina-
tions and can accept a differential input amplitude from
50mVP-P to 1600mVP-P. The structure of the input
amplifier is shown in Figure 9.
Phase Detector
The phase detector incorporated in the MAX3873 pro-
duces a voltage proportional to the phase difference
between the incoming data and the internal clock.
Because of its feedback nature, the PLL drives the
error voltage to zero, aligning the recovered clock to
the center of the incoming data eye for retiming.
Frequency Detector
The digital frequency detector (FD) aids frequency
acquisition during startup conditions. The frequency
difference between the received data and the VCO
clock is derived by sampling the VCO outputs on each
edge of the data input signal. The FD drives the VCO
until the frequency difference is reduced to zero. Once
frequency acquisition is complete, the FD returns to a
neutral state.
Loop Filter and VCO
The phase detector and frequency detector outputs are
summed into the loop filter. An external capacitor, CF,
is required to set the PLL damping ratio. See the
Design Procedure section for guidelines on selecting
this capacitor.
PIN
NAME
FUNCTION
10
SCLKEN
Clock Output Enable, TTL Input. When SCLKEN = OPEN or SCLKEN = High, the clock outputs
(SCLKO±) are enabled. When SCLKEN = Low, the clock outputs are disabled and SCLKO± = VCC.
11
SCLKO-
Negative Clock Output, CML. This output can be disabled by setting SCLKEN to Low.
12
SCLKO+
Positive Clock Output, CML. This output can be disabled by setting SCLKEN to Low.
13
VCC_BUF
3.3V CML Output Buffer Supply Voltage
14
SDO-
Negative Data Output, CML
15
SDO+
Positive Data Output, CML
16
LOL
Loss-of-Lock Output, TTL (Active-Low). The
LOL output indicates a PLL lock failure.
17, 20
GND
Supply Ground
18
FIL-
Negative PLL Loop Filter Connection. Connect a 0.01µF capacitor between FIL+ and FIL-.
19
FIL+
Positive PLL Loop Filter Connection. Connect a 0.01µF capacitor between FIL+ and FIL-.
EP
Exposed Pad
Ground. The exposed pad must be soldered to the circuit board ground for proper electrical and
thermal operation.
Pin Description (continued)
Figure 5. Functional Diagram
RATESET
FIL-
FIL+
GND
VCC
MAX3873
LOOP
FILTER
FASTRACK
SDO+
SDO-
SDI+
SDI-
SCLKO+
SCLKO-
SCLKEN
MODE
AMP
AMP
AMP
I
Q
PHASE AND
FREQUENCY
DETECTOR
LOL
VCO


Similar Part No. - MAX3873EGP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3873EGP MAXIM-MAX3873EGP Datasheet
84Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
Rev. A January 15, 2001
More results

Similar Description - MAX3873EGP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3873A MAXIM-MAX3873A_V01 Datasheet
230Kb / 10P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
19-2577; Rev 2; 5/07
MAX3873A MAXIM-MAX3873A Datasheet
793Kb / 12P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
Rev 1; 5/03
MAX3876 MAXIM-MAX3876_V01 Datasheet
938Kb / 10P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
19-1631; Rev 0a; 8/01
MAX3875 MAXIM-MAX3875 Datasheet
126Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 10/98
MAX3876 MAXIM-MAX3876 Datasheet
744Kb / 12P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 1/00
MAX3875A MAXIM-MAX3875A Datasheet
421Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 1; 3/02
MAX3675 MAXIM-MAX3675 Datasheet
190Kb / 16P
   622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1258; Rev 2; 11/98
MAX3676 MAXIM-MAX3676 Datasheet
181Kb / 16P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
MAX3676 MAXIM-MAX3676_09 Datasheet
274Kb / 15P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Rev 4; 3/09
MAX3877 MAXIM-MAX3877 Datasheet
550Kb / 16P
   2.5Gbps, 3.3V Clock and Data Retiming ICs with Vertical Threshold Adjust
19-2062; Rev 0; 5/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com