Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3873EGP Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3873EGP
Description  Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3873EGP Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3873EGP Datasheet HTML 1Page - Maxim Integrated Products MAX3873EGP Datasheet HTML 2Page - Maxim Integrated Products MAX3873EGP Datasheet HTML 3Page - Maxim Integrated Products MAX3873EGP Datasheet HTML 4Page - Maxim Integrated Products MAX3873EGP Datasheet HTML 5Page - Maxim Integrated Products MAX3873EGP Datasheet HTML 6Page - Maxim Integrated Products MAX3873EGP Datasheet HTML 7Page - Maxim Integrated Products MAX3873EGP Datasheet HTML 8Page - Maxim Integrated Products MAX3873EGP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Low-Power, Compact 2.5Gbps or 2.7Gbps
Clock-Recovery and Data-Retiming IC
4
_______________________________________________________________________________________
Figure 1. Definition of Input Voltage Swing
Figure 2. Definition of Clock-to-Q Delay
(a) AC-COUPLED SINGLE-ENDED INPUT (CML OR PECL)
(b) DC-COUPLED SINGLE-ENDED CML INPUT
25mV
25mV
800mV
800mV
VCC + 0.4V
VCC
VCC - 0.4V
VCC
VCC - 0.4V
VCC - 0.8V
SCLKO+
SDO
tCLK
tCLK-Q
Figure 4. Definition of LOL Assert Time and Frequency Acquisition Time
INPUT DATA
FREQUENCY ACQUISITION TIME
LOL OUTPUT
LOL ASSERT TIME
Figure 3. Definition of Phase Acquisition Time
SERIAL DATA
1200 BITS OF 1–0 PATTERN
<2µs
FASTRACK
DATA
VCO CLOCK PHASE ALIGNED TO INPUT DATA


Similar Part No. - MAX3873EGP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3873EGP MAXIM-MAX3873EGP Datasheet
84Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
Rev. A January 15, 2001
More results

Similar Description - MAX3873EGP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3873A MAXIM-MAX3873A_V01 Datasheet
230Kb / 10P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
19-2577; Rev 2; 5/07
MAX3873A MAXIM-MAX3873A Datasheet
793Kb / 12P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
Rev 1; 5/03
MAX3876 MAXIM-MAX3876_V01 Datasheet
938Kb / 10P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
19-1631; Rev 0a; 8/01
MAX3875 MAXIM-MAX3875 Datasheet
126Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 10/98
MAX3876 MAXIM-MAX3876 Datasheet
744Kb / 12P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 1/00
MAX3875A MAXIM-MAX3875A Datasheet
421Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 1; 3/02
MAX3675 MAXIM-MAX3675 Datasheet
190Kb / 16P
   622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1258; Rev 2; 11/98
MAX3676 MAXIM-MAX3676 Datasheet
181Kb / 16P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
MAX3676 MAXIM-MAX3676_09 Datasheet
274Kb / 15P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Rev 4; 3/09
MAX3877 MAXIM-MAX3877 Datasheet
550Kb / 16P
   2.5Gbps, 3.3V Clock and Data Retiming ICs with Vertical Threshold Adjust
19-2062; Rev 0; 5/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com