Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPL6202SB Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # QPL6202SB
Description  Ultra-Low Noise, High Gain LNA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPL6202SB Datasheet(HTML) 2 Page - TriQuint Semiconductor

  QPL6202SB Datasheet HTML 1Page - TriQuint Semiconductor QPL6202SB Datasheet HTML 2Page - TriQuint Semiconductor QPL6202SB Datasheet HTML 3Page - TriQuint Semiconductor QPL6202SB Datasheet HTML 4Page - TriQuint Semiconductor QPL6202SB Datasheet HTML 5Page - TriQuint Semiconductor QPL6202SB Datasheet HTML 6Page - TriQuint Semiconductor QPL6202SB Datasheet HTML 7Page - TriQuint Semiconductor QPL6202SB Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
QPL6202
Ultra-Low Noise, High Gain LNA
Data Sheet Rev D
Subject to change without notice
- 2 of 8 -
www.qorvo.com
®
PRELIMINARY
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−65 to +150 °C
Supply Voltage
+7V
RF Input Power, CW, 50
 Ω, T=25 °C
+33 dBm
RF Input Power, WCDMA, 10dB PAR
+27 dBm
RF Input Power, CW, OFF State
+33 dBm
Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent damage to the device. Extended application of
Absolute Maximum Rating conditions to the device may reduce device reliability.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Supply Voltage (VDD)
3.3
4.5
5.25
V
Bias Voltage (Vbias)
3.3
3.6
5.25
V
TCASE
−40
+105
°C
Tj for >106 hours MTTF
+190
°C
Electrical specifications are measured at specified test conditions. Specifications are not guaranteed over all recommended operating conditions.
Electrical Specifications at +25
˚C
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
2320
2345
MHz
Test Frequency
2332
MHz
Gain
20.0
21.2
22.4
dB
Input Return Loss
8.5
dB
Output Return Loss
17
dB
Noise Figure1
0.55
0.7
dB
Output P1dB
+18.5
dBm
Output IP3
Pout
=+2 dBm/tone, Δf=1 MHz
+34
+36
dBm
Power Shutdown Control (pin 6)
On state
0
0.63
V
Off state (Power down)
1.17
VDD
V
Current, IDD2
On state
55
mA
Off state (Power down)
3
mA
Shutdown pin current, ISD
VPD ≥ 1.17 V
140
µA
Switching Speed
LNA ON to OFF
500
ns
LNA OFF to ON
500
ns
Thermal Resistance, θjc
channel to case
48
°C/W
Test conditions unless otherwise noted: VDD = +4.5V, Vbias = +3.6V, Temp=+25°C, 2332MHz, 50 Ω system
Note: 1) Noise Figure data has input trace loss de-embedded
2) Icq set by external 4.3K resistor


Similar Part No. - QPL6202SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPL6202Q QORVO-QPL6202Q Datasheet
769Kb / 8P
   Ultra-Low Noise, High Gain LNA
QPL6202QPCK-01 QORVO-QPL6202QPCK-01 Datasheet
769Kb / 8P
   Ultra-Low Noise, High Gain LNA
QPL6202QSB QORVO-QPL6202QSB Datasheet
769Kb / 8P
   Ultra-Low Noise, High Gain LNA
QPL6202QSQ QORVO-QPL6202QSQ Datasheet
769Kb / 8P
   Ultra-Low Noise, High Gain LNA
QPL6202QSR QORVO-QPL6202QSR Datasheet
769Kb / 8P
   Ultra-Low Noise, High Gain LNA
More results

Similar Description - QPL6202SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPL6202Q QORVO-QPL6202Q Datasheet
769Kb / 8P
   Ultra-Low Noise, High Gain LNA
logo
TriQuint Semiconductor
TQL9093 TRIQUINT-TQL9093 Datasheet
443Kb / 9P
   Ultra Low Noise, Flat Gain LNA
TQL9092 TRIQUINT-TQL9092 Datasheet
574Kb / 9P
   Ultra Low Noise, Flat Gain LNA
logo
Qorvo, Inc
TQL9093 QORVO-TQL9093 Datasheet
717Kb / 12P
   Ultra Low-Noise, Flat Gain LNA
G, June 10, 2020
TQL9092 QORVO-TQL9092 Datasheet
789Kb / 12P
   Ultra Low-Noise, Flat Gain LNA
July 21, 2020
QPL9503 QORVO-QPL9503 Datasheet
720Kb / 9P
   Ultra Low-Noise, Flat Gain LNA
June 10, 2020
logo
TriQuint Semiconductor
QPL9503 TRIQUINT-QPL9503 Datasheet
531Kb / 7P
   Ultra Low-Noise, Flat Gain LNA
logo
Qorvo, Inc
QPL9504 QORVO-QPL9504 Datasheet
1Mb / 12P
   Ultra Low Noise, Flat Gain LNA
Dec 15, 2020
TQP3M9036 QORVO-TQP3M9036 Datasheet
832Kb / 12P
   Ultra-Low Noise, High Linearity LNA
TQP3M9037 QORVO-TQP3M9037 Datasheet
854Kb / 16P
   Ultra Low-Noise, High Linearity LNA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com