Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPF8248SQ Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # QPF8248SQ
Description  Wi-Fi Front End Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPF8248SQ Datasheet(HTML) 7 Page - TriQuint Semiconductor

  QPF8248SQ Datasheet HTML 1Page - TriQuint Semiconductor QPF8248SQ Datasheet HTML 2Page - TriQuint Semiconductor QPF8248SQ Datasheet HTML 3Page - TriQuint Semiconductor QPF8248SQ Datasheet HTML 4Page - TriQuint Semiconductor QPF8248SQ Datasheet HTML 5Page - TriQuint Semiconductor QPF8248SQ Datasheet HTML 6Page - TriQuint Semiconductor QPF8248SQ Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
QPF8248
Wi-Fi Front End Module
Data Sheet REV C 20161219 | Subject to change without notice
7 of 7
www.qorvo.com
Handling Precautions
Parameter
Rating
Standard
Caution!
ESD sensitive device
ESD
– Human Body Model (HBM)
Class 1C
ANSI/ESD/JEDEC JS-001
ESD
– Charged Device Model (CDM)
Class C3
ANSI/ESD/JEDEC JS-002
MSL
– Moisture Sensitivity Level
Level 3
IPC/JEDEC J-STD-020
Solderability
Compatible with both lead-free (260 °C max. reflow temperature) and tin/lead (245 °C max. reflow temperature) soldering processes.
Package lead plating: Electrolytic plated Au over Ni
RoHS Compliance
This part is compliant with the 2011/65/EU RoHS directive (Restrictions on the Use of Certain Hazardous Substances in Electrical and
Electronic Equipment), as amended by Directive 2015/863/EU.
This product also has the following attributes:
Lead free
Halogen Free (Chlorine, Bromine)
Antimony Free
TBBP-A (C15H12Br402) Free
SVHC Free
Pb
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations:
Web: www.qorvo.com
Tel: 1-844-890-8163
Email: customer.support@qorvo.com
Important Notice
The information contained herein is believed to be reliable; however, Qorvo makes no warranties regarding the information contained herein and assumes no responsibility or
liability whatsoever for the use of the information contained herein. All information contained herein is subject to change without notice. Customers should obtain and verify the
latest relevant information before placing orders for Qorvo products. The information contained herein or any use of such information does not grant, explicitly or implicitly, to
any party any patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or anything described by such information. THIS
INFORMATION DOES NOT CONSTITUTE A WARRANTY WITH RESPECT TO THE PRODUCTS DESCRIBED HEREIN, AND QORVO HEREBY DISCLAIMS ANY AND
ALL WARRANTIES WITH RESPECT TO SUCH PRODUCTS WHETHER EXPRESS OR IMPLIED BY LAW, COURSE OF DEALING, COURSE OF PERFORMANCE,
USAGE OF TRADE OR OTHERWISE, INCLUDING THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE.
Without limiting the generality of the foregoing, Qorvo products are not warranted or authorized for use as critical components in medical, life-saving, or life-sustaining
applications, or other applications where a failure would reasonably be expected to cause severe personal injury or death.
Copyright 2016 © Qorvo, Inc. | Qorvo is a registered trademark of Qorvo, Inc.


Similar Part No. - QPF8248SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPF8248SQ QORVO-QPF8248SQ Datasheet
513Kb / 7P
   Wi-Fi Front End Module
More results

Similar Description - QPF8248SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPF4506 QORVO-QPF4506 Datasheet
303Kb / 2P
   Wi-Fi Front End Module
QPF4219 QORVO-QPF4219 Datasheet
165Kb / 2P
   Wi-Fi Front End Module
QPF4216 QORVO-QPF4216 Datasheet
168Kb / 2P
   Wi-Fi Front End Module
RFFM4558A QORVO-RFFM4558A Datasheet
151Kb / 2P
   Wi-Fi Front End Module
logo
TriQuint Semiconductor
RFFM4252 TRIQUINT-RFFM4252 Datasheet
552Kb / 7P
   Wi-Fi Front End Module
logo
Qorvo, Inc
RFFM8227P QORVO-RFFM8227P Datasheet
142Kb / 2P
   Wi-Fi Front End Module
RFFM4252 QORVO-RFFM4252 Datasheet
147Kb / 2P
   Wi-Fi Front End Module
logo
TriQuint Semiconductor
RFFM4251 TRIQUINT-RFFM4251 Datasheet
520Kb / 7P
   Wi-Fi Front End Module
logo
Qorvo, Inc
QPF4550 QORVO-QPF4550 Datasheet
149Kb / 2P
   Wi-Fi Front End Module
QPF4538 QORVO-QPF4538 Datasheet
147Kb / 2P
   Wi-Fi Front End Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com