Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPF4538PCK-01 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # QPF4538PCK-01
Description  Wi-Fi Front End Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPF4538PCK-01 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  QPF4538PCK-01 Datasheet HTML 1Page - TriQuint Semiconductor QPF4538PCK-01 Datasheet HTML 2Page - TriQuint Semiconductor QPF4538PCK-01 Datasheet HTML 3Page - TriQuint Semiconductor QPF4538PCK-01 Datasheet HTML 4Page - TriQuint Semiconductor QPF4538PCK-01 Datasheet HTML 5Page - TriQuint Semiconductor QPF4538PCK-01 Datasheet HTML 6Page - TriQuint Semiconductor QPF4538PCK-01 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
QPF4538
Wi-Fi Front End Module
QPF4538 DS 20161212 | Subject to change without notice
3 of 7
www.qorvo.com
Parameter
Conditions
Min.
Typ.
Max.
Units
Out of Band Gain
f = 1600-1950MHz
-30
dB
f = 3300-3800MHz
-5
dB
f > 7000MHz
10
dB
TX Port Return Loss
6
12
dB
ANT Port Return Loss
8
15
dB
Quiescent Current
RF Off
90
100
mA
Operating Current
POUT = +17.5 dBm
155
180
mA
POUT = +21 dBm
200
220
mA
2nd Harmonics
POUT = +21 dBm 802.11a 6 MBps
-35
-30
dBm/MHz
3rd Harmonics
POUT = +21 dBm 802.11a 6 MBps
-45
-40
dBm/MHz
ANT-RX Isolation
35
dB
DC Power Detect Voltage
RF Off
0.21
V
POUT = +17.5 dBm
0.45
V
POUT = +21dBm
0.60
V
RECEIVE (ANT-RX) LNA ON MODE
Unless otherwise noted: VCC=3.3V, T=+25ºC, PA_EN=Low, LNA_EN=High, C_RX=High
Gain
12
14.5
dB
Gain Flatness Across any 80 MHz
Channel
-0.25
+0.25
dB
Out of Band Gain
f = 2400-2500 MHz
-15
-12
dB
Noise Figure
2.5
3
dB
RX Port Return Loss
6
10
dB
ANT Port Return Loss
4
5
dB
Input P1dB
-7
-5
dBm
Input IP3
+2
dBm
Rx Operating Current
15
20
mA
RECEIVE (ANT-RX) BYPASS MODE
Unless otherwise noted: VCC=3.3V, T=+25ºC, PA_EN=Low, LNA_EN=Low, C_RX=High
Bypass Loss
6
9
dB
Loss Flatness Across any 80 MHz
Channel
-0.25
+0.25
dB
Out of Band Gain
f = 2400-2500 MHz
-20
-15
dB
RX Port Return Loss
10
20
dB
ANT Port Return Loss
10
14
dB
Input P1dB
+18
+20
dBm
Input IP3
+25
dBm
GENERAL SPECIFICATIONS
Unless otherwise noted: VCC=3.3V, T=+25ºC
FEM Leakage Current
70
150
µA
PA_EN Control Current - High
0.2
2
µA
LNA_EN Control Current - High
160
225
µA
C_RX Control Current - High
10
15
µA
TX Output P1dB
CW
+27
dBm
Ramp ON/OFF Time
10<->90% Ref from Control Voltage to RF
Power
200
nS
PA Stability - Output VSWR
CW No Spurious above -41.25dBm/MHz
4:1
Output Power Range
0
25
dBm
Thermal Resistance, θjc
Junction to case, MCS0 POUT
60
°C/W


Similar Part No. - QPF4538PCK-01

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPF4538PCK-01 QORVO-QPF4538PCK-01 Datasheet
147Kb / 2P
   Wi-Fi Front End Module
More results

Similar Description - QPF4538PCK-01

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPF4506 QORVO-QPF4506 Datasheet
303Kb / 2P
   Wi-Fi Front End Module
QPF4219 QORVO-QPF4219 Datasheet
165Kb / 2P
   Wi-Fi Front End Module
QPF4216 QORVO-QPF4216 Datasheet
168Kb / 2P
   Wi-Fi Front End Module
RFFM4558A QORVO-RFFM4558A Datasheet
151Kb / 2P
   Wi-Fi Front End Module
logo
TriQuint Semiconductor
RFFM4252 TRIQUINT-RFFM4252 Datasheet
552Kb / 7P
   Wi-Fi Front End Module
logo
Qorvo, Inc
RFFM8227P QORVO-RFFM8227P Datasheet
142Kb / 2P
   Wi-Fi Front End Module
RFFM4252 QORVO-RFFM4252 Datasheet
147Kb / 2P
   Wi-Fi Front End Module
logo
TriQuint Semiconductor
QPF8248 TRIQUINT-QPF8248 Datasheet
542Kb / 7P
   Wi-Fi Front End Module
RFFM4251 TRIQUINT-RFFM4251 Datasheet
520Kb / 7P
   Wi-Fi Front End Module
logo
Qorvo, Inc
QPF4550 QORVO-QPF4550 Datasheet
149Kb / 2P
   Wi-Fi Front End Module
QPF4538 QORVO-QPF4538 Datasheet
147Kb / 2P
   Wi-Fi Front End Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com