Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPF4538 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # QPF4538
Description  Wi-Fi Front End Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPF4538 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  QPF4538 Datasheet HTML 1Page - TriQuint Semiconductor QPF4538 Datasheet HTML 2Page - TriQuint Semiconductor QPF4538 Datasheet HTML 3Page - TriQuint Semiconductor QPF4538 Datasheet HTML 4Page - TriQuint Semiconductor QPF4538 Datasheet HTML 5Page - TriQuint Semiconductor QPF4538 Datasheet HTML 6Page - TriQuint Semiconductor QPF4538 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
QPF4538
Wi-Fi Front End Module
ADVANCE
D
ADVANCED
QPF4538 DS 20161212 | Subject to change without notice
1 of 7
www.qorvo.com
Product Overview
The Qorvo® QPF4538 is an integrated front end module (FEM)
designed for Wi-Fi 802.11a/n/ac systems. The compact form
factor and integrated matching minimizes layout area in the
application.
Performance is focused on optimizing the PA for PoE
applications by centering on 0.5W power consumption while
maintaining the highest linear output power and leading edge
throughput.
Integrated die level filtering for 2nd and 3rd harmonics as well
as 2.4 GHz rejection for DBDC operation are included.
The QPF4538 integrates a 5 GHz power amplifier (PA), single
pole two throw switch (SP2T) and bypassable low noise
amplifier (LNA) into a single device.
Functional Block Diagram
Top View
16-Pin, 2.5x2.5 mm Module Package
Key Features
 4900 – 5925 MHz
 P
OUT = +17.5dBm MCS9 VHT80 -35dB Dynamic EVM
 P
OUT = +18.5dBm MCS7 HT20/40 -30dB Dynamic EVM
 P
OUT = +21dBm MCS0 HT20 Spectral Mask Compliance
 160MHz Bandwidth and MCS11 Capable
 Optimized for +3.3 V Operation
 Low Power Consumption ~ 0.5W
 30 dB Tx Gain
 2.5 dB Noise Figure
 14.5 dB Rx Gain & 6 dB Bypass Loss
 15 dB 2.4 GHz Rejection on Rx Path
 Integrated DC Power Detector
Applications
 Access Points
 Wireless Routers
 Residential Gateways
 Set-Top Boxes
 Customer Premise Equipment
 Internet of Things
Ordering Information
Part Number
Description
QPF4538SB
Sample bag with 5 pieces
QPF4538SQ
Sample bag with 25 pieces
QPF4538SR
7
” reel with 100 pieces
QPF4538TR7
7
” reel with 2,500 pieces
QPF4538TR13
13
” reel with 10,000 pieces
QPF4538PCK-01
Assembled Evaluation Board + 5 pcs


Similar Part No. - QPF4538

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPF4538 QORVO-QPF4538 Datasheet
147Kb / 2P
   Wi-Fi Front End Module
QPF4538PCK-01 QORVO-QPF4538PCK-01 Datasheet
147Kb / 2P
   Wi-Fi Front End Module
QPF4538SB QORVO-QPF4538SB Datasheet
147Kb / 2P
   Wi-Fi Front End Module
QPF4538SQ QORVO-QPF4538SQ Datasheet
147Kb / 2P
   Wi-Fi Front End Module
QPF4538SR QORVO-QPF4538SR Datasheet
147Kb / 2P
   Wi-Fi Front End Module
More results

Similar Description - QPF4538

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPF4506 QORVO-QPF4506 Datasheet
303Kb / 2P
   Wi-Fi Front End Module
QPF4219 QORVO-QPF4219 Datasheet
165Kb / 2P
   Wi-Fi Front End Module
QPF4216 QORVO-QPF4216 Datasheet
168Kb / 2P
   Wi-Fi Front End Module
RFFM4558A QORVO-RFFM4558A Datasheet
151Kb / 2P
   Wi-Fi Front End Module
logo
TriQuint Semiconductor
RFFM4252 TRIQUINT-RFFM4252 Datasheet
552Kb / 7P
   Wi-Fi Front End Module
logo
Qorvo, Inc
RFFM8227P QORVO-RFFM8227P Datasheet
142Kb / 2P
   Wi-Fi Front End Module
RFFM4252 QORVO-RFFM4252 Datasheet
147Kb / 2P
   Wi-Fi Front End Module
logo
TriQuint Semiconductor
QPF8248 TRIQUINT-QPF8248 Datasheet
542Kb / 7P
   Wi-Fi Front End Module
RFFM4251 TRIQUINT-RFFM4251 Datasheet
520Kb / 7P
   Wi-Fi Front End Module
logo
Qorvo, Inc
QPF4550 QORVO-QPF4550 Datasheet
149Kb / 2P
   Wi-Fi Front End Module
QPF4538 QORVO-QPF4538 Datasheet
147Kb / 2P
   Wi-Fi Front End Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com