Electronic Components Datasheet Search |
|
P6KE30 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
P6KE30 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
1 / 5 page Dimensions in inches and (millimeters) - 570 - P6KE SERIES 600 Watts Transient Voltage Suppressor Diodes DO-15 Features Plastic package has Underwriters Laboratory Flammability Classification 94V-0 600W surge capability at 10 x 1000 us waveform Excellent clamping capability Low Dynamic impedance Fast response time: Typically less than 1.0ps from 0 volts to VBR for unidirectional and 5.0 ns for bidirectional Typical IR less than 1uA above 10V High temperature soldering guaranteed: 260 oC / 10 seconds / .375”,(9.5mm) lead length / 5lbs.,(2.3kg) tension Mechanical Data Case: Molded plastic Polarity: Color band denotes cathode except bipolar W eight: 0.42gram Maximum Ratings and Electrical Characteristics Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Type Number Symbol Value Units P eak Power Dissipation at TA=25 OC, Tp=1ms (Note 1) PPK Minimum 600 W atts Steady State Power Dissipation at TL=75 oC Lead Lengths .375”, 9.5mm (Note 2) PD 5.0 Watts Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method) (Note 3) IFSM 100 Amps Maximum Instantaneous Forward Voltage at 50.0A for Unidirectional Only (Note 4) VF 3.5 / 5.0 Volts Typical Thermal Resistance (Note 5) RΘJL RΘJA 10 62 oC/W Operating and Storage Temperature Range TJ, TSTG -55 to + 175 oC Notes: 1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25 oC Per Fig. 2. 2. Mounted on Copper Pad Area of 0.4 x 0.4” (10 x 10 mm) Per Fig. 4. 3. 8.3ms Single Half Sine-wave or Equivalent Square W ave, Duty Cycle=4 Pulses Per Minutes Maximum. 4. VF=3.5V for Devices of VBR ≤ 200V and V F=5.0V Max. for Devices of VBR>200V. 5. Measured on P.C.B. with 10mm x 10mm. Devices for Bipolar Applications 1. For Bidirectional Use C or CA Suffix for Types P6KE6.8 through Types P6KE440. 2. Electrical Characteristics Apply in Both Directions. ht t p : // www.lgesemi.com mail:lge@lgesemi.com Revision:201 70701-P1 |
Similar Part No. - P6KE30 |
|
Similar Description - P6KE30 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |