Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPD1018EVB Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # QPD1018EVB
Description  500W, 50V, 2.7 ??3.1 GHz, GaN RF IMFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPD1018EVB Datasheet(HTML) 1 Page - TriQuint Semiconductor

  QPD1018EVB Datasheet HTML 1Page - TriQuint Semiconductor QPD1018EVB Datasheet HTML 2Page - TriQuint Semiconductor QPD1018EVB Datasheet HTML 3Page - TriQuint Semiconductor QPD1018EVB Datasheet HTML 4Page - TriQuint Semiconductor QPD1018EVB Datasheet HTML 5Page - TriQuint Semiconductor QPD1018EVB Datasheet HTML 6Page - TriQuint Semiconductor QPD1018EVB Datasheet HTML 7Page - TriQuint Semiconductor QPD1018EVB Datasheet HTML 8Page - TriQuint Semiconductor QPD1018EVB Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
QPD1018
500W, 50V, 2.7
– 3.1 GHz, GaN RF IMFET
Datasheet Rev. A, Jun 9, 2017 | Subject to change without notice
- 1 of 17 -
www.qorvo.com
Key Features
 Frequency: 2.7 to 3.1 GHz
 Output Power (P3dB)1: 575 W
 Linear Gain1: 17.7 dB
 Typical PAE3dB1: 67.9%
 Operating Voltage: 50 V
 Low thermal resistance package
 Pulse capable
Note 1: @ 2.9 GHz
17.40 x 24.00 x 4.31 mm
Product Overview
The QPD1018 is a 500 W (P3dB) internally matched discrete
GaN on SiC HEMT which operates from 2.7 to 3.1 GHz on
a 50V supply rail. The device is GaN IMFET fully matched
to 50
Ω in an industry standard air cavity package and is
ideally suited for military radar.
Lead-free and ROHS compliant
Evaluation boards are available upon request.
Functional Block Diagram
Applications
 Military radar
 Civilian radar
 Test instrumentation
Ordering info
Part No.
ECCN
Description
QPD1018
3A001.B.3.A
Tray of 18 QPD1018
QPD1018S2
3A001.B.3.A
Pack of 2 QPD1018
QPD1018EVB
EAR99
2.7
– 3.1 GHz EVB


Similar Part No. - QPD1018EVB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD1018EVB QORVO-QPD1018EVB Datasheet
1Mb / 16P
   500W, 50V, 2.7 – 3.1 GHz, GaN RF IMFET
Aug 24, 2018
More results

Similar Description - QPD1018EVB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD1018 QORVO-QPD1018 Datasheet
1Mb / 16P
   500W, 50V, 2.7 – 3.1 GHz, GaN RF IMFET
Aug 24, 2018
QPD1003 QORVO-QPD1003 Datasheet
1Mb / 18P
   500W, 50V, 1.2 ??1.4 GHz, GaN RF IMFET
June 14, 2019
logo
TriQuint Semiconductor
QPD1019 TRIQUINT-QPD1019 Datasheet
2Mb / 19P
   500W, 50V, 2.9 ??3.3 GHz, GaN RF IMFET
logo
Qorvo, Inc
QPD1019 QORVO-QPD1019 Datasheet
1Mb / 18P
   500W, 50V, 2.9 ??3.3 GHz, GaN RF IMFET
Nov. 26, 2018
QPD1017 QORVO-QPD1017 Datasheet
1Mb / 17P
   450W, 50V, 3.1 ??3.5 GHz, GaN RF IMFET
Aug 24, 2018
QPD1006 QORVO-QPD1006 Datasheet
644Kb / 16P
   450W, 50V, 1.2 ??1.4 GHz, GaN RF IMFET
Oct 1, 2020
logo
WOLFSPEED, INC.
CGHV31500F1 WOLFSPEED-CGHV31500F1 Datasheet
2Mb / 26P
   2.7 – 3.1 GHz, 500 W GaN HEMT
Rev. 1.1, 2023-04-24
logo
Qorvo, Inc
QPD9300 QORVO-QPD9300 Datasheet
1Mb / 16P
   30 W, 28 V, 9.2 ??9.7 GHz, GaN RF IMFET
QPD1013 QORVO-QPD1013 Datasheet
2Mb / 25P
   150W, 65V, DC – 2.7 GHz, GaN RF Transistor
2017
logo
TriQuint Semiconductor
QPD1013 TRIQUINT-QPD1013 Datasheet
2Mb / 25P
   150W, 65V, DC ??2.7 GHz, GaN RF Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com