Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPD1011S2 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # QPD1011S2
Description  30 ??1200 MHz, 50 V, 7 W GaN RF Input-Matched Transistor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPD1011S2 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  QPD1011S2 Datasheet HTML 1Page - TriQuint Semiconductor QPD1011S2 Datasheet HTML 2Page - TriQuint Semiconductor QPD1011S2 Datasheet HTML 3Page - TriQuint Semiconductor QPD1011S2 Datasheet HTML 4Page - TriQuint Semiconductor QPD1011S2 Datasheet HTML 5Page - TriQuint Semiconductor QPD1011S2 Datasheet HTML 6Page - TriQuint Semiconductor QPD1011S2 Datasheet HTML 7Page - TriQuint Semiconductor QPD1011S2 Datasheet HTML 8Page - TriQuint Semiconductor QPD1011S2 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
QPD1011
30 – 1200 MHz, 50 V, 7 W GaN RF Input-Matched Transistor
Datasheet Rev. A, March 24, 2017 | Subject to change without notice
- 2 of 25 -
www.qorvo.com
Absolute Maximum Ratings1
Parameter
Rating
Units
Breakdown Voltage,BVDG
+145
V
Gate Voltage Range, VG
-8 to +2
V
Drain Current, IDMAX
1.46
A
Gate Current Range, IG
See page 19.
mA
Power Dissipation, PDISS
14.72
W
RF Input Power, Pulse, 1.3
GHz, T = 25 °C2
+27
dBm
Channel Temperature, TCH
275
°C
Mounting Temperature
(30 Seconds)
320
°C
Storage Temperature
−65 to +150
°C
Notes:
1.
Operation of this device outside the parameter ranges
given above may cause permanent damage.
2.
Pulsed, 100 uS PW, 10% DC
Recommended Operating Conditions1
Parameter
Min
Typ
Max Units
Operating Temp. Range
−40
+25
+85
°C
Drain Voltage Range, VD
+32
+50
+55
V
Drain Bias Current, IDQ
20
mA
Drain Current, ID4
300
mA
Gate Voltage, VG3
−2.8
V
Channel Temperature (TCH)
250
°C
Power Dissipation (PD)2,4
13
W
Power Dissipation (PD), CW2
10
W
Notes:
1.
Electrical performance is measured under conditions noted
in the electrical specifications table. Specifications are not
guaranteed over all recommended operating conditions.
2.
Package base at 85 °C
3.
To be adjusted to desired IDQ
4.
Pulsed, 100 uS PW, 10% DC
Measured Load Pull Performance – Power Tuned1
Parameter
Typical Values
Units
Frequency, F
0.6
0.8
1.0
1.2
GHz
Drain Voltage, VD
50
50
50
50
V
Drain Bias Current, IDQ
20
20
20
20
mA
Output Power at 3dB
compression, P3dB
39.7
39.4
39.4
39.1
dBm
Power Added Efficiency at 3dB
compression, PAE3dB
59.4
58.7
49.3
49.1
%
Gain at 3dB compression, G3dB
15.7
18
18.3
16.6
dB
Notes:
1.
Pulsed, 100 uS Pulse Width, 10% Duty Cycle
2.
Characteristic Impedance, Zo = 33.4
.
Measured Load Pull Performance – Efficiency Tuned1
Parameter
Typical Values
Units
Frequency, F
0.6
0.8
1.0
1.2
GHz
Drain Voltage, VD
50
50
50
50
V
Drain Bias Current, IDQ
20
20
20
20
mA
Output Power at 3dB
compression, P3dB
37.7
38.4
37.3
37.4
dBm
Power Added Efficiency at 3dB
compression, PAE3dB
71.6
64.1
60.1
55.4
%
Gain at 3dB compression, G3dB
17.9
19.2
19.5
19.1
dB
Notes:
1.
Pulsed, 100 uS Pulse Width, 10% Duty Cycle
2.
Characteristic Impedance, Zo = 33.4
.


Similar Part No. - QPD1011S2

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD1011SR QORVO-QPD1011SR Datasheet
1Mb / 23P
   30 – 1200 MHz, 50 V, 7 W GaN RF Input-Matched Transistor
January 2022
More results

Similar Description - QPD1011S2

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD1011 QORVO-QPD1011 Datasheet
1Mb / 23P
   30 – 1200 MHz, 50 V, 7 W GaN RF Input-Matched Transistor
January 2022
logo
TriQuint Semiconductor
QPD1004 TRIQUINT-QPD1004 Datasheet
2Mb / 20P
   25W, 50V, 30 ??1200 MHz, GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1014 QORVO-QPD1014 Datasheet
2Mb / 21P
   15W, 50V, 30 ??1200 MHz, GaN RF Input-Matched Transistor
2016
logo
TriQuint Semiconductor
QPD1020 TRIQUINT-QPD1020 Datasheet
1Mb / 22P
   2.7 ??3.5 GHz, 50 V, 30 W GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1020 QORVO-QPD1020 Datasheet
1Mb / 21P
   2.7 ??3.5 GHz, 50 V, 30 W GaN RF Input-Matched Transistor
QPD1026L QORVO-QPD1026L Datasheet
1Mb / 19P
   1300 W, 65 V, 420 ??450 MHz, GaN RF Input-Matched Transistor
December 2018
logo
TriQuint Semiconductor
QPD1014 TRIQUINT-QPD1014 Datasheet
2Mb / 21P
   GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1025 QORVO-QPD1025 Datasheet
3Mb / 26P
   1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
April 2022
QPD1025L QORVO-QPD1025L_V01 Datasheet
3Mb / 26P
   1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
March 2022
QPD1025L QORVO-QPD1025L Datasheet
3Mb / 27P
   1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com