Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVR075S Datasheet(PDF) 1 Page - Littelfuse

Part # LVR075S
Description  PolySwitch PTC Devices
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LVR075S Datasheet(HTML) 1 Page - Littelfuse

  LVR075S Datasheet HTML 1Page - Littelfuse LVR075S Datasheet HTML 2Page - Littelfuse LVR075S Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: LVR075S
DOCUMENT: SCD26609
REV LETTER: I
REV DATE: JULY 26, 2016
PAGE NO.: 1 OF 3
© 2016 Littelfuse,Inc
Littelfuse.com
Specifications are subject to change without notice.
Revised July 26, 2016
Specification Status: Released
Rated Operating Voltage at 20 °C (AC/DC):
240 V
Maximum Interrupt Voltage / Current at 20 °C (AC/DC):
265 V, 7.5 A
Insulating Material:
Cured, Flame Retardant Modified Silicone(meeting UL94 V-0 requirements)
Lead Material:
20 AWG Sn-Plated Copper (0.81mm/0.032” nominal diameter)
Marking:
TABLE I. DIMENSIONS:
A
B
C
D
E
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
mm:
--
11.5
--
23.4
4.1
6.1
5.1
--
--
4.8
In*:
--
(0.45)
--
(0.92)
(0.16)
(0.24)
(0.20)
--
--
(0.19)
*Rounded off approximation
TABLE II. PERFORMANCE RATINGS @ 20 °C:
HOLD
CURRENT
(A)
TRIP
CURRENT
(A)
RESISTANCE
(Ω)
TIME TO TRIP(SEC)
@ 3.75 A
POST-TRIP
RESISTANCE
(Ω)
TRIPPED-STATE
POWER DISSIPATION
@ 240 V (W)
R MIN
R MAX
MAX
MAX
TYP
0.75
1.5
0.316
0.483
18.0
0.839
2.55
*Post Trip Resistance measured after one hour.
Agency Recognitions:
UL (File #E74889), CSA (File #78165), TUV, CQC
Reference Documents:
PS300, UL1434
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
Caution:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
Materials Information
ROHS Compliant
ELV Compliant
Pb-Free
.


Similar Part No. - LVR075S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LVR075S MACOM-LVR075S Datasheet
212Kb / 10P
   PolySwitch Resettable Devices Line-Voltage-Rated Devices
LVR075S MACOM-LVR075S Datasheet
219Kb / 10P
   PolySwitch Resettable Devices Line-Voltage-Rated Devices
logo
Littelfuse
LVR075S-240 LITTELFUSE-LVR075S-240 Datasheet
105Kb / 3P
   PolySwitch PTC Devices
More results

Similar Description - LVR075S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
RXEF135 LITTELFUSE-RXEF135 Datasheet
344Kb / 2P
   PolySwitch PTC Devices
RXEF030 LITTELFUSE-RXEF030 Datasheet
348Kb / 2P
   PolySwitch PTC Devices
RXEF050 LITTELFUSE-RXEF050 Datasheet
345Kb / 2P
   PolySwitch PTC Devices
SMDH120 LITTELFUSE-SMDH120 Datasheet
97Kb / 2P
   PolySwitch PTC Devices
SRP350F LITTELFUSE-SRP350F Datasheet
164Kb / 2P
   PolySwitch PTC Devices
LVR016S LITTELFUSE-LVR016S Datasheet
362Kb / 3P
   PolySwitch PTC Devices
LVR055S LITTELFUSE-LVR055S Datasheet
367Kb / 3P
   PolySwitch PTC Devices
NANOASMDC035F LITTELFUSE-NANOASMDC035F Datasheet
342Kb / 2P
   PolySwitch PTC Devices
LVB125 LITTELFUSE-LVB125 Datasheet
362Kb / 3P
   PolySwitch PTC Devices
MICROSMD250LR-A-2 LITTELFUSE-MICROSMD250LR-A-2 Datasheet
302Kb / 3P
   PolySwitch PTC Devices
MINIASMDC110F-16 LITTELFUSE-MINIASMDC110F-16 Datasheet
96Kb / 2P
   PolySwitch PTC Devices
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com