Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4210-2CS6 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4210-2CS6
Description  Hot Swap Controller in 6-Lead SOT-23 Package
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4210-2CS6 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4210-2CS6 Datasheet HTML 5Page - Linear Technology LTC4210-2CS6 Datasheet HTML 6Page - Linear Technology LTC4210-2CS6 Datasheet HTML 7Page - Linear Technology LTC4210-2CS6 Datasheet HTML 8Page - Linear Technology LTC4210-2CS6 Datasheet HTML 9Page - Linear Technology LTC4210-2CS6 Datasheet HTML 10Page - Linear Technology LTC4210-2CS6 Datasheet HTML 11Page - Linear Technology LTC4210-2CS6 Datasheet HTML 12Page - Linear Technology LTC4210-2CS6 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC4210-1/LTC4210-2
421012f
SENSE RESISTOR
CURRENT FLOW
TO LOAD
TRACK WIDTH W:
0.03" PER AMP
ON 1 OZ COPPER
W
TO
VCC
TO
SENSE
4210 F01
CURRENT FLOW
TO LOAD
Figure 1. Making PCB Connections to the Sense Resistor
APPLICATIO S I FOR ATIO
Current Limit Circuit Breaker Function
The LTC4210 features a current limiting circuit breaker
instead of a traditional comparator circuit breaker. When
there is a sudden load current surge, such as a low
impedance fault, the bus supply voltage can drop signifi-
cantly to a point where the power to an adjacent card is
affected, causing system malfunctions. The LTC4210 fast
response error amplifier (EA) instantly limits current by
reducing the external MOSFET GATE pin voltage. This
minimizes the bus supply voltage drop and permits power
budgeting and fault isolation without affecting neighbor-
ing cards. A compensation circuit should be connected to
the GATE pin for current limit loop stability.
Sense Resistor Consideration
The nominal fault current limit is determined by a sense
resistor connected between VCC and the SENSE pin as
given by Equation 1.
I
V
R
mV
R
LIMIT NOM
CB NOM
SENSE NOM
SENSE NOM
()
()
()
()
==
50
(1)
The power rating of the sense resistor should be rated at
the fault current level. Table 2 in the Appendix lists some
common sense resistors.
For proper circuit breaker operation, Kelvin-sense PCB
connections between the sense resistor and the LTC4210
VCC and SENSE pins are strongly recommended. The
drawing in Figure 1 illustrates the connections between
the LTC4210 and the sense resistor. PCB layout should be
balanced and symmetrical to minimize wiring errors. In
addition, the PCB layout for the sense resistor should
include good thermal management techniques for optimal
sense resistor power dissipation.
Calculating Current Limit
For a selected RSENSE, the nominal load current is given by
Equation 1. The minimum load current is given by
Equation 2:
I
V
R
mV
R
LIMIT MIN
CB MIN
SENSE MAX
SENSE MAX
()
()
()
()
==
44
(2)
where
RR
R
SENSE MAX
SENSE
TOL
()
=+


1
100
The maximum load current is given by Equation 3:
I
V
R
mV
R
LIMIT MAX
CB MAX
SENSE MIN
SENSE MIN
()
()
()
()
==
56
(3)
where
RR
R
SENSE MIN
SENSE
TOL
()
•–
=


1
100


Similar Part No. - LTC4210-2CS6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4210-2 LINER-LTC4210-2_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
More results

Similar Description - LTC4210-2CS6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4210-3 LINER-LTC4210-3_15 Datasheet
230Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-3 LINER-LTC4210-3 Datasheet
224Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-1 LINER-LTC4210-1_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-4 LINER-LTC4210-4_15 Datasheet
230Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-2 LINER-LTC4210-2_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
logo
Analog Devices
ADM4210 AD-ADM4210_15 Datasheet
285Kb / 16P
   Hot Swap Controller in 6-Lead TSOT Package
REV. A
ADM4210 AD-ADM4210 Datasheet
307Kb / 16P
   Hot Swap Controller in 6-Lead TSOT Package
REV. 0
logo
Linear Technology
LTC4251-2 LINER-LTC4251-2_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B LINER-LTC4251B Datasheet
213Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251 LINER-LTC4251_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com