Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVR040S-1 Datasheet(PDF) 2 Page - Littelfuse

Part # LVR040S-1
Description  PolySwitch PTC Devices
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LVR040S-1 Datasheet(HTML) 2 Page - Littelfuse

  LVR040S-1 Datasheet HTML 1Page - Littelfuse LVR040S-1 Datasheet HTML 2Page - Littelfuse LVR040S-1 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: LVR040S-1
DOCUMENT: SCD25285
REV LETTER: I
REV DATE: JULY 26, 2016
PAGE NO.: 2 OF 3
© 2016 Littelfuse,Inc
Littelfuse.com
Specifications are subject to change without notice.
Revised July 26, 2016
Warning: Application Limitations for the LVR Product Line
1. Users should independently evaluate the suitability of and test each product selected for their
own application.
2. This product should not be used in an application where the maximum interrupt voltage or
maximum interrupt current can be exceeded in a fault condition. Operation beyond the
maximum ratings or improper use may result in device damage and possible electrical arcing
and flame.
3. A PTC device is not a fuse - it is a nonlinear thermistor that limits current. Because under a
fault condition all PTC devices go into a high resistance state but not open circuit, hazardous
voltage may be present at PTC locations.
4. The devices are intended for protection against occasional overcurrent or overtemperature
fault conditions and should not be used when repeated fault conditions or prolonged trip
events are anticipated.
5. In most applications, power must be removed and the fault condition cleared in order to reset
a PTC device.
However, under certain unusual conditions, a PTC device may automatically
reset.
Accordingly, PTC devices should not be used in an application where an automatic
reset could create a safety hazard, such as garbage disposals and blenders.
6. It is the responsibility of the user to determine the need for back up or fail safe protection to
prevent damage that may occur in the event of abnormal function or failure of the PTC device.
7. Operation in circuits with a large inductance can generate a circuit voltage (Ldi/dt) above the
rated voltage of a PTC device.
8. Devices are not recommended for reflow soldering.
9. Device performance can be impacted negatively if devices are handled in a manner
inconsistent with recommended electronic, thermal, or mechanical procedures for electronic
components.
10. PTC devices are not recommended to be installed in applications where the device is
constrained such that its PTC properties are inhibited, for example in rigid potting materials or
in rigid housings which lack adequate clearance to accommodate device expansion.
11. Contamination of the PTC material with certain silicone-based oils or some aggressive
solvents can adversely impact the performance of the devices.


Similar Part No. - LVR040S-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LVR040S-2 MACOM-LVR040S-2 Datasheet
212Kb / 10P
   PolySwitch Resettable Devices Line-Voltage-Rated Devices
LVR040S-2 MACOM-LVR040S-2 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
LVR040S-2 MACOM-LVR040S-2 Datasheet
219Kb / 10P
   PolySwitch Resettable Devices Line-Voltage-Rated Devices
More results

Similar Description - LVR040S-1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
RXEF135 LITTELFUSE-RXEF135 Datasheet
344Kb / 2P
   PolySwitch PTC Devices
RXEF030 LITTELFUSE-RXEF030 Datasheet
348Kb / 2P
   PolySwitch PTC Devices
RXEF050 LITTELFUSE-RXEF050 Datasheet
345Kb / 2P
   PolySwitch PTC Devices
SMDH120 LITTELFUSE-SMDH120 Datasheet
97Kb / 2P
   PolySwitch PTC Devices
SRP350F LITTELFUSE-SRP350F Datasheet
164Kb / 2P
   PolySwitch PTC Devices
LVR016S LITTELFUSE-LVR016S Datasheet
362Kb / 3P
   PolySwitch PTC Devices
LVR055S LITTELFUSE-LVR055S Datasheet
367Kb / 3P
   PolySwitch PTC Devices
NANOASMDC035F LITTELFUSE-NANOASMDC035F Datasheet
342Kb / 2P
   PolySwitch PTC Devices
LVB125 LITTELFUSE-LVB125 Datasheet
362Kb / 3P
   PolySwitch PTC Devices
MICROSMD250LR-A-2 LITTELFUSE-MICROSMD250LR-A-2 Datasheet
302Kb / 3P
   PolySwitch PTC Devices
MINIASMDC110F-16 LITTELFUSE-MINIASMDC110F-16 Datasheet
96Kb / 2P
   PolySwitch PTC Devices
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com