Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4210-2 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4210-2
Description  Hot Swap Controller in 6-Lead SOT-23 Package
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4210-2 Datasheet(HTML) 5 Page - Linear Technology

  LTC4210-2 Datasheet HTML 1Page - Linear Technology LTC4210-2 Datasheet HTML 2Page - Linear Technology LTC4210-2 Datasheet HTML 3Page - Linear Technology LTC4210-2 Datasheet HTML 4Page - Linear Technology LTC4210-2 Datasheet HTML 5Page - Linear Technology LTC4210-2 Datasheet HTML 6Page - Linear Technology LTC4210-2 Datasheet HTML 7Page - Linear Technology LTC4210-2 Datasheet HTML 8Page - Linear Technology LTC4210-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC4210-1/LTC4210-2
421012f
4210 G16
SUPPLY VOLTAGE (V)
0
1.38
1.36
1.34
1.32
1.30
1.28
1.26
1.24
1.22
1.38
1.36
1.34
1.32
1.30
1.28
1.26
1.24
1.22
16
4
2
6
10
14
18
8
12
20
TA = 25°C
4210 G20
SUPPLY VOLTAGE (V)
0
1.45
1.40
1.35
1.30
1.25
1.20
1.15
1.10
1.05
16
4
2
6
10
14
18
8
12
20
TA = 25°C
4210 G22
SUPPLY VOLTAGE (V)
016
4
2
6
10
14
18
8
12
20
TA = 25°C
4210 G18
SUPPLY VOLTAGE (V)
0
0.24
0.23
0.22
0.21
0.20
0.19
0.18
0.17
0.16
0.24
0.23
0.22
0.21
0.20
0.19
0.18
0.17
0.16
16
4
2
6
10
14
18
8
12
20
TA = 25°C
–75
150
–25
–50
0
25
50
75 100 125
TEMPERATURE (
°C)
4210 G17
–75
150
–25
–50
0
25
50
75 100 125
TEMPERATURE (
°C)
4210 G21
VCC = 5V
–75
150
–25
–50
0
25
50
75 100 125
TEMPERATURE (
°C)
4210 G19
VCC = 5V
VCC = 5V
HIGH THRESHOLD
LOW THRESHOLD
1.45
1.40
1.35
1.30
1.25
1.20
1.15
1.10
1.05
–75
150
–25
–50
0
25
50
75 100 125
TEMPERATURE (
°C)
4210 G23
80
70
60
50
40
30
20
10
0
80
70
60
50
40
30
20
10
0
HIGH THRESHOLD
LOW THRESHOLD
VCC = 15V
VCC = 12V
VCC = 5V
VCC = 3V
TYPICAL PERFOR A CE CHARACTERISTICS
TIMER Low Threshold
vs Temperature
ON Pin Threshold
vs Temperature
tOFF(ONLOW) vs Supply Voltage
ON Pin Threshold
vs Supply Voltage
tOFF(ONLOW) vs Temperature
TIMER High Threshold
vs Supply Voltage
TIMER High Threshold
vs Temperature
TIMER Low Threshold
vs Supply Voltage


Similar Part No. - LTC4210-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4210-2 LINER-LTC4210-2_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
More results

Similar Description - LTC4210-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4210-3 LINER-LTC4210-3_15 Datasheet
230Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-3 LINER-LTC4210-3 Datasheet
224Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-1 LINER-LTC4210-1_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-4 LINER-LTC4210-4_15 Datasheet
230Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-2 LINER-LTC4210-2_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
logo
Analog Devices
ADM4210 AD-ADM4210_15 Datasheet
285Kb / 16P
   Hot Swap Controller in 6-Lead TSOT Package
REV. A
ADM4210 AD-ADM4210 Datasheet
307Kb / 16P
   Hot Swap Controller in 6-Lead TSOT Package
REV. 0
logo
Linear Technology
LTC4251-2 LINER-LTC4251-2_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B LINER-LTC4251B Datasheet
213Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251 LINER-LTC4251_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com